Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PCM3060 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part No. PCM3060
Description  24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
Download  45 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3060 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  PCM3060 Datasheet HTML 1Page - Burr-Brown (TI) PCM3060 Datasheet HTML 2Page - Burr-Brown (TI) PCM3060 Datasheet HTML 3Page - Burr-Brown (TI) PCM3060 Datasheet HTML 4Page - Burr-Brown (TI) PCM3060 Datasheet HTML 5Page - Burr-Brown (TI) PCM3060 Datasheet HTML 6Page - Burr-Brown (TI) PCM3060 Datasheet HTML 7Page - Burr-Brown (TI) PCM3060 Datasheet HTML 8Page - Burr-Brown (TI) PCM3060 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
www.ti.com
PCM3060
SLAS533 – MARCH 2007
ELECTRICAL CHARACTERISTICS (continued)
All specifications at T
A = 25°C, VCC = 5 V, VDD = 3.3 V, fS = 48 kHz, SCKI1 = SCKI2 = 512 fS, 24-bit data (unless otherwise
noted).
PCM3060PW
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
DYNAMIC PERFORMANCE (6)(7)
VIN = –1 dB, fS = 48 kHz
–93
–85
THD+N
Total harmonic distortion + noise
dB
VIN = –1 dB, fS = 96 kHz
–93
fS = 48 kHz, A-weighted
95
99
Dynamic range
dB
fS = 96 kHz, A-weighted
101
fS = 48 kHz, A-weighted
95
99
SNR
Signal-to-noise ratio
dB
fS = 96 kHz, A-weighted
101
fS = 48 kHz
92
96
Channel separation
dB
(between L-ch and R-ch)
fS = 96 kHz
98
fS1 = 48 kHz, fS2 = 44.1 kHz
92
96
Crosstalk from DAC
dB
fS1 = 96 kHz, fS2 = 44.1 kHz
98
DIGITAL FILTER PERFORMANCE
0.454
Pass band
Hz
fS
0.583
Stop band
Hz
fS
Pass-band ripple
< 0.454 fS
±0.05
dB
Stop-band attenuation
> 0.583 fS
–65
dB
Group delay time
17.4/fS
s
0.019 fS
HPF frequency response
–3 dB
Hz
/1000
DAC CHARACTERISTICS
Resolution
16
24
Bits
ANALOG OUTPUT
Single-ended
0.8 VCC
Output voltage
Vp-p
Differential
1.6 VCC
Single-ended
0.5 VCC
Center voltage
V
Differential
0.48 VCC
AC-coupled
5
Load impedance
k
DC-coupled
10
f = 20 kHz
–0.02
dB
LPF frequency response
f = 44 kHz
–0.07
–3 dB
300
kHz
DC ACCURACY
Gain mismatch,
±1
±4 % of FSR
channel-to-channel
Gain error
±2
±6 % of FSR
Single-ended
±1
±2
Bipolar zero error
% of FSR
Differential (VOUTX+ – VOUTX–)
±1
(6)
fIN = 1 kHz, using System Two audio measurement system by Audio Precision, RMS mode with 20-kHz LPF and 400-Hz HPF.
(7)
fS = 96 kHz: SCKI1 = SCKI2 = 256 fS, fS = 192 kHz: SCKI1 = 512 fS at fS = 48 kHz and SCKI2 = 128 fS at fS = 192 kHz.
4
Submit Documentation Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn