Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PCM3060 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part No. PCM3060
Description  24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
Download  45 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3060 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  PCM3060 Datasheet HTML 1Page - Burr-Brown (TI) PCM3060 Datasheet HTML 2Page - Burr-Brown (TI) PCM3060 Datasheet HTML 3Page - Burr-Brown (TI) PCM3060 Datasheet HTML 4Page - Burr-Brown (TI) PCM3060 Datasheet HTML 5Page - Burr-Brown (TI) PCM3060 Datasheet HTML 6Page - Burr-Brown (TI) PCM3060 Datasheet HTML 7Page - Burr-Brown (TI) PCM3060 Datasheet HTML 8Page - Burr-Brown (TI) PCM3060 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
PCM3060
SLAS533 – MARCH 2007
All specifications at T
A = 25°C, VCC = 5 V, VDD = 3.3 V, fS = 48 kHz, SCKI1 = SCKI2 = 512 fS, 24-bit data (unless otherwise
noted).
PCM3060PW
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
DIGITAL INPUT/OUTPUT
DATA FORMAT
Audio data interface format
I2S, LJ, RJ
Audio data word length
16, 24
Bits
Audio data format
MSB-first, 2s-complement
Sampling frequency, ADC
16
48
96
fS
kHz
Sampling frequency, DAC
16
48
192
System clock frequency
128, 192, 256, 384, 512, 768 fS
2.048
36.864
MHz
INPUT LOGIC
VIH (1)
2
VDD
VIL(1)
0.8
Input logic level
VDC
VIH(2)(3)
2
5.5
VIL(2) (3)
0.8
IIH(2)
VIN = VDD
±10
IIL(2)
VIN = 0 V
±10
Input logic current
µA
IIH(1) (3)
VIN = VDD
65
100
IIL(1) (3)
VIN = 0 V
±10
OUTPUT LOGIC
VOH(4)
IOUT = –4 mA
2.8
Output logic level
VDC
VOL(4)(5)
IOUT = 4 mA
0.5
REFERENCE OUTPUT
VCOM output voltage
0.5 VCC
V
VCOM output impedance
7
12.5
18
k
Allowable VCOM output
±1
µA
source/sink current
ADC CHARACTERISTICS
Resolution
16
24
Bits
ANALOG INPUT
Full scale input voltage
VINL, VINR = 0 dB
0.6 VCC
Vp-p
Center voltage
0.5 VCC
V
Input impedance
10
k
Antialiasing filter response
–3 dB
300
kHz
DC ACCURACY
Gain mismatch,
Full-scale input, VINL, VINR
±2
±8 % of FSR
channel-to-channel
Gain error
Full-scale input, VINL, VINR
±2
±8 % of FSR
Bipolar zero error
HPF bypass, VINL, VINR
±0.5
±2 % of FSR
(1)
BCK1, BCK2, LRCK1, LRCK2 (in slave mode, Schmitt-trigger input with 50-k
Ω typical internal pulldown resistor)
(2)
SCKI1, SCKI2, DIN, MS/ADR/IFMD, MC/SCL/FMT, MD/SDA/IFMD (Schmitt-trigger input, 5-V tolerant).
(3)
RST (Schmitt-trigger input with 50-k
Ω typical internal pulldown resistor, 5-V tolerant).
(4)
BCK1, BCK2, LRCK1, LRCK2 (in master mode), DOUT, ZEROL, ZEROR
(5)
MD/SDA/IFMD (in I2C mode, open drain LOW output)
3
Submit Documentation Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn