Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2690 Datasheet(PDF) 16 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2690
Description  Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2690 Datasheet(HTML) 16 Page - Burr-Brown (TI)

Back Button OPA2690 Datasheet HTML 12Page - Burr-Brown (TI) OPA2690 Datasheet HTML 13Page - Burr-Brown (TI) OPA2690 Datasheet HTML 14Page - Burr-Brown (TI) OPA2690 Datasheet HTML 15Page - Burr-Brown (TI) OPA2690 Datasheet HTML 16Page - Burr-Brown (TI) OPA2690 Datasheet HTML 17Page - Burr-Brown (TI) OPA2690 Datasheet HTML 18Page - Burr-Brown (TI) OPA2690 Datasheet HTML 19Page - Burr-Brown (TI) OPA2690 Datasheet HTML 20Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
www.ti.com
1/3
OPA3693
+5V
DIS
50W
V
O
R
F
300W
R
G
300W
R
M
60.4W
+
6.8 F
m
0.1 F
m
50
Load
W
-5V
+
6.8 F
m
0.1 F
m
50
Source
W
V
I
SINGLE-SUPPLY OPERATION
1/3
OPA3693
+5V
+V
S
DIS
V /2
S
604W
100W
V
O
V
I
604W
R
G
300W
R
F
300W
1000pF
1000pF
+
6.8 F
m
0.1 F
m
50
Source
W
60.4W
OPA3693
SBOS353 – DECEMBER 2006
Figure 44 shows the DC-coupled, gain of –1V/V
in the single +5V Typical Characteristic curves, the
buffer configuration used as a starting point for the
OPA3693 provides > 300MHz bandwidth driving a
gain of –1V/V Typical Characteristic curves. The
3VPP swing into a 100Ω load. The key requirement of
input impedance is set to 50
Ω using the parallel
broadband single-supply operation is to maintain
combination of an external 60.4
Ω resistor and the
input and output signal swings within the useable
internal 300
Ω R
G resistor. The noninverting input is
voltage ranges at both the input and the output.
tied directly to ground. Since the internal design for
The circuit of Figure 45 shows the AC-coupled, gain
the OPA3693 is current-feedback, trying to get
of +2V/V, video buffer circuit used as the basis for
improved dc accuracy by including a resistor on the
the
Electrical
Characteristics table
and
Typical
noninverting input to ground is ineffective. Using a
Characteristics curves. The circuit of Figure 45
direct short to ground on the noninverting input
establishes an input midpoint bias using a simple
reduces both the contribution of the dc bias current
resistive divider from the +5V supply (two 604
and noise current to the output error. While the
resistors). The input signal is then AC-coupled into
external 60.4
Ω is used here to match to the 50Ω
this midpoint voltage bias. The input voltage can
source from the test equipment, the maximum input
swing to within 1.6V of either supply pin, giving a
impedance in this configuration is limited to the 300
1.8VPP input signal range centered between the
R
G
resistor even with the R
M
resistor removed.
supply pins. The input impedance matching resistor
Unlike the noninverting unity gain buffer application,
(60.4
Ω) used for testing is adjusted to give a 50Ω
removing R
M
does not strongly impact the dc
input match when the parallel combination of the
operating
point
because
the
short
on
the
biasing divider network is included. The gain resistor
noninverting input of Figure 44 provides the dc
(RG) is AC-coupled, giving the circuit a dc gain of
operating voltage. This application of the OPA3693
+1V/V, which puts the input dc bias voltage (2.5V) on
provides a very broadband, high-output, signal
the output as well. Again, on a single +5V supply, the
inverter.
output voltage can swing to within 1V of either supply
pin while delivering more than 85mA output current.
A demanding 100
Ω load to a midpoint bias is used in
this characterization circuit. The new output stage
used in the OPA3693 can deliver large bipolar output
current into this midpoint load with minimal crossover
distortion,
as
illustrated
by
the
+5V
supply,
3rd-harmonic distortion plots.
Figure 44. DC-Coupled, G = –1V/V,
Bipolar-Supply Specification and Test Circuit
The OPA3693 may be used over a single-supply
range of +3.5V to +12V. Though not a rail-to-rail
Figure 45. AC-Coupled, G = +2V/V, Single-Supply
output design, the OPA3693 requires minimal input
Specification and Test Circuit
and output voltage headroom compared to other
very-wideband video buffer amplifiers. As illustrated
16
Submit Documentation Feedback


Similar Part No. - OPA2690

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2690 TI-OPA2690 Datasheet
410Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA2690 TI1-OPA2690 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA2690 TI-OPA2690 Datasheet
376Kb / 27P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA2690 TI1-OPA2690 Datasheet
1Mb / 39P
[Old version datasheet]   Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIE
OPA2690 TI-OPA2690 Datasheet
410Kb / 23P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
More results

Similar Description - OPA2690

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA3693 BURR-BROWN-OPA3693 Datasheet
942Kb / 29P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
logo
Texas Instruments
OPA3692IDBQT TI-OPA3692IDBQT Datasheet
1Mb / 27P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA693 BURR-BROWN-OPA693 Datasheet
522Kb / 25P
   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER with Disable
OPA692 BURR-BROWN-OPA692 Datasheet
498Kb / 26P
   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3682 BURR-BROWN-OPA3682 Datasheet
234Kb / 19P
   Triple, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA692IDBVTG4 TI-OPA692IDBVTG4 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA682 BURR-BROWN-OPA682 Datasheet
213Kb / 20P
   Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA693 TI1-OPA693 Datasheet
981Kb / 32P
[Old version datasheet]   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
logo
Burr-Brown (TI)
OPA2682 BURR-BROWN-OPA2682 Datasheet
182Kb / 19P
   Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com