Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2690 Datasheet(PDF) 18 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2690
Description  Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2690 Datasheet(HTML) 18 Page - Burr-Brown (TI)

Back Button OPA2690 Datasheet HTML 14Page - Burr-Brown (TI) OPA2690 Datasheet HTML 15Page - Burr-Brown (TI) OPA2690 Datasheet HTML 16Page - Burr-Brown (TI) OPA2690 Datasheet HTML 17Page - Burr-Brown (TI) OPA2690 Datasheet HTML 18Page - Burr-Brown (TI) OPA2690 Datasheet HTML 19Page - Burr-Brown (TI) OPA2690 Datasheet HTML 20Page - Burr-Brown (TI) OPA2690 Datasheet HTML 21Page - Burr-Brown (TI) OPA2690 Datasheet HTML 22Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
www.ti.com
HIGH-FREQUENCY ACTIVE FILTERS
9
6
3
0
-3
-6
-9
-12
-15
-18
-21
-24
1
10
100
1000
Frequency(MHz)
1/3
OPA3693
+5V
-5V
50W
50W
22pF
226W
100W
0W
Source
R
G
300W
R
F
300W
22pF
V
I
V
O
OPA3693
SBOS353 – DECEMBER 2006
This
type
of
filter
depends
on
a
low
output
impedance from the amplifier through very high
The extremely wide bandwidth of the OPA3693
frequencies to continue to provide an increasing
allows a wide range of active filter topologies to be
attenuation with frequency. As the amplifier output
implemented
with
minimal
amplifier
bandwidth
impedance rises with frequency, any input signal or
interaction in the filter shape. Sallen-Key filters, for
noise starts to feed directly through to the output via
example, using either a gain of +1V/V or gain of
the feedback capacitor. Because the OPA3693 used
+2V/V amplifier, may be easily implemented with no
in Figure 49 has a 650MHz bandwidth, the active
external gain setting elements. In general, given a
filter
continues
to
rolloff
through
frequencies
desired filter
ω
O, the amplifier should have at least
exceeding 200MHz. Figure 50 shows the frequency
20X that
ω
O to minimize filter interaction with the
response for the filter of Figure 49, where the desired
amplifier frequency response. Figure 49 illustrates an
40MHz cutoff is achieved and a 40dB/dec roll-off is
example gain of +2 line driver using the OPA3693
held through very high frequencies.
that incorporates a 40MHz low-pass Butterworth
response with just a few external components. The
filter resistor values have been adjusted slightly here
from an ideal filter analysis to account for parasitic
effects.
Figure 50. 40MHz Low-Pass Active Filter
Response
Figure 49. Line Driver with 40MHz Low-Pass
Active Filter
18
Submit Documentation Feedback


Similar Part No. - OPA2690

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2690 TI-OPA2690 Datasheet
410Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA2690 TI1-OPA2690 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA2690 TI-OPA2690 Datasheet
376Kb / 27P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA2690 TI1-OPA2690 Datasheet
1Mb / 39P
[Old version datasheet]   Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIE
OPA2690 TI-OPA2690 Datasheet
410Kb / 23P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
More results

Similar Description - OPA2690

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA3693 BURR-BROWN-OPA3693 Datasheet
942Kb / 29P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
logo
Texas Instruments
OPA3692IDBQT TI-OPA3692IDBQT Datasheet
1Mb / 27P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA693 BURR-BROWN-OPA693 Datasheet
522Kb / 25P
   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER with Disable
OPA692 BURR-BROWN-OPA692 Datasheet
498Kb / 26P
   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3682 BURR-BROWN-OPA3682 Datasheet
234Kb / 19P
   Triple, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA692IDBVTG4 TI-OPA692IDBVTG4 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA682 BURR-BROWN-OPA682 Datasheet
213Kb / 20P
   Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA693 TI1-OPA693 Datasheet
981Kb / 32P
[Old version datasheet]   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
logo
Burr-Brown (TI)
OPA2682 BURR-BROWN-OPA2682 Datasheet
182Kb / 19P
   Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com