Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSAV450QSC Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FSAV450QSC
Description  800MHz 4 Channel 2:1 Video Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSAV450QSC Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FSAV450QSC Datasheet HTML 2Page - Fairchild Semiconductor FSAV450QSC Datasheet HTML 3Page - Fairchild Semiconductor FSAV450QSC Datasheet HTML 4Page - Fairchild Semiconductor FSAV450QSC Datasheet HTML 5Page - Fairchild Semiconductor FSAV450QSC Datasheet HTML 6Page - Fairchild Semiconductor FSAV450QSC Datasheet HTML 7Page - Fairchild Semiconductor FSAV450QSC Datasheet HTML 8Page - Fairchild Semiconductor FSAV450QSC Datasheet HTML 9Page - Fairchild Semiconductor FSAV450QSC Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.fairchildsemi.com
6
FIGURE 6. RON Switch On Resistance, ION = 13mA
FIGURE 7. RON Switch On Resistance, ION = 26mA


Similar Part No. - FSAV450QSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAV450QSC FAIRCHILD-FSAV450QSC Datasheet
1,017Kb / 11P
   800MHz Quad SPDT LCD/Plasma Video Switch
FSAV450QSC FAIRCHILD-FSAV450QSC Datasheet
535Kb / 12P
   800MHz 4 Channel 2:1 Video Switch
FSAV450QSCX FAIRCHILD-FSAV450QSCX Datasheet
535Kb / 12P
   800MHz 4 Channel 2:1 Video Switch
More results

Similar Description - FSAV450QSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAV450 FAIRCHILD-FSAV450_11 Datasheet
998Kb / 9P
   800MHz, 4-Channel, 2:1 Video Switch
FSAV450QSCX FAIRCHILD-FSAV450QSCX Datasheet
535Kb / 12P
   800MHz 4 Channel 2:1 Video Switch
FSAV330 FAIRCHILD-FSAV330_08 Datasheet
470Kb / 9P
   4-Channel, 2:1 Video Switch
logo
ON Semiconductor
FSAV330 ONSEMI-FSAV330 Datasheet
617Kb / 11P
   4-Channel, 2:1 Video Switch
September 2010 Rev. 1.0.4
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330_10 Datasheet
584Kb / 9P
   4-Channel, 2:1 Video Switch
FSAV430 FAIRCHILD-FSAV430_11 Datasheet
899Kb / 10P
   Low Voltage 1.1GHz, 4-Channel, 2:1 Video Switch
FSAV430 FAIRCHILD-FSAV430_05 Datasheet
544Kb / 12P
   Low Voltage 1.1GHz 4 Channel 2:1 Video Switch
logo
ON Semiconductor
FSAV430 ONSEMI-FSAV430 Datasheet
909Kb / 12P
   Low Voltage 1.1GHz, 4-Channel, 2:1 Video Switch
January 2011 Rev. 1.02
logo
Fairchild Semiconductor
FSAV331 FAIRCHILD-FSAV331_05 Datasheet
163Kb / 7P
   Dual Channel 4:1 Video Switch
FSAV331MTCX FAIRCHILD-FSAV331MTCX Datasheet
609Kb / 7P
   Dual-Channel, 4:1 Video Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com