Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSAV433MTC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSAV433MTC
Description  High-Bandwidth (550MHz) Three-Channel 3:1 Video Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSAV433MTC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSAV433MTC Datasheet HTML 1Page - Fairchild Semiconductor FSAV433MTC Datasheet HTML 2Page - Fairchild Semiconductor FSAV433MTC Datasheet HTML 3Page - Fairchild Semiconductor FSAV433MTC Datasheet HTML 4Page - Fairchild Semiconductor FSAV433MTC Datasheet HTML 5Page - Fairchild Semiconductor FSAV433MTC Datasheet HTML 6Page - Fairchild Semiconductor FSAV433MTC Datasheet HTML 7Page - Fairchild Semiconductor FSAV433MTC Datasheet HTML 8Page - Fairchild Semiconductor FSAV433MTC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
August 2006
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSAV433 Rev. 1.4.1
FSAV433
High-Bandwidth (550MHz) Three-Channel 3:1 Video
Switch
Features
Ground between channels to optimize isolation and
reduce hostile crosstalk
-70dB non-adjacent channel crosstalk at 30MHz
6.5Ω typical On Resistance (RON)
-3dB bandwidth: 550MHz
Low power consumption (1µA max)
Applications
RGB Video Switch in LCD, Plasma, and Projection
displays
DVD-RW, notebook
Description
The FSAV433 is an ultra-low power, high-bandwidth
video switch specially designed for switching three ana-
log video signals, including computer RGB and high-def-
inition YPbPr signals. The wide bandwidth (550MHz) of
the switch allows signal passage with minimum edge
and phase distortion, while
−70dB non-adjacent channel
crosstalk generates negligible image noise between
active channels. Optimized differential gain and phases
maintain the image integrity of video applications, while
low On Resistance offers low signal insertion loss.
The Fairchild switch family derives from and embodies
Fairchild’s proven switch technology used for years in its
74LVX3L384 (FST3384) bus switch product.
Ordering Information
Notes:
1.
Pb-Free package per JEDEC J-STD-020B.
Application Diagram
Order Number
Package
Number
Pb-
Free(1)
Package Description
Packing
Method
FSAV433BQX
MLP020B
Yes
20-Terminal Depopulated Quad Very-Thin Flat Pack No
Leads (DQFN), JEDEC MO-241, 2.5 x 4.5mm
Tape & Reel
FSAV433MTC
MTC20
Yes
20-Lead Thin Shrink Small Outline Package (TSSOP),
JEDEC MO-153, 4.4mm Wide
Tube
FSAV433MTCX
MTC20
Yes
20-Lead Thin Shrink Small Outline Package (TSSOP),
JEDEC MO-153, 4.4mm Wide
Tape & Reel


Similar Part No. - FSAV433MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAV433MTC FAIRCHILD-FSAV433MTC Datasheet
801Kb / 11P
   Low Voltage Ultra Low Power High Bandwidth (550MHz) 3-Port 3:1 Video Switch
logo
ON Semiconductor
FSAV433MTCX ONSEMI-FSAV433MTCX Datasheet
888Kb / 12P
   High-Bandwidth (550MHz), 3-Channel, 3:1 Video Switch
January 2011 Rev. 1.4.3
logo
Fairchild Semiconductor
FSAV433MTCX FAIRCHILD-FSAV433MTCX_11 Datasheet
1Mb / 10P
   High-Bandwidth (550MHz), 3-Channel, 3:1 Video Switch
More results

Similar Description - FSAV433MTC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSAV433 ONSEMI-FSAV433 Datasheet
888Kb / 12P
   High-Bandwidth (550MHz), 3-Channel, 3:1 Video Switch
January 2011 Rev. 1.4.3
logo
Fairchild Semiconductor
FSAV433 FAIRCHILD-FSAV433_11 Datasheet
1Mb / 10P
   High-Bandwidth (550MHz), 3-Channel, 3:1 Video Switch
FSAV433 FAIRCHILD-FSAV433 Datasheet
801Kb / 11P
   Low Voltage Ultra Low Power High Bandwidth (550MHz) 3-Port 3:1 Video Switch
logo
Potato Semiconductor Co...
PO3B341A POTATO-PO3B341A Datasheet
559Kb / 6P
   High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch
PO3B341A POTATO-PO3B341A_14 Datasheet
1Mb / 6P
   High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch
logo
Texas Instruments
TL52055 TI-TL52055_07 Datasheet
220Kb / 11P
[Old version datasheet]   WIDE-BANDWIDTH,2-INPUT,1-OUTPUT 3-CIRCUIT VIDEO SWITCH
TL52055 TI-TL52055 Datasheet
233Kb / 10P
[Old version datasheet]   WIDE BANDWIDTH 2 INPUT 1 OUTPUT 3-CIRCUIT VIDEO SWITCH
logo
Fairchild Semiconductor
FSAV331MTC FAIRCHILD-FSAV331MTC Datasheet
138Kb / 6P
   Dual 4:1 Wide Bandwidth Video Switch
FSAV332 FAIRCHILD-FSAV332 Datasheet
119Kb / 7P
   Wide Bandwidth Video Switch
logo
Pericom Semiconductor C...
PI3V341 PERICOM-PI3V341 Datasheet
629Kb / 10P
   Low On-Resistance, 3.3V High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com