Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSAV433MTC Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FSAV433MTC
Description  High-Bandwidth (550MHz) Three-Channel 3:1 Video Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSAV433MTC Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FSAV433MTC Datasheet HTML 3Page - Fairchild Semiconductor FSAV433MTC Datasheet HTML 4Page - Fairchild Semiconductor FSAV433MTC Datasheet HTML 5Page - Fairchild Semiconductor FSAV433MTC Datasheet HTML 6Page - Fairchild Semiconductor FSAV433MTC Datasheet HTML 7Page - Fairchild Semiconductor FSAV433MTC Datasheet HTML 8Page - Fairchild Semiconductor FSAV433MTC Datasheet HTML 9Page - Fairchild Semiconductor FSAV433MTC Datasheet HTML 10Page - Fairchild Semiconductor FSAV433MTC Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSAV433 Rev. 1.4.1
7
Test Diagrams
Figure 6. On Resistance
Figure 7. OFF Leakage
Figure 8. ON Leakage
RL and CL are functions of application environment (50,
75, or 100
Ω) CL includes test fixture and stray capaci-
tance
Figure 9. Test Circuit Load
Figure 10. Turn ON / Turn OFF Waveforms


Similar Part No. - FSAV433MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAV433MTC FAIRCHILD-FSAV433MTC Datasheet
801Kb / 11P
   Low Voltage Ultra Low Power High Bandwidth (550MHz) 3-Port 3:1 Video Switch
logo
ON Semiconductor
FSAV433MTCX ONSEMI-FSAV433MTCX Datasheet
888Kb / 12P
   High-Bandwidth (550MHz), 3-Channel, 3:1 Video Switch
January 2011 Rev. 1.4.3
logo
Fairchild Semiconductor
FSAV433MTCX FAIRCHILD-FSAV433MTCX_11 Datasheet
1Mb / 10P
   High-Bandwidth (550MHz), 3-Channel, 3:1 Video Switch
More results

Similar Description - FSAV433MTC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSAV433 ONSEMI-FSAV433 Datasheet
888Kb / 12P
   High-Bandwidth (550MHz), 3-Channel, 3:1 Video Switch
January 2011 Rev. 1.4.3
logo
Fairchild Semiconductor
FSAV433 FAIRCHILD-FSAV433_11 Datasheet
1Mb / 10P
   High-Bandwidth (550MHz), 3-Channel, 3:1 Video Switch
FSAV433 FAIRCHILD-FSAV433 Datasheet
801Kb / 11P
   Low Voltage Ultra Low Power High Bandwidth (550MHz) 3-Port 3:1 Video Switch
logo
Potato Semiconductor Co...
PO3B341A POTATO-PO3B341A Datasheet
559Kb / 6P
   High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch
PO3B341A POTATO-PO3B341A_14 Datasheet
1Mb / 6P
   High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch
logo
Texas Instruments
TL52055 TI-TL52055_07 Datasheet
220Kb / 11P
[Old version datasheet]   WIDE-BANDWIDTH,2-INPUT,1-OUTPUT 3-CIRCUIT VIDEO SWITCH
TL52055 TI-TL52055 Datasheet
233Kb / 10P
[Old version datasheet]   WIDE BANDWIDTH 2 INPUT 1 OUTPUT 3-CIRCUIT VIDEO SWITCH
logo
Fairchild Semiconductor
FSAV331MTC FAIRCHILD-FSAV331MTC Datasheet
138Kb / 6P
   Dual 4:1 Wide Bandwidth Video Switch
FSAV332 FAIRCHILD-FSAV332 Datasheet
119Kb / 7P
   Wide Bandwidth Video Switch
logo
Pericom Semiconductor C...
PI3V341 PERICOM-PI3V341 Datasheet
629Kb / 10P
   Low On-Resistance, 3.3V High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com