Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSAV430 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FSAV430
Description  Low Voltage 1.1GHz 4 Channel 2:1 Video Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSAV430 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FSAV430 Datasheet HTML 1Page - Fairchild Semiconductor FSAV430 Datasheet HTML 2Page - Fairchild Semiconductor FSAV430 Datasheet HTML 3Page - Fairchild Semiconductor FSAV430 Datasheet HTML 4Page - Fairchild Semiconductor FSAV430 Datasheet HTML 5Page - Fairchild Semiconductor FSAV430 Datasheet HTML 6Page - Fairchild Semiconductor FSAV430 Datasheet HTML 7Page - Fairchild Semiconductor FSAV430 Datasheet HTML 8Page - Fairchild Semiconductor FSAV430 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
Recommended Operating Conditions
(Note 4)
Note 2: The Absolute Maximum Ratings are those values beyond which the safety of
the device cannot be guaranteed. The device should not be operated at these limits.
The parametric values defined in the Electrical Characteristics tables are not guaran-
teed at the absolute maximum rating. The Recommended Operating Conditions
tables will define the conditions for actual device operation.
Note 3: The input and output negative voltage ratings may be exceeded if the input
and output diode current ratings are observed.
Note 4: Unused control inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Note 5: Typical values are at TA = 25qC
Note 6: Measured by the voltage drop between A and B pins at the indicated current through the switch. On Resistance is determined by the lower of the voltages on the two
(A or B) pins.
Note 7: Flatness is defined as the difference between the maximum and minimum value On Resistance over the specified range of conditions.
Supply Voltage (VCC)
0.5V to 4.6V
DC Switch Voltage (VS)
0.5V to VCC 0.05V
DC Input Voltage (VIN) (Note 3)
0.5V to 4.6V
DC Input Diode Current (lIK) VIN  0V
50 mA
DC Output (IOUT) Sink Current
128 mA
DC VCC/GND Current (ICC/IGND)
r100 mA
Storage Temperature Range (TSTG)
65qC to 150 qC
ESD
Human Body Model
4kV
Power Supply Operating (VCC)
3.0V to 3.6V
Input Voltage (VIN)0V to VCC
Output Voltage (VOUT)0V to VCC
Input Rise and Fall Time (tr, tf)
Switch Control Input
0 ns/V to 5 ns/V
Switch I/O
0 ns/V to DC
Free Air Operating Temperature (TA)
40 qC to 85 qC
Symbol
Parameter
VCC
(V)
TA = 40 qC to 85 qC
Units
Conditions
Min
Typ
(Note 5)
Max
Analog Signal Range
0
2.0
V
VIK
Clamp Diode Voltage
3.0
1.2
V
IIN = 18 mA
VIH
HIGH Level Input Voltage
3.0 - 3.6
2.0
V
VIL
LOW Level Input Voltage
3.0 - 3.6
0.8
V
II
Input Leakage Current
3.6
r1.0
PA0 d VIN d 3.6V
IOFF
OFF-STATE Leakage Current
3.6
r1.0
PA0 d A, B d VCC
RON
Switch On Resistance
3.0
5.0
7.0
:
VIN = 1.0V
(Note 6)
RI = 75 :, ION = 13 mA
3.0
4.5
6.0
:
VIN = 2.0V
RI = 75 :, ION = 26 mA
RFLAT(ON)
On Resistance Flatness (Note 7)
3.0
1.0
:
IOUT = 13 mA, VIN = 0 to VCC
ICC
Quiescent Supply Current
3.6
1.0
PAVIN = VCC or GND, IOUT = 0
' ICC
Increase in ICC per Input
3.6
30.0
uA
One Input at 3.0V
Other Inputs at VCC or GND


Similar Part No. - FSAV430

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAV430 FAIRCHILD-FSAV430 Datasheet
1Mb / 11P
   Low Voltage Ultra Low Power High Bandwidth (1.1GHz) Quad SPDT Video Switch
logo
ON Semiconductor
FSAV430 ONSEMI-FSAV430 Datasheet
909Kb / 12P
   Low Voltage 1.1GHz, 4-Channel, 2:1 Video Switch
January 2011 Rev. 1.02
logo
Fairchild Semiconductor
FSAV430BQX FAIRCHILD-FSAV430BQX Datasheet
1Mb / 11P
   Low Voltage Ultra Low Power High Bandwidth (1.1GHz) Quad SPDT Video Switch
FSAV430MTC FAIRCHILD-FSAV430MTC Datasheet
1Mb / 11P
   Low Voltage Ultra Low Power High Bandwidth (1.1GHz) Quad SPDT Video Switch
logo
ON Semiconductor
FSAV430MTCX ONSEMI-FSAV430MTCX Datasheet
909Kb / 12P
   Low Voltage 1.1GHz, 4-Channel, 2:1 Video Switch
January 2011 Rev. 1.02
More results

Similar Description - FSAV430

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAV430 FAIRCHILD-FSAV430_11 Datasheet
899Kb / 10P
   Low Voltage 1.1GHz, 4-Channel, 2:1 Video Switch
logo
ON Semiconductor
FSAV430 ONSEMI-FSAV430 Datasheet
909Kb / 12P
   Low Voltage 1.1GHz, 4-Channel, 2:1 Video Switch
January 2011 Rev. 1.02
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330_08 Datasheet
470Kb / 9P
   4-Channel, 2:1 Video Switch
logo
ON Semiconductor
FSAV330 ONSEMI-FSAV330 Datasheet
617Kb / 11P
   4-Channel, 2:1 Video Switch
September 2010 Rev. 1.0.4
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330_10 Datasheet
584Kb / 9P
   4-Channel, 2:1 Video Switch
FSAV450 FAIRCHILD-FSAV450_11 Datasheet
998Kb / 9P
   800MHz, 4-Channel, 2:1 Video Switch
FSAV450QSCX FAIRCHILD-FSAV450QSCX Datasheet
535Kb / 12P
   800MHz 4 Channel 2:1 Video Switch
FSAV450_0508 FAIRCHILD-FSAV450_0508 Datasheet
529Kb / 12P
   800MHz 4 Channel 2:1 Video Switch
FSAV430 FAIRCHILD-FSAV430 Datasheet
1Mb / 11P
   Low Voltage Ultra Low Power High Bandwidth (1.1GHz) Quad SPDT Video Switch
FSAV331 FAIRCHILD-FSAV331_05 Datasheet
163Kb / 7P
   Dual Channel 4:1 Video Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com