Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSAB20PH60 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FSAB20PH60
Description  Smart Power Module for Partial Switching Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSAB20PH60 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FSAB20PH60_06 Datasheet HTML 2Page - Fairchild Semiconductor FSAB20PH60_06 Datasheet HTML 3Page - Fairchild Semiconductor FSAB20PH60_06 Datasheet HTML 4Page - Fairchild Semiconductor FSAB20PH60_06 Datasheet HTML 5Page - Fairchild Semiconductor FSAB20PH60_06 Datasheet HTML 6Page - Fairchild Semiconductor FSAB20PH60_06 Datasheet HTML 7Page - Fairchild Semiconductor FSAB20PH60_06 Datasheet HTML 8Page - Fairchild Semiconductor FSAB20PH60_06 Datasheet HTML 9Page - Fairchild Semiconductor FSAB20PH60_06 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
www.fairchildsemi.com
FSAB20PH60 Rev. A
Electrical Characteristics (T
J = 25°C, Unless Otherwise Specified)
Control Part
Note:
4. Over current protection is functioning only for the low-side IGBT.
5. The fault-out pulse width tFOD depends on the capacitance value of CFOD according to the following approximate equation : CFOD = 18.3 x 10
-6 x t
FOD[F]
Recommended Operating Conditions
Note:
6. Regarding the switching method of FSAB20PH60, it follows the control method of the typical partial-switching power factor correction circuit as shown in Figure 5.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
IQCCL
Quiescent VCC Supply
Current
VCC = 15V
IN(L) = 0V
VCC(L) - COM
-
-
23
mA
VFOH
Fault Output Voltage
VSC = 0V, VFO Circuit: 4.7kΩ to 5V Pull-up
4.5
-
-
V
VFOL
VSC = 1V, VFO Circuit: 4.7kΩ to 5V Pull-up
-
-
0.8
V
VSC(ref)
Short Circuit Trip Level
VCC = 15V (Note 4)
0.45
0.5
0.55
V
UVCCD
Supply Circuit Under-
Voltage Protection
Detection Level
10.7
11.9
13.0
V
UVCCR
Reset Level
11.2
12.4
13.2
V
tFOD
Fault-out Pulse Width
CFOD = 33nF (Note 5)
1.0
1.8
-
ms
VIN(ON)
ON Threshold Voltage
Applied between IN(R), IN(S) - COM
3.0
-
-
V
VIN(OFF)
OFF Threshold Voltage
-
-
0.8
V
RTH
Resistance of Thermistor
@ TC = 25°C (Note Fig. 10)
-
50
-
k
@ TC = 80°C (Note Fig. 10)
-
5.76
-
k
Symbol
Parameter
Condition
Value
Units
Min.
Typ.
Max.
Vi
Input Supply Voltage
Applied between R - S
187
-
276
Vrms
VPN
Output Voltage
Applied between P - N
-
280
400
V
VCC
Control Supply Voltage
Applied between VCC - COM
13.5
15
16.5
V
fPWM
PWM Input Signal
TC ≤ 100°C, TJ ≤ 125°C, Per IGBT (Note 6)
-
60
-
Hz


Similar Part No. - FSAB20PH60_06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAB20PH60 FAIRCHILD-FSAB20PH60 Datasheet
589Kb / 16P
   Smart Power Module for Partial Switching Converter
More results

Similar Description - FSAB20PH60_06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAB20PH60 FAIRCHILD-FSAB20PH60 Datasheet
589Kb / 16P
   Smart Power Module for Partial Switching Converter
logo
Sanken electric
SLA5222 SANKEN-SLA5222 Datasheet
519Kb / 10P
   For partial switching PFC
logo
Shindengen Electric Mfg...
MR1000 SHINDENGEN-MR1000 Datasheet
418Kb / 3P
   (MR1xxx) IC module for partial resonance power
logo
Renesas Technology Corp
RJP65T54DPM-E0 RENESAS-RJP65T54DPM-E0 Datasheet
268Kb / 8P
   Partial switching circuit
logo
Fairchild Semiconductor
FCAS20DN60BB FAIRCHILD-FCAS20DN60BB Datasheet
588Kb / 14P
   Smart Power Module for SRM
FCAS50SN60 FAIRCHILD-FCAS50SN60 Datasheet
489Kb / 16P
   Smart Power Module for SRM
FCAS30DN60BB FAIRCHILD-FCAS30DN60BB Datasheet
384Kb / 14P
   Smart Power Module for SRM
FCAS50SN60 FAIRCHILD-FCAS50SN60_06 Datasheet
234Kb / 16P
   Smart Power Module for SRM
logo
Shindengen Electric Mfg...
MR2920 SHINDENGEN-MR2920 Datasheet
226Kb / 19P
   Provision for Standby mode operation Partial Resonance Power Supply IC Module
logo
Fairchild Semiconductor
FSBS10CH60 FAIRCHILD-FSBS10CH60 Datasheet
553Kb / 16P
   Smart Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com