Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS8S0765RCBYDTU Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FS8S0765RCBYDTU
Description  Fairchild Power Switch (FPS??
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FS8S0765RCBYDTU Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FS8S0765RCBYDTU Datasheet HTML 7Page - Fairchild Semiconductor FS8S0765RCBYDTU Datasheet HTML 8Page - Fairchild Semiconductor FS8S0765RCBYDTU Datasheet HTML 9Page - Fairchild Semiconductor FS8S0765RCBYDTU Datasheet HTML 10Page - Fairchild Semiconductor FS8S0765RCBYDTU Datasheet HTML 11Page - Fairchild Semiconductor FS8S0765RCBYDTU Datasheet HTML 12Page - Fairchild Semiconductor FS8S0765RCBYDTU Datasheet HTML 13Page - Fairchild Semiconductor FS8S0765RCBYDTU Datasheet HTML 14Page - Fairchild Semiconductor FS8S0765RCBYDTU Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
www.fairchildsemi.com
FS8S0765RCB Rev. 1.0.2
Functional Description
1. Start up: To guarantee stable operation of the control
IC, FS8S0765RCB has UVLO circuit with 6V hysteresis
band. Figure 22 shows the relation between the supply
current (Icc) and the supply voltage (Vcc). Before Vcc
reaches 15V, the FPS consumes only startup current of
80mA, which is usually provided by the DC link through
the start-up resistor. When Vcc reaches 15V, the FPS
begins operation and the operating current increases to
15mA as shown. Once the control IC starts operation, it
continues normal operation until Vcc goes below the
stop voltage of 9V.
Figure 22. High Voltage Current Source
2. Feedback Control: FS8S0765RCB employs primary
side regulation, which permits elimination of feedback
circuit components in the secondary side, such as opto-
coupler and TL431. Figure 23 shows the primary side
control circuit. The primary side regulation voltage (Vpsr)
is controlled to the breakdown voltage of zener diode
(Dz). Because current mode control is employed, the
drain current of the power MOSFET is limited by the
inverting input of PWM comparator (Vfb*). When
MOSFET turns on, usually there exists high current
spike in the MOSFET current caused by primary-side
capacitance
and
secondary-side
rectifier
reverse
recovery. To prevent premature termination of the
switching pulse due to the current spike, the FPS
employs leading edge blanking (LEB). The leading edge
blanking circuit inhibits the PWM comparator for a short
time after the MOSFET is turned on.
Figure 23. Pulse-Width Modulation (PWM)
Circuit
3. Protection function: FS8S0765RCB has four self-
protective functions such as abnormal over current
protection (AOCP), overload protection (OLP), over-
voltage protection (OVP) and thermal shutdown (TSD).
Because these protection circuits are fully integrated into
the IC without external components, the reliability can be
improved without cost increase. In the event of these
fault conditions, the FPS enters into auto-restart
operation. Once the fault condition occurs, switching
operation is terminated and MOSFET remains off, which
forces Vcc to be reduced. When Vcc reaches 9V, the
protection is reset and the supply current reduces to 80
μA. Then, Vcc begin to increase with the current
provided through the start-up resistor. When Vcc
reaches 15V, the FPS resumes normal operation if the
fault condition is removed. In this manner, the auto-
restart alternately enables and disables the switching of
the power MOSFET until the fault condition is eliminated,
as illustrated in Figure 24.
Figure 24. Auto restart operation after
protection
3.1 Abnormal Over Current Protection (AOCP): When
the secondary rectifying diodes or the transformer pins
are shorted, a steep current with extremely high di/dt can
flow during the LEB time. Therefore, the abnormal over-
current protection (AOCP) block is added to ensure the
reliability, as shown in Figure 25. It turns off the
SenseFET within 300ns after the abnormal over-current
condition is sensed.
Figure 25. AOCP block
Vstop=9V
Vstart=15V
80uA
OVP
Vcc
Icc
15mA
4
OSC
Vcc
Vref
2uA
0.9m
A
V
SD
R
2.5R
FB
Gate
driver
OLP
D1
D2
Vfb*
Vfb
Cfb
D
Z
R
Z
V
psr
time
time
V
V
15V
9V
Vcc
Vds
Protection is activated
(OCP,OLP,OVP or TSD)
Auto restart
Vcc
GATE
DRIVER
AOCPCOMP.
Vsense : 1V
SenseFE
T
S Q'
R
OVP
OLP
TSD
UVLO
PWMComp


Similar Part No. - FS8S0765RCBYDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FS8S0765RCBYDTU FAIRCHILD-FS8S0765RCBYDTU Datasheet
1Mb / 20P
   Fairchild Power Switch(FPS)
More results

Similar Description - FS8S0765RCBYDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com