Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSA66 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSA66
Description  Low-Voltage UHS Single SPST Normally Open Analog Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA66 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSA66 Datasheet HTML 1Page - Fairchild Semiconductor FSA66 Datasheet HTML 2Page - Fairchild Semiconductor FSA66 Datasheet HTML 3Page - Fairchild Semiconductor FSA66 Datasheet HTML 4Page - Fairchild Semiconductor FSA66 Datasheet HTML 5Page - Fairchild Semiconductor FSA66 Datasheet HTML 6Page - Fairchild Semiconductor FSA66 Datasheet HTML 7Page - Fairchild Semiconductor FSA66 Datasheet HTML 8Page - Fairchild Semiconductor FSA66 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
June 2006
©2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FSA66 Rev. 1.0.1
FSA66
Low-Voltage UHS Single SPST
Normally Open Analog Switch
Features
Space-saving SOT23 or SC70 5-lead package
Ultra small MicroPak™ leadless package
Broad VCC operating range: 1.65V–5.5V
Rail-to-rail signal handling
5Ω switch connection between two ports
Minimal propagation delay through the switch
Low ICC
Zero bounce in flow-through mode
Control input compatible with CMOS input levels
>250 MHz –3dB bandwidth
General Description
The FSA66 is a ultra high-speed (UHS) CMOS compati-
ble Single-Pole/Single-Throw (SPST) analog switch. The
low On Resistance (RON) of the switch allows input to be
connected to output with minimal propagation delay and
without generating additional ground bounce noise. The
device is organized as a 1-bit switch with a switch enable
(OE) signal. When OE is HIGH, the switch is on and Port
A is connected to Port B. When OE is LOW, the switch is
open and a high-impedance state exists between the two
ports.
Ordering Information
Order
Number
Package
Number PB-Free
Product
Code
Top Mark
Package Description
Packing Method
FSA66M5X
MA05B
Yes
7Z66
5-Lead SOT23, JEDEC MO-178,
1.6mm
3k Units on Tape and Reel
FSA66P5X
MAA05A
Yes
Z66
5-Lead SC70, EIAJ SC-88a, 1.25mm
Wide
3k Units on Tape and Reel
FSA66L6X
MAC06
Yes
EE
6-Lead MicroPak, 1.0mm Wide
5k Units on Tape and Reel
MicroPak
™ is a trademark of Fairchild Semiconductor Corporation.


Similar Part No. - FSA66

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA66 FAIRCHILD-FSA66 Datasheet
122Kb / 10P
   Low Voltage UHS Single SPST Normally Open Analog Switch
logo
ON Semiconductor
FSA66 ONSEMI-FSA66 Datasheet
821Kb / 16P
   Low-Voltage UHS Single SPST Normally Open Analog Switch
June 2006 Rev. 1.0.1
FSA660 ONSEMI-FSA660 Datasheet
314Kb / 8P
   2:1 MIPI C-PHY (5.7 Gbps) 1-Data Lane Switch
September 2016 Rev. 1.0
FSA660TMX ONSEMI-FSA660TMX Datasheet
314Kb / 8P
   2:1 MIPI C-PHY (5.7 Gbps) 1-Data Lane Switch
September 2016 Rev. 1.0
logo
Fairchild Semiconductor
FSA66L6X FAIRCHILD-FSA66L6X Datasheet
122Kb / 10P
   Low Voltage UHS Single SPST Normally Open Analog Switch
More results

Similar Description - FSA66

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA66 FAIRCHILD-FSA66 Datasheet
122Kb / 10P
   Low Voltage UHS Single SPST Normally Open Analog Switch
logo
ON Semiconductor
FSA66 ONSEMI-FSA66 Datasheet
821Kb / 16P
   Low-Voltage UHS Single SPST Normally Open Analog Switch
June 2006 Rev. 1.0.1
logo
Fairchild Semiconductor
NC7WB66 FAIRCHILD-NC7WB66 Datasheet
97Kb / 8P
   TinyLogic. Low Voltage UHS Dual SPST Normally Open Bus Switch
logo
ON Semiconductor
NS5B1G385 ONSEMI-NS5B1G385 Datasheet
144Kb / 8P
   Single (NO) Normally Open SPST Analog Switch
March, 2009 ??Rev. 0
logo
Fairchild Semiconductor
NC7SZ66 FAIRCHILD-NC7SZ66_05 Datasheet
220Kb / 10P
   Low Voltage Single SPST Normally Open Bus Switch
NC7SZ66 FAIRCHILD-NC7SZ66_10 Datasheet
568Kb / 9P
   Low Voltage Single SPST Normally Open Bus Switch
logo
ON Semiconductor
NC7SZ66 ONSEMI-NC7SZ66 Datasheet
630Kb / 11P
   Low Voltage Single SPST Normally Open Bus Switch
September 2013 Rev. 1.0.5
MC74VHC1GT66 ONSEMI-MC74VHC1GT66_07 Datasheet
119Kb / 10P
   SPST (NO) Normally Open Analog Switch
February, 2007 ??Rev. 13
MC74VHC1G66 ONSEMI-MC74VHC1G66_07 Datasheet
109Kb / 10P
   SPST (NO) Normally Open Analog Switch
February, 2007 ??Rev. 13
MC74VHC1G66 ONSEMI-MC74VHC1G66_11 Datasheet
138Kb / 9P
   SPST (NO) Normally Open Analog Switch
May, 2011 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com