Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS5545 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5545
Description  12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5545 Datasheet(HTML) 26 Page - Texas Instruments

Back Button ADS5545 Datasheet HTML 22Page - Texas Instruments ADS5545 Datasheet HTML 23Page - Texas Instruments ADS5545 Datasheet HTML 24Page - Texas Instruments ADS5545 Datasheet HTML 25Page - Texas Instruments ADS5545 Datasheet HTML 26Page - Texas Instruments ADS5545 Datasheet HTML 27Page - Texas Instruments ADS5545 Datasheet HTML 28Page - Texas Instruments ADS5545 Datasheet HTML 29Page - Texas Instruments ADS5545 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 57 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
-140
0
f
Frequency
MHz
-
-
-20
-40
-60
-80
-100
-120
0
100
60
10
40
30
20
80
70
50
90
SFDR=88.99dBc,
SNR=70.63dBFS,
SINAD=70.4dBFS
-140
0
f
Frequency
MHz
-
-
-20
-40
-60
-80
-100
-120
0
100
60
10
40
30
20
80
70
50
90
SFDR=85.57dBc,
SNR=70.76dBFS,
SINAD=70.46dBFS
-140
0
f
Frequency
MHz
-
-
-20
-40
-60
-80
-100
-120
0
100
60
10
40
30
20
80
70
50
90
SFDR=81.61dBc,
SNR=70.3dBFS,
SINAD=69.58dBFS
-140
0
f
Frequency
MHz
-
-
-20
-40
-60
-80
-100
-120
0
100
60
10
40
30
20
80
70
50
90
SFDR=82.94dBc,
SNR=69.77dBFS,
SINAD=69.26dBFS
-140
0
f
Frequency
MHz
-
-
-20
-40
-60
-80
-100
-120
0
100
60
10
40
30
20
80
70
50
90
SFDR=80.94dBc,
SNR=69.38dBFS,
SINAD=68.86dBFS
-140
0
f
Frequency
MHz
-
-
-20
-40
-60
-80
-100
-120
0
100
60
10
40
30
20
80
70
50
90
SFDR=74.59dBc,
SNR=68.08dBFS,
SINAD=66.52dBFS
ADS5527
SLWS196A – DECEMBER 2006 – REVISED MAY 2007
All plots are at 25
°C, AVDD = DRVDD = 3.3 V, sampling frequency = 210 MSPS, sine wave input clock, 1.5 V
PP differential
clock amplitude, 50% clock duty cycle, –1 dBFS differential analog input, internal reference mode, 0 dB gain, DDR LVDS
data output (unless otherwise noted)
FFT for 30 MHz INPUT SIGNAL
FFT for 70 MHz INPUT SIGNAL
Figure 9.
Figure 10.
FFT for 100 MHz INPUT SIGNAL
FFT for 170 MHz INPUT SIGNAL
Figure 11.
Figure 12.
FFT for 220 MHz INPUT SIGNAL
FFT for 300 MHz INPUT SIGNAL
Figure 13.
Figure 14.
26
Submit Documentation Feedback


Similar Part No. - ADS5545

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5545 TI-ADS5545 Datasheet
381Kb / 8P
[Old version datasheet]   14-BITS, 170 MSPS ADC WITH LVDS/CMOS OUTPUTS
ADS5545 TI-ADS5545 Datasheet
1Mb / 57P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5545 TI-ADS5545 Datasheet
1Mb / 54P
[Old version datasheet]   11-BIT, 200 MSPS ADC
ADS5545 TI1-ADS5545 Datasheet
2Mb / 59P
[Old version datasheet]   14-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5545IRGZ TI-ADS5545IRGZ Datasheet
381Kb / 8P
[Old version datasheet]   14-BITS, 170 MSPS ADC WITH LVDS/CMOS OUTPUTS
More results

Similar Description - ADS5545

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5527 TI-ADS5527 Datasheet
1Mb / 49P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5547 TI-ADS5547 Datasheet
1Mb / 50P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5547 TI-ADS5547_07 Datasheet
1Mb / 57P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5525 TI-ADS5525 Datasheet
806Kb / 48P
[Old version datasheet]   12-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5525 TI1-ADS5525_14 Datasheet
2Mb / 59P
[Old version datasheet]   12-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P49 TI-ADS62P49 Datasheet
2Mb / 76P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P49 TI-ADS62P49_1 Datasheet
2Mb / 77P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 68P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI1-ADS6149_14 Datasheet
2Mb / 71P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS5546 TI-ADS5546 Datasheet
1Mb / 50P
[Old version datasheet]   14-BIT, 190 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com