Electronic Components Datasheet Search |
|
ADS5527 Datasheet(PDF) 11 Page - Texas Instruments |
|
ADS5527 Datasheet(HTML) 11 Page - Texas Instruments |
11 / 57 page www.ti.com DEVICE PROGRAMMING MODES USING PARALLEL INTERFACE CONTROL ONLY USING SERIAL INTERFACE PROGRAMMING ONLY USING BOTH THE SERIAL INTERFACE AND PARALLEL CONTROLS ADS5527 SLWS196A – DECEMBER 2006 – REVISED MAY 2007 ADS5527 offers flexibility with several programmable features that are easily configured. The device can be configured independently using either parallel interface control or serial interface programming. In addition, the device supports a third configuration mode, where both the parallel interface and the serial control registers are used. In this mode, the priority between the parallel and serial interfaces is determined by a priority table (Table 2). If this additional level of flexibility is not required, the user can select either the serial interface programming or the parallel interface control. To control the device using parallel interface, keep RESET tied to high (DRVDD). Pins DFS, MODE, SEN, SCLK, and SDATA are used to directly control certain modes of the ADC. The device is configured by connecting the parallel pins to the correct voltage levels (as described in Table 3 to Table 7). There is no need to apply reset. In this mode, SEN, SCLK, and SDATA function as parallel interface control pins. Frequently used functions are controlled in this mode—standby, selection between LVDS/CMOS output format, internal/external reference, two's complement/straight binary output format, and position of the output clock edge. Table 1 has a description of the modes controlled by the four parallel pins. Table 1. Parallel Pin Definition PIN CONTROL MODES DFS DATA FORMAT and the LVDS/CMOS output interface MODE Internal or external reference SEN CLKOUT edge programmability SCLK LOW SPEED mode control for low sampling frequencies (< 50 MSPS) SDATA STANDBY mode – Global (ADC, internal references and output buffers are powered down) To program using the serial interface, the internal registers must first be reset to their default values, and the RESET pin must be kept low. In this mode, SEN, SDATA, and SCLK function as serial interface pins and are used to access the internal registers of ADC. The registers are reset either by applying a pulse on the RESET pin, or by a high setting on the <RST> bit (D1 in register 0x6C). The serial interface section describes the register programming and register reset in more detail. Since the parallel pins DFS and MODE are not used in this mode, they must be tied to ground. For increased flexibility, a combination of serial interface registers and parallel pin controls (DFS, MODE) can also be used to configure the device. The serial registers must first be reset to their default values and the RESET pin must be kept low. In this mode, SEN, SDATA, and SCLK function as serial interface pins and are used to access the internal registers of ADC. The registers are reset either by applying a pulse on RESET pin or by a high setting on the <RST> bit (D1 in register 0x6C). The serial interface section describes the register programming and register reset in more detail. The parallel interface control pins DFS and MODE are used and their function is determined by the appropriate voltage levels as described in Table 6 and Table 7. The voltage levels are derived by using a resistor string as illustrated in Figure 4. Since some functions are controlled using both the parallel pins and serial registers, the priority between the two is determined by a priority table (Table 2). 11 Submit Documentation Feedback |
Similar Part No. - ADS5527_07 |
|
Similar Description - ADS5527_07 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |