Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS5527 Datasheet(PDF) 32 Page - Texas Instruments

Part # ADS5527
Description  12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5527 Datasheet(HTML) 32 Page - Texas Instruments

Back Button ADS5527_07 Datasheet HTML 28Page - Texas Instruments ADS5527_07 Datasheet HTML 29Page - Texas Instruments ADS5527_07 Datasheet HTML 30Page - Texas Instruments ADS5527_07 Datasheet HTML 31Page - Texas Instruments ADS5527_07 Datasheet HTML 32Page - Texas Instruments ADS5527_07 Datasheet HTML 33Page - Texas Instruments ADS5527_07 Datasheet HTML 34Page - Texas Instruments ADS5527_07 Datasheet HTML 35Page - Texas Instruments ADS5527_07 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 57 page
background image
www.ti.com
APPLICATION INFORMATION
THEORY OF OPERATION
ANALOG INPUT
Resr
200 W
Lpkg
6nH
10 W
Sampling
Capacitor
Csamp
2.4pF
INP
INM
Cbond
2pF
50 W
Cpar1
0.8pF
Cpar2
1pF
Ron
15 W
Ron
10 W
Ron
15 W
Cpar2
1pF
50 W
1.6pF
Lpkg
6nH
10 W
Cbond
2pF
Resr
200 W
Csamp
2.4pF
Sampling
Capacitor
Sampling
Switch
Sampling
Switch
R-C-RFilter
Drive Circuit Requirements
ADS5527
SLWS196A – DECEMBER 2006 – REVISED MAY 2007
ADS5527 is a low power 12-bit 210 MSPS pipeline ADC in a CMOS process. ADS5527 is based on switched
capacitor technology and runs off a single 3.3-V supply. The conversion process is initiated by a rising edge of
the external input clock. Once the signal is captured by the input sample and hold, the input sample is
sequentially converted by a series of lower resolution stages, with the outputs combined in a digital correction
logic block. At every clock edge, the sample propagates through the pipeline resulting in a data latency of 14
clock cycles. The output is available as 12-bit data, in DDR LVDS or CMOS and coded in either straight offset
binary or binary 2’s complement format.
The analog input consists of a switched-capacitor based differential sample and hold architecture, shown in
Figure 39.
This differential topology results in good ac-performance even for high input frequencies at high sampling rates.
The INP and INM pins have to be externally biased around a common-mode voltage of 1.5 V available on VCM
pin 13. For a full-scale differential input, each input pin INP, INM has to swing symmetrically between VCM +
0.5 V and VCM – 0.5 V, resulting in a 2-VPP differential input swing. The maximum swing is determined by the
internal reference voltages REFP (2.5 V nominal) and REFM (0.5 V, nominal).
Figure 39. Input Stage
The input sampling circuit has a high 3-dB bandwidth that extends up to 800 MHz (measured from the input pins
to the voltage across the sampling capacitors)
The input sampling circuit of the ADS5527 has a high 3-dB analog bandwidth of 800 MHz making it possible to
sample input signals up to very high frequencies. To get best performance, it is recommended to have an
external R-C-R filter across the input pins (Figure 40). This helps to filter the glitches due to the switching of the
sampling capacitors. The R-C-R filter has to be designed to provide adequate filtering (for good performance)
and at the same time ensure sufficient bandwidth over the desired frequency range.
In addition, it is recommended to have a 15-
Ω series resistor on each input line to damp out ringing caused by
the package parasitic. At higher input frequencies (> 100 MHz), a lower series resistance around 5
Ω to 10 Ω
should be used. It is also necessary to present low impedance (< 50
Ω) for the common-mode switching
currents. For example, this could be achieved by using two resistors from each input terminated to the
common-mode voltage (Vcm).
32
Submit Documentation Feedback


Similar Part No. - ADS5527_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5527IRGZR TI-ADS5527IRGZR Datasheet
1Mb / 49P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527IRGZRG4 TI-ADS5527IRGZRG4 Datasheet
1Mb / 49P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527IRGZT TI-ADS5527IRGZT Datasheet
1Mb / 49P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527IRGZTG4 TI-ADS5527IRGZTG4 Datasheet
1Mb / 49P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results

Similar Description - ADS5527_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5527 TI-ADS5527 Datasheet
1Mb / 49P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5547 TI-ADS5547 Datasheet
1Mb / 50P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5547 TI-ADS5547_07 Datasheet
1Mb / 57P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5525 TI-ADS5525 Datasheet
806Kb / 48P
[Old version datasheet]   12-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5525 TI1-ADS5525_14 Datasheet
2Mb / 59P
[Old version datasheet]   12-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P49 TI-ADS62P49 Datasheet
2Mb / 76P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P49 TI-ADS62P49_1 Datasheet
2Mb / 77P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 68P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI1-ADS6149_14 Datasheet
2Mb / 71P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS5546 TI-ADS5546 Datasheet
1Mb / 50P
[Old version datasheet]   14-BIT, 190 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com