Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6422EVEZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6422EVEZ
Description  Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6422EVEZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6422EVEZ Datasheet HTML 7Page - Intersil Corporation ISL6422EVEZ Datasheet HTML 8Page - Intersil Corporation ISL6422EVEZ Datasheet HTML 9Page - Intersil Corporation ISL6422EVEZ Datasheet HTML 10Page - Intersil Corporation ISL6422EVEZ Datasheet HTML 11Page - Intersil Corporation ISL6422EVEZ Datasheet HTML 12Page - Intersil Corporation ISL6422EVEZ Datasheet HTML 13Page - Intersil Corporation ISL6422EVEZ Datasheet HTML 14Page - Intersil Corporation ISL6422EVEZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
FN9190.1
April 10, 2007
Current Limiting
The dynamic back current limit block has five thresholds that
can be selected by the following bits of the SR.
• ISEL1H and ISEL2H
• ISEL1L and ISEL2L
• ISEL1R and ISEL2R
See Table 8 and Table 9 for threshold selection using these
bits. The DCL1 and DCL2 bits have to be set to low for this
mode of operation. In this mode, the overcurrent protection
circuit works dynamically 23µs after an overload is detected,
and the output is shutdown for a time tOFF, typically 900ms.
Simultaneously, the OLF1 or OLF2 bit of the System
Register is set to HIGH. After this time has elapsed, the
output is resumed for a time tON = 20ms. During tON, the
device output will be current limited to a 990mA typ level. If
the overload is still detected, the protection circuit will cycle
again through tOFF and tON. At the end of a full tON, in which
no overload is detected, normal operation is resumed and
the OLF1 or OLF2 bit is reset to LOW. Typical tON +tOFF
time is 920ms as determined by an internal timer. This
dynamic operation can greatly reduce the power dissipation
in a short circuit condition, still ensuring excellent power-on
start-up in most conditions.
However, there could be some cases in which a highly
capacitive load on the output may cause a difficult start-up
when the dynamic protection is chosen. This can be solved
by initiating any power start-up in static mode (DCL = HIGH)
and then switching to the dynamic mode (DCL = LOW) after
a chosen amount of time. When in static mode, the OLF1 or
OLF2 bit goes HIGH when the peak current sense threshold
is reached and returns LOW when the overload condition is
cleared. The OLF1, OLF2, BCF1, and BCF2 bits will be LOW
at the end of initial power-on soft-start. In the static mode the
output current through the linears is limited to 990mA typ.
When a 19.3V line is connected onto a VOUT1 or VOUT2
pin that has been set to 13.3V, the linear will then enter a
dynamic back current limit state. When a dynamic back
current limit of greater that 125mA typ is sensed at the lower
FET of the linear for a period greater that 100µs, the output
is disabled for a period of 5ms and the BCF1 and BCF2 bits
are set. If the 19.3V remains connected, the output will cycle
through the ON = 100µs/OFF = 5ms. The output will recover
when the fault is removed.
Thermal Protection
This IC is protected against overheating. When the junction
temperature exceeds +150°C (typical), the step-up converter
and the linear regulator are shut off and the OTF bit of the
SR is set HIGH. Normal operation is resumed and the OTF
bit is reset LOW when the junction is cooled down to +130°C
(typical).
The FLT pin serves as an interrupt for the processor when
an over temperature, overcurrent or backwards overcurrent
fault is detected by the LNB controller or when both channels
are disabled by the I2C EN1 and EN2 bits being set low.
Should the I2C lose power (for example by shorting BYP pin
to ground), it is designed to power up with all control bits set
to 0 (particularly the EN1 and EN2 bits). This prevents the
device from coming back up in a state not desired by the
host controller. If the host controller sees a FLT low, it
should read the I2C bits and find both EN1 and EN2 bits low.
When it desires one or both to be high, it should re-write the
I2C to the desired state.
External Output Voltage Selection
The output voltage can be selected by the I2C bus.
Additionally, the package offers two pins (SELVTOP1 and
SELVTOP2) for independent 13 through 19V output voltage
selection.
I2C Bus Interface for ISL6422
(Refer to Phillips I2C Specification, Rev. 2.1)
Data transmission from the main microprocessor to the
ISL6422 and vice versa takes place through the two-wire I2C
bus interface, consisting of the two lines SDA and SCL. Both
SDA and SCL are bidirectional lines. They are connected to a
positive supply voltage via a pull-up resistor. (Pull-up resistors
to positive supply voltage must be externally connected.) When
the bus is free, both lines are HIGH. The output stages of
ISL6422 will have an open drain/open collector in order to
perform the wired-AND function. Data on the I2C bus can be
transferred up to 100Kbps in the standard mode or up to
400Kbps in the fast mode. The level of logic “0” and logic “1”
depends on the value of VDD as per the Electrical Specification
table on page 5. One clock pulse is generated for each data bit
transferred.
TABLE 1.
VSPEN1,
VSPEN2
VTOP1,
VTOP2
VBOT1,
VBOT2
SELVTOP1,
SELVTOP2
VOUT1,
VOUT12
0
X
0
0
13.3V
0
X
1
0
14.3V
0
0
X
1
18.3V
0
1
X
1
19.3V
1
0
0
X
13.3V
1
0
1
X
14.3V
1
1
0
X
18.3V
1
1
1
X
19.3V
ISL6422


Similar Part No. - ISL6422EVEZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6422EVEZ RENESAS-ISL6422EVEZ Datasheet
843Kb / 20P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
More results

Similar Description - ISL6422EVEZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6422BERZ INTERSIL-ISL6422BERZ Datasheet
394Kb / 19P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
September 8, 2015
ISL6422B INTERSIL-ISL6422B Datasheet
293Kb / 18P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL6424 INTERSIL-ISL6424 Datasheet
374Kb / 12P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
logo
Renesas Technology Corp
ISL6422B RENESAS-ISL6422B Datasheet
989Kb / 19P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL6424 RENESAS-ISL6424 Datasheet
647Kb / 13P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
logo
Intersil Corporation
ISL6405 INTERSIL-ISL6405 Datasheet
233Kb / 13P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
logo
Renesas Technology Corp
ISL6422 RENESAS-ISL6422 Datasheet
843Kb / 20P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
logo
Intersil Corporation
ISL6423B INTERSIL-ISL6423B Datasheet
246Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL6421 INTERSIL-ISL6421 Datasheet
261Kb / 10P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
logo
Renesas Technology Corp
ISL6425 RENESAS-ISL6425 Datasheet
586Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com