Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6422ERZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6422ERZ
Description  Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6422ERZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6422ERZ Datasheet HTML 6Page - Intersil Corporation ISL6422ERZ Datasheet HTML 7Page - Intersil Corporation ISL6422ERZ Datasheet HTML 8Page - Intersil Corporation ISL6422ERZ Datasheet HTML 9Page - Intersil Corporation ISL6422ERZ Datasheet HTML 10Page - Intersil Corporation ISL6422ERZ Datasheet HTML 11Page - Intersil Corporation ISL6422ERZ Datasheet HTML 12Page - Intersil Corporation ISL6422ERZ Datasheet HTML 13Page - Intersil Corporation ISL6422ERZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
FN9190.1
April 10, 2007
Functional Description
The ISL6422 dual output voltage regulator makes an ideal
choice for advanced satellite set-top box and personal video
recorder applications. Both supply and control voltage
outputs for two low-noise blocks (LNBs) are available
simultaneously in any output configuration. The device
utilizes built-in DC/DC step up converters that, from a single
supply source ranging from 8V to 14V, generate the voltages
that enable the linear post-regulators to work with a
minimum of dissipated power. An undervoltage lockout
circuit disables the device when VCC drops below a fixed
threshold (7.5V typical).
DiSEqC Encoding
The internal oscillator is factory-trimmed to provide a tone of
22kHz in accordance with DiSEqC (EUTELSAT) standards.
No further adjustment is required. The tone oscillator can be
controlled either by the I2C interface (ENT1 or ENT2 bit) or by
a dedicated pin (EXTM1 or EXTM2) that allows immediate
DiSEqC data encoding separately for each LNB. All the
functions of this IC are controlled via the I2C bus by writing to
the system registers. The same registers can be read back,
and four bits will report the diagnostic status. The internal
oscillator operates the converters at twenty times the 22k tone
frequency. The device offers full I2C compatibility and
supports 2.5V, 3.3V or 5V logic, and up to 400kHz operation.
If the Tone Enable bits (ENT1 and ENT2) are set LOW and
the MSEL1 and MSEL2 bits set LOW through I2C, then the
EXTM1 and EXTM2 terminal activates the internal tone
signal, modulating the DC output with a 680mVpp typ
symmetrical tone waveform. The presence of this signal
usually provides the LNB with information about the band to
be received.
Burst coding of the tone can be accomplished due to the fast
response of the EXTM1 and EXTM2 input and rapid tone
response. This allows implementation of the DiSEqC
(EUTELSAT) protocols.
When the ENT1 or ENT2 bit is set HIGH, a continuous
22kHz tone is generated regardless of the EXTM1 and
EXTM2 pin logic status for the corresponding regulator
channel (LNB-A or LNB-B). The ENT1 or ENT2 bit must be
set LOW when the EXTM1 and/or EXTM2 pin is used for
DiSEqC encoding.
The EXTM1 and EXTM2 pins also accept an externally
modulated tone command when the MSEL1 or MSEL2 I2C
bit is set high.
DiSEqC Decoder
TDIN1 and TDIN2 are the inputs to the tone decoders of
channels 1 and 2 respectively. They accept the tone signal
derived from the VOUT through the 10nF decoupling
capacitor. The detector threshold can be set to 200mV
maximum in the Receive mode and to 400mV minimum in
the Transmit mode by means of the logic presented to the
TXT1 or TXT2 pin. If tone is detected, the open drain pin
TDOUT1 or TDOUT2 is asserted low. This also enables the
tone diagnostics to be performed, apart from the normal tone
detection function.
Linear Regulator
The output linear regulator will sink and source current. This
feature allows full modulation capability into capacitive loads
as high as 0.75µF. In order to minimize the power
dissipation, the output voltage of the internal step-up
converter is adjusted to allow the linear regulator to work at
minimum dropout.
When the device is put in the shutdown mode (EN1 and
EN2 = LOW), both PWM power blocks are disabled (that is,
when EN1 = 0, PWM1 is disabled, and when EN2 = 0,
PWM2 is disabled).
When the regulator blocks are active (EN1 and EN2 = HIGH,
and VSPEN1 and VSPEN2 = LOW), the output can be
controlled via I2C logic to be between 13V and 14V or
between 18V and 19V (typical) by means of the Voltage
Select bits (VTOP1, VTOP2, VBOT1, and VBOT2) for
remote controlling of non-DiSEqC LNBs.
When the regulator blocks are active (EN1 and EN2 = HIGH,
and VSPEN1 and VSPEN2 = HIGH), the VBOT1 and
VBOT2 bits and the SELVTOP1 and SELVTOP2 pins will
control the output between 13V and 14V and the VTOP1 and
VTOP2 and the SELVTOP1 and SELVTOP2 pins will control
the output between 18V and 19V.
Output Timing
The output voltage rise and fall times can be set by an the
external capacitor on the TCAP1 and TCAP2 pins. The
output rise and fall times is given by Equation 1:
where:
• C is the TCAP value in nF
• T is the required slew rate in ms, and
ΔV is the differential transition voltage from low output
voltage range to the high output range in Volts.
Rise and fall time will typically be the same.
The maximum recommended value for TCAP1 and TCAP2
would be the base on the maximum transition time allowed
in the system application. Too small a value of TCAP1 and
TCAP2 can cause high peak currents in the boost circuit. For
example, a 10V/mS slew on a 80µF VSW capacitor with an
inductor of 15µH can cause a peak inductor current of
approximately 2.3A
C
270
()T
ΔV
-------------------
=
(EQ. 1)
ISL6422


Similar Part No. - ISL6422ERZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6422ERZ RENESAS-ISL6422ERZ Datasheet
843Kb / 20P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
More results

Similar Description - ISL6422ERZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6422BERZ INTERSIL-ISL6422BERZ Datasheet
394Kb / 19P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
September 8, 2015
ISL6422B INTERSIL-ISL6422B Datasheet
293Kb / 18P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL6424 INTERSIL-ISL6424 Datasheet
374Kb / 12P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
logo
Renesas Technology Corp
ISL6422B RENESAS-ISL6422B Datasheet
989Kb / 19P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL6424 RENESAS-ISL6424 Datasheet
647Kb / 13P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
logo
Intersil Corporation
ISL6405 INTERSIL-ISL6405 Datasheet
233Kb / 13P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
logo
Renesas Technology Corp
ISL6422 RENESAS-ISL6422 Datasheet
843Kb / 20P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
logo
Intersil Corporation
ISL6423B INTERSIL-ISL6423B Datasheet
246Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL6421 INTERSIL-ISL6421 Datasheet
261Kb / 10P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
logo
Renesas Technology Corp
ISL6425 RENESAS-ISL6425 Datasheet
586Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com