Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6753AAZA Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6753AAZA
Description  ZVS Full-Bridge PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6753AAZA Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6753AAZA Datasheet HTML 5Page - Intersil Corporation ISL6753AAZA Datasheet HTML 6Page - Intersil Corporation ISL6753AAZA Datasheet HTML 7Page - Intersil Corporation ISL6753AAZA Datasheet HTML 8Page - Intersil Corporation ISL6753AAZA Datasheet HTML 9Page - Intersil Corporation ISL6753AAZA Datasheet HTML 10Page - Intersil Corporation ISL6753AAZA Datasheet HTML 11Page - Intersil Corporation ISL6753AAZA Datasheet HTML 12Page - Intersil Corporation ISL6753AAZA Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
FN9182.2
April 4, 2006
Soft-Start Operation
The ISL6753 features a soft-start using an external capacitor in
conjunction with an internal current source. Soft-start reduces
component stresses and surge currents during start-up.
Upon start-up, the soft-start circuitry limits the error voltage
input (VERR) to a value equal to the soft-start voltage. The
output pulse width increases as the soft-start capacitor
voltage increases. This has the effect of increasing the duty
cycle from zero to the regulation pulse width during the soft-
start period. When the soft-start voltage exceeds the error
voltage, soft-start is completed. Soft-start occurs during
start-up and after recovery from a fault condition. The soft-
start charging period may be calculated as follows:
where t is the charging period in ms and C is the value of the
soft-start capacitor in
µF.
The soft-start voltage is clamped to 4.50V with a tolerance of
2%. It is suitable for use as a “soft-started” reference
provided the current draw is kept well below the 70
µA
charging current.
The outputs may be inhibited by using the SS pin as a
disable input. Pulling SS below 0.25V forces all outputs low.
An open collector/drain configuration may be used to couple
the disable signal into the SS pin.
Gate Drive
The ISL6753 outputs are capable of sourcing and sinking
10mA (at rated VOH, VOL) and are intended to be used in
conjunction with integrated FET drivers or discrete bipolar
totem pole drivers. The typical on resistance of the outputs is
50
Ω.
Overcurrent Operation
The cycle-by-cycle peak current limit results in pulse-by-pulse
duty cycle reduction when the current feedback signal
exceeds 1.0V. When the peak current exceeds the threshold,
the active output pulse is immediately terminated. This results
in a decrease in output voltage as the load current increases
beyond the current limit threshold. The ISL6753 operates
continuously in an overcurrent condition without shutdown.
If voltage-mode control is used in a bridge topology, it should
be noted that peak current limit results in inherently unstable
operation. The DC blocking capacitors used in voltage-mode
bridge topologies become unbalanced, as does the flux in
the transformer core. A latching overcurrent shutdown
method using external components is recommended.
The propagation delay from CS exceeding the current limit
threshold to the termination of the output pulse is increased
by the leading edge blanking (LEB) interval. The effective
delay is the sum of the two delays and is nominally 105ns.
Voltage Feed Forward Operation
Voltage feed forward is a technique used to regulate the
output voltage for changes in input voltage without the
intervention of the control loop. Voltage feed forward is often
implemented in voltage-mode control loops, but is redundant
and unnecessary in peak current-mode control loops.
Voltage feed forward operates by modulating the sawtooth
ramp in direct proportion to the input voltage. Figure 5
demonstrates the concept.
Input voltage feed forward may be implemented using the
RAMP input. An RC network connected between the input
voltage and ground, as shown in Figure 7, generates a
voltage ramp whose charging rate varies with the amplitude
of the source voltage. At the termination of the active output
pulse RAMP is discharged to ground so that a repetitive
sawtooth waveform is created. The RAMP waveform is
compared to the VERR voltage to determine duty cycle. The
selection of the RC components depends upon the desired
input voltage operating range and the frequency of the
oscillator. In typical applications the RC components are
selected so that the ramp amplitude reaches 1.0V at
minimum input voltage within the duration of one half-cycle.
t
64.3 C
=
ms
(EQ. 6)
FIGURE 5. VOLTAGE FEED FORWARD BEHAVIOR
VIN
ERROR VOLTAGE
RAMP
CT
OUTLL, LR
FIGURE 6. VOLTAGE FEED FORWARD CONTROL
VIN
R3
C7
GND
1
2
4
3
5
6
7
89
10
11
12
13
14
15
16
RAMP
ISL6753
ISL6753


Similar Part No. - ISL6753AAZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6753AAZA INTERSIL-ISL6753AAZA Datasheet
465Kb / 15P
   ZVS Full-Bridge PWM Controller
ISL6753AAZA INTERSIL-ISL6753AAZA Datasheet
393Kb / 15P
   ZVS Full-Bridge PWM Controller
April 4, 2006
logo
Renesas Technology Corp
ISL6753AAZA RENESAS-ISL6753AAZA Datasheet
686Kb / 15P
   ZVS Full-Bridge PWM Controller
logo
Intersil Corporation
ISL6753AAZA-T INTERSIL-ISL6753AAZA-T Datasheet
465Kb / 15P
   ZVS Full-Bridge PWM Controller
More results

Similar Description - ISL6753AAZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6551IBZ INTERSIL-ISL6551IBZ Datasheet
652Kb / 27P
   ZVS Full Bridge PWM Controller
April 30, 2015
ISL6551 INTERSIL-ISL6551 Datasheet
619Kb / 26P
   ZVS Full Bridge PWM Controller
ISL6753AAZA INTERSIL-ISL6753AAZA Datasheet
393Kb / 15P
   ZVS Full-Bridge PWM Controller
April 4, 2006
logo
Renesas Technology Corp
ISL6753 RENESAS-ISL6753 Datasheet
686Kb / 15P
   ZVS Full-Bridge PWM Controller
ISL6551I RENESAS-ISL6551I Datasheet
1Mb / 24P
   ZVS Full Bridge PWM Controller
Nov 17, 2011
logo
Intersil Corporation
ISL6551IREC INTERSIL-ISL6551IREC Datasheet
506Kb / 23P
   ZVS Full Bridge PWM Controller
ISL6753 INTERSIL-ISL6753 Datasheet
465Kb / 15P
   ZVS Full-Bridge PWM Controller
ISL6551 INTERSIL-ISL6551_06 Datasheet
616Kb / 26P
   ZVS Full Bridge PWM Controller
logo
Renesas Technology Corp
ISL6551 RENESAS-ISL6551 Datasheet
1Mb / 27P
   ZVS Full Bridge PWM Controller
Oct 28, 2015
ISL6755 RENESAS-ISL6755 Datasheet
804Kb / 17P
   ZVS Full-Bridge PWM Controller with Average Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com