Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6752AAZA Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6752AAZA
Description  ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6752AAZA Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6752AAZA Datasheet HTML 2Page - Intersil Corporation ISL6752AAZA Datasheet HTML 3Page - Intersil Corporation ISL6752AAZA Datasheet HTML 4Page - Intersil Corporation ISL6752AAZA Datasheet HTML 5Page - Intersil Corporation ISL6752AAZA Datasheet HTML 6Page - Intersil Corporation ISL6752AAZA Datasheet HTML 7Page - Intersil Corporation ISL6752AAZA Datasheet HTML 8Page - Intersil Corporation ISL6752AAZA Datasheet HTML 9Page - Intersil Corporation ISL6752AAZA Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
FN9181.2
April 4, 2006
Minimum Duty Cycle
VERR < 0.6V
-
-
0
%
Maximum Duty Cycle (per half-cycle)
VERR = 4.20V, VCS = 0V (Note 5)
-
94
-
%
RTD = 2.00k
Ω, CT = 220pF
-
97
-
%
RTD = 2.00k
Ω, CT = 470pF
-
99
-
%
Zero Duty Cycle VERR Voltage
0.85
-
1.20
V
VERR to PWM Comparator Input Offset
TA = 25°C
0.7
0.8
0.9
V
VERR to PWM Comparator Input Gain
0.31
0.33
0.35
V/V
Common Mode (CM) Input Range
(Note 4)
0
-
4.45
V
OSCILLATOR
Frequency Accuracy, Overall
(Note 4)
165
183
201
kHz
-10
-
10
%
Frequency Variation with VDD
TA = 25°C, (F20V- - F10V)/F10V
-0.3
1.7
%
Temperature Stability
VDD = 10V, |F-40°C - F0°C|/F0°C
-4.5
-
%
|F0°C - F105°C|/F25°C (Note 4)
-
1.5
-
%
Charge Current
TA = 25°C
-193
-200
-207
µA
Discharge Current Gain
19
20
23
µA/µA
CT Valley Voltage
Static Threshold
0.75
0.80
0.88
V
CT Peak Voltage
Static Threshold
2.75
2.80
2.88
V
CT Pk-Pk Voltage
Static Value
1.92
2.00
2.05
V
RTD Voltage
1.97
2.00
2.03
V
RESDEL Voltage Range
0
-
2.00
V
CTBUF Gain (VCTBUFp-p/VCTp-p)VCT = 0.8V, 2.6V
1.95
2.0
2.05
V/V
CTBUF Offset from GND
VCT = 0.8V
0.34
0.40
0.44
V
CTBUF VOH
∆V(ILOAD = 0mA, ILOAD = -2mA),
VCT = 2.6V
-
-
0.10
V
CTBUF VOL
∆V(ILOAD = 2mA, ILOAD = 0mA),
VCT = 0.8V
-
-
0.10
V
OUTPUT
High Level Output Voltage (VOH)
IOUT = -10mA, VDD - VOH
-
0.5
1.0
V
Low Level Output Voltage (VOL)
IOUT = 10mA, VOL - GND
-
0.5
1.0
V
Rise Time
COUT = 220pF, VDD = 15V (Note 4)
-
110
200
ns
Fall Time
COUT = 220pF, VDD = 15V (Note 4)
-
90
150
ns
UVLO Output Voltage Clamp
VDD = 7V, ILOAD = 1mA (Note 6)
-
-
1.25
V
Output Delay/Advance Range
OUTLLN/OUTLRN relative to OUTLL/OUTLR
VADJ = 2.50V (Note 4)
-
-
3
ns
VADJ < 2.425V
-40
-
-300
ns
VADJ > 2.575V
40
-
300
ns
Delay/Advance Control Voltage Range
OUTLLN/OUTLRN relative to OUTLL/OUTLR
OUTLxN Delayed
2.575
-
5.000
V
OUTLxN Advanced
0
-
2.425
V
Electrical Specifications
Recommended operating conditions unless otherwise noted. Refer to Block Diagram and Typical Application
schematic. 9V < VDD < 20V, RTD = 10.0k
Ω, CT = 470pF, TA = -40°C to 105°C (Note 3), Typical values are at
TA = 25°C (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6752


Similar Part No. - ISL6752AAZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6752AAZA INTERSIL-ISL6752AAZA Datasheet
466Kb / 16P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
ISL6752AAZA INTERSIL-ISL6752AAZA Datasheet
466Kb / 16P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
ISL6752AAZA INTERSIL-ISL6752AAZA Datasheet
463Kb / 16P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
October 31, 2008
logo
Renesas Technology Corp
ISL6752AAZA RENESAS-ISL6752AAZA Datasheet
964Kb / 18P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
logo
Intersil Corporation
ISL6752AAZA-T INTERSIL-ISL6752AAZA-T Datasheet
466Kb / 16P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
More results

Similar Description - ISL6752AAZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6752AAZA-T INTERSIL-ISL6752AAZA-T Datasheet
466Kb / 16P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
ISL6752 INTERSIL-ISL6752 Datasheet
466Kb / 16P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
logo
Renesas Technology Corp
ISL6752 RENESAS-ISL6752 Datasheet
964Kb / 18P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
logo
Intersil Corporation
ISL6752AAZA INTERSIL-ISL6752AAZA Datasheet
463Kb / 16P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
October 31, 2008
ISL6754 INTERSIL-ISL6754 Datasheet
539Kb / 19P
   ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
logo
Renesas Technology Corp
ISL78223 RENESAS-ISL78223 Datasheet
1Mb / 20P
   ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
ISL6754 RENESAS-ISL6754 Datasheet
1Mb / 20P
   ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
logo
Intersil Corporation
ISL78223 INTERSIL-ISL78223 Datasheet
1Mb / 20P
   ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
ISL6754AAZA INTERSIL-ISL6754AAZA Datasheet
536Kb / 19P
   ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
September 29, 2008
logo
Renesas Technology Corp
ISL6755 RENESAS-ISL6755 Datasheet
804Kb / 17P
   ZVS Full-Bridge PWM Controller with Average Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com