Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPF2123 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FPF2123
Description  IntelliMAX??Advanced Load Management Products
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2123 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FPF2123_06 Datasheet HTML 2Page - Fairchild Semiconductor FPF2123_06 Datasheet HTML 3Page - Fairchild Semiconductor FPF2123_06 Datasheet HTML 4Page - Fairchild Semiconductor FPF2123_06 Datasheet HTML 5Page - Fairchild Semiconductor FPF2123_06 Datasheet HTML 6Page - Fairchild Semiconductor FPF2123_06 Datasheet HTML 7Page - Fairchild Semiconductor FPF2123_06 Datasheet HTML 8Page - Fairchild Semiconductor FPF2123_06 Datasheet HTML 9Page - Fairchild Semiconductor FPF2123_06 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
www.fairchildsemi.com
FPF2123-FPF2125 Rev. C4
Typical Characteristics
Figure 7. ILATCH-OFF Current vs. Temperature
Figure 8. Current Limit vs. Input Voltage
Figure 9. Current Limit vs. Temperature
Figure 10. Current Limit vs. Rest
Figure 11. VIH vs. VIN
Figure 12. RON vs. VIN
45
46
47
48
49
50
51
52
53
54
55
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (oC)
700
750
800
850
900
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
VIN, INPUT VOLTAGE (V)
VIN - VOUT = 0.3V
RSET = 576Ω
0
400
800
1200
1600
200
800
1400
2000
2600
3200
RSET, (Ohms)
750
800
850
900
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (oC)
RSET = 576Ω
0
0.3
0.6
0.9
1.2
1.5
1
2345
6
VIN, Input Voltage (V)
90
100
110
120
130
140
150
160
170
12
3
456
VIN, Input Voltage (V)


Similar Part No. - FPF2123_06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2123 FAIRCHILD-FPF2123 Datasheet
454Kb / 13P
   IntelliMAX Advanced Load Management Products
logo
ON Semiconductor
FPF2123 ONSEMI-FPF2123 Datasheet
382Kb / 15P
   Advanced Load Management Products
October 2008 Rev. F
More results

Similar Description - FPF2123_06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2116 FAIRCHILD-FPF2116_08 Datasheet
385Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100 Datasheet
431Kb / 12P
   IntelliMAX Advanced Load Management Products
FPF2006 FAIRCHILD-FPF2006 Datasheet
516Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172 Datasheet
462Kb / 11P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100_08 Datasheet
361Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003A FAIRCHILD-FPF1003A Datasheet
606Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2000 FAIRCHILD-FPF2000_08 Datasheet
341Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003_0612 FAIRCHILD-FPF1003_0612 Datasheet
496Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172_08 Datasheet
542Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2108 FAIRCHILD-FPF2108 Datasheet
423Kb / 12P
   IntelliMAX Advanced Load Management Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com