Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPF2000 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FPF2000
Description  IntelliMAX??Advanced Load Management Products
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2000 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FPF2000 Datasheet HTML 1Page - Fairchild Semiconductor FPF2000 Datasheet HTML 2Page - Fairchild Semiconductor FPF2000 Datasheet HTML 3Page - Fairchild Semiconductor FPF2000 Datasheet HTML 4Page - Fairchild Semiconductor FPF2000 Datasheet HTML 5Page - Fairchild Semiconductor FPF2000 Datasheet HTML 6Page - Fairchild Semiconductor FPF2000 Datasheet HTML 7Page - Fairchild Semiconductor FPF2000 Datasheet HTML 8Page - Fairchild Semiconductor FPF2000 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
May 2005
FPF2000-FPF2007 Rev. D
FPF2000-FPF2007
IntelliMAX™ Advanced Load Management Products
Features
1.8 to 5.5V Input Voltage Range
Controlled Turn-On
50mA and 100mA Current Limit Options
Undervoltage Lockout
Thermal Shutdown
<1uA Shutdown Current
Auto restart
Fast Current limit Response Time
3us to Moderate Over Currents
20ns to Hard Shorts
Fault Blanking
Applications
PDAs
Cell Phones
GPS Devices
MP3 Players
Digital Cameras
Peripheral Ports
Hot Swap Supplies
General Description
The FPF2000 through FPF2007 is a family of load switches which
provide full protection to systems and loads which may encounter
large current conditions. These devices contain a 0.7
current-limited P-channel MOSFET which can operate over an
input voltage range of 1.8-5.5V. Switch control is by a logic input
(ON) capable of interfacing directly with low voltage control signals.
Each part contains thermal shutdown protection which shuts off the
switch to prevent damage to the part when a continuous
over-current condition causes excessive heating.
When the switch current reaches the current limit, the part
operates in a constant current mode to prohibit excessive currents
from causing damage. For the FPF2000-FPF2002 and
FPF2004-FPF2006, if the constant current condition still persists
after 10ms, these parts will shut off the switch and pull the fault
signal pin (FLAGB) low. The FPF2000, FPF2001, FPF2004 and
FPF2005, have an auto-restart feature which will turn the switch on
again after 80ms if the ON pin is still active. The FPF2002 and
FPF2006 do not have this auto-restart feature so the switch will
remain off until the ON pin is cycled. For the FPF2003 and
FPF2007, a current limit condition will immediately pull the fault
signal pin low and the part will remain in the constant-current mode
until the switch current falls below the current limit. For the
FPF2000 through FPF2003, the minimum current limit is 50mA
while that for the FPF2004 through FPF2007 is 100mA.
These parts are available in a space-saving 5 pin SC-70 package.
Typical Application Circuit
OFF ON
ON
VIN
GND
FPF2000 - FPF2007
FLAGB
VOUT
TO LOAD


Similar Part No. - FPF2000

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2000 FAIRCHILD-FPF2000 Datasheet
516Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2000 FAIRCHILD-FPF2000 Datasheet
291Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2000 FAIRCHILD-FPF2000 Datasheet
341Kb / 12P
   IntelliMAX??Advanced Load Management Products
logo
ON Semiconductor
FPF2000 ONSEMI-FPF2000 Datasheet
365Kb / 14P
   Advanced Load Management Products
October 2008 Rev. H
logo
Fairchild Semiconductor
FPF2000 FAIRCHILD-FPF2000_07 Datasheet
291Kb / 12P
   IntelliMAX??Advanced Load Management Products
More results

Similar Description - FPF2000

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2116 FAIRCHILD-FPF2116_08 Datasheet
385Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100 Datasheet
431Kb / 12P
   IntelliMAX Advanced Load Management Products
FPF2006 FAIRCHILD-FPF2006 Datasheet
516Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2123 FAIRCHILD-FPF2123_06 Datasheet
368Kb / 13P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172 Datasheet
462Kb / 11P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100_08 Datasheet
361Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003A FAIRCHILD-FPF1003A Datasheet
606Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2000 FAIRCHILD-FPF2000_08 Datasheet
341Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003_0612 FAIRCHILD-FPF1003_0612 Datasheet
496Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172_08 Datasheet
542Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2108 FAIRCHILD-FPF2108 Datasheet
423Kb / 12P
   IntelliMAX Advanced Load Management Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com