Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FODM3051 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FODM3051
Description  4-Pin Full Pitch Mini-Flat Package Random Phase Triac Driver Output Optocouplers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FODM3051 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FODM3051 Datasheet HTML 1Page - Fairchild Semiconductor FODM3051 Datasheet HTML 2Page - Fairchild Semiconductor FODM3051 Datasheet HTML 3Page - Fairchild Semiconductor FODM3051 Datasheet HTML 4Page - Fairchild Semiconductor FODM3051 Datasheet HTML 5Page - Fairchild Semiconductor FODM3051 Datasheet HTML 6Page - Fairchild Semiconductor FODM3051 Datasheet HTML 7Page - Fairchild Semiconductor FODM3051 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
www.fairchildsemi.com
FODM3051, FODM3052, FODM3053 Rev. 1.0.0
Absolute Maximum Ratings (TA = 25°C unless otherwise specified)
Electrical Characteristics (TA = 25°C Unless otherwise specified)
Individual Component Characteristics
Transfer Characteristics (TA = 25°C Unless otherwise specified)
Isolation Characteristics (TA = 25°C Unless otherwise specified)
* All typicals at TA = 25°C
Note
1. Test voltage must be applied within dv/dt rating.
2. This is static dv/dt. See Figure 1 for test circuit. Commutating dv/dt is function of the load-driving thyristor(s) only.
3. All devices are guaranteed to trigger at an IF value less than or equal to max IFT. Therefore, recommended operating IF lies
between max IFT (15 mA for FODM3051, 10 mA for FODM3052, 5 mA for FODM3053) and absolute max IF (60 mA).
Parameter
Symbol
Value
Units
TOTAL PACKAGE
Storage Temperature
TSTG
-40 to +125
°C
Junction Temperature
TJ
125
°C
Operating Temperature
TOPR
-40 to +100
°C
EMITTER
Continuous Forward Current
IF (avg)
60
mA
Peak Forward Current (1 µs pulse, 300 pps.)
IF (pk)
1A
Reverse Input Voltage
VR
3V
Power Dissipation
(No derating required over operating temp. range)
PD
100
mW
DETECTOR
On-State RMS Current
IT(RMS)
70
mA (RMS)
Off-State Output Terminal Voltage
VDRM
600
V
Power Dissipation
(No derating required over operating temp. range)
PD
250
mW
Parameter
Test Conditions
Symbol Device
Min
Typ*
Max
Unit
EMITTER
Input Forward Voltage
IF = 10 mA
VF
All
1.20
1.5
V
Reverse Leakage Current
VR = 3 V
IR
All
0.01
100
µA
DETECTOR
Peak Blocking Current Either Direction
VDRM = 600V, IF = 0 (note 1)
IDRM
All
3
100
nA
Peak On-State Voltage Either Direction
ITM = 100mA peak
VTM
All
2.0
2.5
V
Critical Rate of Rise of Off-State Voltage
IF = 0 (Figure 8, note 2)
dV/dt
All
1000
V/µs
DC Characteristics
Test Conditions
Symbol
Device
Min
Typ*
Max
Unit
LED Trigger Current
Main Terminal
Voltage = 3V (note 3)
IFT
FODM3051
15
mA
FODM3052
10
FODM3053
5
Holding Current, Either Direction
IH
All
300
µA
Characteristic
Test Conditions
Symbol
Device
Min
Typ*
Max
Unit
Steady State Isolation Voltage
t = 1 Minute
VISO
All
3750
V(RMS)


Similar Part No. - FODM3051

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM3051 FAIRCHILD-FODM3051 Datasheet
78Kb / 8P
   4-PIN FULL PITCH MINI-FLAT PACKAGE RANDOM PHASE TRIAC DRIVER OUTPUT OPTOCOUPLERS
FODM3051 FAIRCHILD-FODM3051 Datasheet
479Kb / 8P
   4-Pin Full Pitch Mini-Flat Package Random Phase Triac Driver Output Optocouplers
FODM3051 FAIRCHILD-FODM3051 Datasheet
479Kb / 8P
   4-Pin Full Pitch Mini-Flat Package Random Phase Triac Driver Output Optocouplers
More results

Similar Description - FODM3051

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM30XX FAIRCHILD-FODM30XX Datasheet
173Kb / 11P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM3012R2 FAIRCHILD-FODM3012R2 Datasheet
255Kb / 12P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
logo
ON Semiconductor
FODM3011 ONSEMI-FODM3011 Datasheet
942Kb / 12P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
October-2017, Rev. 2
logo
Fairchild Semiconductor
FODM3053 FAIRCHILD-FODM3053 Datasheet
78Kb / 8P
   4-PIN FULL PITCH MINI-FLAT PACKAGE RANDOM PHASE TRIAC DRIVER OUTPUT OPTOCOUPLERS
logo
ON Semiconductor
FODM3011 ONSEMI-FODM3011_V01 Datasheet
222Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
October, 2021 ??Rev. 3
FODM3011 ONSEMI-FODM3011_V02 Datasheet
224Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
March, 2022 - Rev. 4
logo
Fairchild Semiconductor
FODM3011 FAIRCHILD-FODM3011_09 Datasheet
250Kb / 12P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM3023R2 FAIRCHILD-FODM3023R2 Datasheet
493Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM3010 FAIRCHILD-FODM3010_05 Datasheet
492Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM3012R FAIRCHILD-FODM3012R Datasheet
250Kb / 12P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com