Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD250LS Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FOD250LS
Description  LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD250LS Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FOD250LS Datasheet HTML 1Page - Fairchild Semiconductor FOD250LS Datasheet HTML 2Page - Fairchild Semiconductor FOD250LS Datasheet HTML 3Page - Fairchild Semiconductor FOD250LS Datasheet HTML 4Page - Fairchild Semiconductor FOD250LS Datasheet HTML 5Page - Fairchild Semiconductor FOD250LS Datasheet HTML 6Page - Fairchild Semiconductor FOD250LS Datasheet HTML 7Page - Fairchild Semiconductor FOD250LS Datasheet HTML 8Page - Fairchild Semiconductor FOD250LS Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
www.fairchildsemi.com
FOD050L, FOD250L, FOD053L Rev. 1.0.0
Switching Characteristics (T
A = 0 to 70°C Unless otherwise specified, VCC = 3.3V.)
** All Typicals at TA = 25°C
Isolation Characteristics (T
A = 0 to 70°C Unless otherwise specified.)
Notes:
2. The 1.9k
Ω load represents 1 TTL unit load of 1.6mA and 5.6kΩ pull-up resistor.
3. The 4.1k
Ω load represents 1 LSTTL unit load of 0.36mA and 6.1kΩ pull-up resistor.
4. Common mode transient immunity in logic high level is the maximum tolerable (positive) dVcm/dt on the leading
edge of the common mode pulse signal VCM, to assure that the output will remain in a logic high state
(i.e., VO > 2.0V). Common mode transient immunity in logic low level is the maximum tolerable (negative)
dVcm/dt on the trailing edge of the common mode pulse signal, VCM, to assure that the output will remain in a
logic low state (i.e., VO < 0.8V).
5. Device is considered a two terminal device: Pins 1, 2, 3 and 4 are shorted together and Pins 5, 6, 7 and 8 are
shorted together.
Symbol
Parameter
Test Conditions
Device
Min.
Typ.**
Max. Unit
TPHL
Propagation Delay
Time to Logic Low
RL = 1.9kΩ, IF = 16mA
(2)
(Fig. 10)
25°C
All
1.0
µs
2.0
TPLH
Propagation Delay
Time to Logic High
RL = 1.9kΩ, IF = 16mA
(2)
(Fig. 10)
25°C
All
1.0
µs
2.0
|CMH|
Common Mode
Transient Immunity at
Logic High
IF = 0mA, VCM = 1,000VP-P,
RL = 4.1kΩ, TA = 25°C
(3,4) (Fig. 11)
All
5,000
50,000
V/µs
IF = 0mA, VCM = 1,000VP-P,
TA = 25°C, RL = 1.9kΩ
(2,4) (Fig.
11)
5,000
50,000
V/µs
|CML|
Common Mode
Transient Immunity at
Logic Low
IF = 16mA, VCM = 1,000VP-P,
RL = 4.1kΩ. TA = 25°C
(3,4)
(Fig. 11)
All
5,000
35,000
V/µs
IF = 16mA, VCM = 1,000 VP-P,
RL = 1.9kΩ
(2,4) (Fig. 11)
5,000
35,000
V/µs
Symbol
Characteristics
Test Conditions
Device
Min.
Typ.**
Max.
Unit
II-O
Input-Output
Insulation Leakage
Current
Relative humidity = 45%,
TA = 25°C, t = 5s,
VI-O = 3000VDC
(5)
All
1.0
µA
VISO
Withstand Insulation
Test Voltage
f = 60Hz, TA = 25°C,
t = 1 min.(5)
FOD050L
FOD053L
2500
VRMS
FOD250L
5000
RI-O
Resistance
(input to output)
VI-O = 500VDC
(5)
All
1011
1012
CI-O
Capacitance
(input to output)
f = 1MHz(5)
All
0.2
pF


Similar Part No. - FOD250LS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD250LS FAIRCHILD-FOD250LS Datasheet
366Kb / 13P
   LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
FOD250LSD FAIRCHILD-FOD250LSD Datasheet
366Kb / 13P
   LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
FOD250LSDV FAIRCHILD-FOD250LSDV Datasheet
366Kb / 13P
   LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
FOD250LSV FAIRCHILD-FOD250LSV Datasheet
366Kb / 13P
   LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
More results

Similar Description - FOD250LS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L_08 Datasheet
366Kb / 13P
   LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
FOD260L FAIRCHILD-FOD260L Datasheet
639Kb / 14P
   LVTTL/LVCMOS 3.3V High Speed-10 MBit/s Logic Gate Optocouplers
FOD050L FAIRCHILD-FOD050L_09 Datasheet
377Kb / 13P
   FOD050L, FOD250L: Single Channel FOD053L: Dual Channel LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
logo
Broadcom Corporation.
ACPL-W60L BOARDCOM-ACPL-W60L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
ACPL-W63L BOARDCOM-ACPL-W63L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
May 11, 2017
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-270L AVAGO-HCPL-270L Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatbie Optocouplers
HCPL-070L-500E AVAGO-HCPL-070L-500E Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatible Optocouplers
HCPL-060L-000E AVAGO-HCPL-060L-000E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-060L-500E AVAGO-HCPL-060L-500E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
ON Semiconductor
MC100EPT622 ONSEMI-MC100EPT622_11 Datasheet
137Kb / 8P
   3.3V LVTTL/LVCMOS to LVPECL Translator
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com