Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD617 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FOD617
Description  4-Pin High Operating Temperature Phototransistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD617 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FOD617 Datasheet HTML 1Page - Fairchild Semiconductor FOD617 Datasheet HTML 2Page - Fairchild Semiconductor FOD617 Datasheet HTML 3Page - Fairchild Semiconductor FOD617 Datasheet HTML 4Page - Fairchild Semiconductor FOD617 Datasheet HTML 5Page - Fairchild Semiconductor FOD617 Datasheet HTML 6Page - Fairchild Semiconductor FOD617 Datasheet HTML 7Page - Fairchild Semiconductor FOD617 Datasheet HTML 8Page - Fairchild Semiconductor FOD617 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
www.fairchildsemi.com
FOD814 Series, FOD617 Series, FOD817 Series Rev. 1.0.5
Electrical Characteristics (TA = 25°C Unless otherwise specified.)
Individual Component Characteristics
Transfer Characteristics (TA = 25°C Unless otherwise specified.)
*Typical values at TA = 25°C
Symbol
Parameter
Device
Test Conditions
Min.
Typ.*
Max.
Unit
EMITTER
VF
Forward Voltage
FOD814
IF = ±20mA
1.2
1.4
V
FOD617
IF = 60mA
1.35
1.65
FOD817
IF = 20mA
1.2
1.4
IR
Reverse Leakage Current
FOD617
VR = 6.0V
0.001
10
µA
FOD817
VR = 4.0V
10
Ct
Terminal Capacitance
FOD814
V = 0, f = 1kHz
50
250
pF
FOD617
V = 0, f = 1kHz
30
250
FOD817
V = 0, f = 1kHz
30
250
DETECTOR
ICEO
Collector Dark Current
FOD814
VCE = 20V, IF = 0
100
nA
FOD617C/D
VCE = 10V, IF = 0
1
100
FOD617A/B
VCE = 10V, IF = 0
1
50
FOD817
VCE = 20V, IF = 0
100
BVCEO
Collector-Emitter Breakdown
Voltage
FOD814
IC = 0.1mA, IF = 0
70
V
FOD617
IC = 100µA, IF = 0
70
FOD817
IC = 0.1mA, IF = 0
70
BVECO
Emitter-Collector Breakdown
Voltage
FOD814
IE = 10µA, IF = 0
6
V
FOD617
IE = 10µA, IF = 0
7
FOD817
IE = 10µA, IF = 0
6
Symbol DC Characteristic
Device
Test Conditions
Min.
Typ.*
Max.
Unit
CTR
Current Transfer
Ratio
FOD814
IF = ±1mA, VCE = 5V
(1)
20
300
%
FOD814A
50
150
FOD617A
IF = 10mA, VCE = 5V
(1)
40
80
FOD617B
63
125
FOD617C
100
200
FOD617D
160
320
FOD617A
IF = 1mA, VCE = 5V
(1)
13
FOD617B
22
FOD617C
34
FOD617D
56
FOD817
IF = 5mA, VCE = 5V
(1)
50
600
FOD817A
80
160
FOD817B
130
260
FOD817C
200
400
FOD817D
300
600
VCE (sat) Collector-Emitter
Saturation Voltage
FOD814
IF = ±20mA, IC = 1mA
0.1
0.2
V
FOD617
IF = 10mA, IC = 2.5mA
0.4
FOD817
IF = 20mA, IC = 1mA
0.1
0.2


Similar Part No. - FOD617

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD617 FAIRCHILD-FOD617 Datasheet
578Kb / 12P
   4-Pin Phototransistor Optocouplers
FOD617A FAIRCHILD-FOD617A Datasheet
578Kb / 12P
   4-Pin Phototransistor Optocouplers
FOD617B FAIRCHILD-FOD617B Datasheet
578Kb / 12P
   4-Pin Phototransistor Optocouplers
FOD617C FAIRCHILD-FOD617C Datasheet
578Kb / 12P
   4-Pin Phototransistor Optocouplers
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
More results

Similar Description - FOD617

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD817B300W FAIRCHILD-FOD817B300W Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817A300W FAIRCHILD-FOD817A300W Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817SD FAIRCHILD-FOD817SD Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD8173SD FAIRCHILD-FOD8173SD Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817D3SD FAIRCHILD-FOD817D3SD Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817B3S FAIRCHILD-FOD817B3S Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817AW FAIRCHILD-FOD817AW Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817300W FAIRCHILD-FOD817300W Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD8173S FAIRCHILD-FOD8173S Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817C3SD FAIRCHILD-FOD817C3SD Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com