Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6549CR Datasheet(PDF) 14 Page - Intersil Corporation

Part # ISL6549CR
Description  Single 12V Input Supply Dual Regulator Synchronous Rectified Buck PWM and Linear Power Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6549CR Datasheet(HTML) 14 Page - Intersil Corporation

Back Button ISL6549CR Datasheet HTML 10Page - Intersil Corporation ISL6549CR Datasheet HTML 11Page - Intersil Corporation ISL6549CR Datasheet HTML 12Page - Intersil Corporation ISL6549CR Datasheet HTML 13Page - Intersil Corporation ISL6549CR Datasheet HTML 14Page - Intersil Corporation ISL6549CR Datasheet HTML 15Page - Intersil Corporation ISL6549CR Datasheet HTML 16Page - Intersil Corporation ISL6549CR Datasheet HTML 17Page - Intersil Corporation ISL6549CR Datasheet HTML 18Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14
FN9168.2
September 22, 2006
FET is particularly slow in these parameters, there is a greater
chance that shoot-through current will occur.
As referenced in the “Block Diagram” on page 2, the UGATE
signal is referenced to PHASE signal. The deadtime
comparator also looks at the difference (UGATE - PHASE).
This is significant when viewing the gate driver waveforms on
an oscilloscope. One simple indication of shoot-through (or
insufficient deadtime) is when the UGATE and LGATE signals
overlap. But in this case, one should look at UGATE-PHASE
(either by a math function of the two signals, or by using a
differential probe measurement) compared to LGATE.
Figure 12 shows an example of this. It looks as if the UGATE
and LGATE signals have crossed, but the UGATE-PHASE
signal does not cross the LGATE.
One important consideration is negative spikes on the PHASE
node as it goes low. The upper FET is turning off, but before
the lower FET can take over, stray inductance in the layout
(on the board, or even the inductance of some components,
such as D2PAK FETs) can contribute to the PHASE going
negative.
There is no maximum spec for PHASE spike below GND,
however, there is an absolute maximum rating for
(BOOT - PHASE) of 7V; exceeding this limit can cause
damage to the IC, and possibly to the system. Since the
BOOT signal is typically 5V above the PHASE node most of
the time, it only takes a few volts of a spike on either signal to
exceed the limit. A good design should be characterized by
using the math function or differential probe, and monitoring
these signals for compliance, especially during full loads,
where the signals are usually the noisiest. Slowing down the
turn-off of the upper FET may help, while at other times,
sometimes the problem may just be the choice of FETs.
If the power efficiency of the system is important, then other
FET parameters are also considered. Efficiency is a measure
of power losses from input to output, and it contains two major
components: losses in the IC (mostly in the gate drivers) and
losses in the FETs. Optimizing the sum involves many
trade-offs (for example, raising the voltage of the gate drivers
typically adds power to the IC side, but may reduce some
power on the FET side). For low duty cycle applications (such
as 12V in to 1.5V out), the upper FET is usually chosen for low
gate charge, since switching losses are key, while the lower
FET is chosen for low RDS(ON), since it is on most of the time.
For high duty cycles (such as 3.3V in to 2.5V out), the
opposite is true.
In summary, the following parameters may need to be
considered in choosing the right FETs for an application:
drain-source breakdown voltage rating, gate-source rating,
maximum current, thermal and package considerations, low
gate threshold voltage, gate charge, RDS(ON) at 4.5V, and
switching speed. And, of course, the board layout constraints
and cost also are factored into the decision.
Linear FET Considerations
The linear FET is chosen primarily for thermal performance.
The current for the linear output is generally limited by the
power dissipation (P = (VIN2 - VOUT2) * I), and the FET
thermal rating for getting the heat out of the package, and
spreading it out on the board, especially when no heatsinks or
airflow is available. It is generally not recommended to parallel
two FETs in order to get higher current or to spread out the
heat, as the FETs would need to be very well-matched in
order to share the current properly. Should this approach be
desired, and as perfectly matched FETs are seldom available,
a small resistor, or PCB trace of suitable resistance placed in
the source of each of the FETs can be used to improve the
current balance.
The maximum VOUT2 voltage allowed is determined by
several factors:
• Power dissipation, as described earlier
• Input voltage available
• LDO_DR voltage
• FET chosen
The voltage cannot be any higher than the input voltage
available, and the max VIN2 is 12V (13.2V for a ±10% supply).
The LDO_DR voltage is driven from the VCC12 rail; allowing
for headroom, the typical maximum voltage is 11V (lower as
VCC12 goes to its minimum of 10.8V). So the maximum
output voltage will be at least a VGS drop (which includes the
FET threshold voltage) below the 11V, at the maximum load
current; some additional headroom is usually needed to
handle transient conditions. So a practical typical value
around 8V may be possible, but remember to also factor in
the variations for worst case conditions on VIN2 and the FET
parameters. As long as the VIN2 is low enough such that
headroom versus VCC12 is not a problem, then the maximum
output voltage is just below VIN2, based on the RDS(ON) drop
at maximum current.
The input supply for VIN2 can also be any available supply
less than 12V, subject to the considerations above. The
drain-source breakdown voltage of the FET should be greater
FIGURE 12. GATE DRIVER WAVEFORMS
UGATE (4V/DIV)
UGATE-PHASE (4V/DIV)
PHASE (4V/DIV)
LGATE (4V/DIV)
GND>
GND>
GND>
GND>
ISL6549


Similar Part No. - ISL6549CR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6549CR RENESAS-ISL6549CR Datasheet
854Kb / 18P
   Single 12V Input Supply Dual Regulator ?봖ynchronous Rectified Buck PWM and Linear Power Controller
ISL6549CRZ RENESAS-ISL6549CRZ Datasheet
854Kb / 18P
   Single 12V Input Supply Dual Regulator ?봖ynchronous Rectified Buck PWM and Linear Power Controller
More results

Similar Description - ISL6549CR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6549 RENESAS-ISL6549 Datasheet
854Kb / 18P
   Single 12V Input Supply Dual Regulator ?봖ynchronous Rectified Buck PWM and Linear Power Controller
logo
uPI Group Inc.
UP6161 UPI-UP6161 Datasheet
500Kb / 15P
   Single 12V Input Supply Dual Regulator - Synchronous-Buck-PWM and Linear-Regulator Controller
logo
Intersil Corporation
ISL6529 INTERSIL-ISL6529 Datasheet
623Kb / 19P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
ISL6529A INTERSIL-ISL6529A Datasheet
376Kb / 15P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
logo
Richtek Technology Corp...
RT9259C RICHTEK-RT9259C Datasheet
303Kb / 15P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218B RICHTEK-RT9218B Datasheet
389Kb / 17P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259 RICHTEK-RT9259 Datasheet
303Kb / 15P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259A RICHTEK-RT9259A Datasheet
243Kb / 14P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Renesas Technology Corp
ISL6529 RENESAS-ISL6529 Datasheet
1Mb / 20P
   Dual Regulator?밪ynchronous Rectified Buck PWM and Linear Power Controllers
logo
uPI Group Inc.
UP9305 UPI-UP9305 Datasheet
313Kb / 16P
   5V/12V Synchronous-Rectified Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com