Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6597 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6597
Description  Dual Synchronous Rectified MOSFET Drivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6597 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6597 Datasheet HTML 2Page - Intersil Corporation ISL6597 Datasheet HTML 3Page - Intersil Corporation ISL6597 Datasheet HTML 4Page - Intersil Corporation ISL6597 Datasheet HTML 5Page - Intersil Corporation ISL6597 Datasheet HTML 6Page - Intersil Corporation ISL6597 Datasheet HTML 7Page - Intersil Corporation ISL6597 Datasheet HTML 8Page - Intersil Corporation ISL6597 Datasheet HTML 9Page - Intersil Corporation ISL6597 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
FN9165.0
November 22, 2006
PWM line of ISL6597 (assuming an Intersil PWM controller
is used).
Bootstrap Considerations
This driver features an internal bootstrap diode. Simply
adding an external capacitor across the BOOT and PHASE
pins completes the bootstrap circuit.
The following equation helps select a proper bootstrap
capacitor size:
where QG1 is the amount of gate charge per upper MOSFET
at VGS1 gate-source voltage and NQ1 is the number of
control MOSFETs. The
ΔVBOOT_CAP term is defined as the
allowable droop in the rail of the upper gate drive.
As an example, suppose two HAT2168 FETs are chosen as
the upper MOSFETs. The gate charge, QG, from the data
sheet is 12nC at 5V (VGS) gate-source voltage. Then the
QGATE is calculated to be 26.4nC at 5.5V PVCC level. We
will assume a 100mV droop in drive voltage over the PWM
cycle. We find that a bootstrap capacitance of at least
0.264
μF is required. The next larger standard value
capacitance is 0.33µF. A good quality ceramic capacitor is
recommended.
Power Dissipation
Package power dissipation is mainly a function of the
switching frequency (FSW), the output drive impedance, the
external gate resistance, and the selected MOSFET’s
internal gate resistance and total gate charge. Calculating
the power dissipation in the driver for a desired application is
critical to ensure safe operation. Exceeding the maximum
allowable power dissipation level will push the IC beyond the
maximum recommended operating junction temperature of
+125°C. The maximum allowable IC power dissipation for
the 16 lead 4x4 QFN packages, with an exposed heat
escape pad, is around 2W. See Layout Considerations
paragraph for thermal transfer improvement suggestions.
When designing the driver into an application, it is
recommended that the following calculation is used to
ensure safe operation at the desired frequency for the
selected MOSFETs. The total gate drive power losses due to
the gate charge of MOSFETs and the driver’s internal
circuitry and their corresponding average driver current can
be estimated with Equations 2 and 3, respectively,
where the gate charge (QG1 and QG2) is defined at a
particular gate to source voltage (VGS1and VGS2) in the
corresponding MOSFET datasheet; IQ is the driver’s total
quiescent current with no load at both drive outputs; NQ1
and NQ2 are number of upper and lower MOSFETs,
respectively. The factor 2 is the number of active channels.
The IQ VCC product is the quiescent power of the driver
without capacitive load and is typically negligible.
The total gate drive power losses are dissipated among the
resistive components along the transition path. The drive
resistance dissipates a portion of the total gate drive power
losses, the rest will be dissipated by the external gate
resistors (RG1 and RG2, should be a short to avoid
interfering with the operation shoot-through protection
circuitry) and the internal gate resistors (RGI1 and RGI2) of
MOSFETs. Figures 3 and 4 show the typical upper and lower
gate drives turn-on transition path. The power dissipation on
the driver can be roughly estimated as:
C
BOOT_CAP
Q
GATE
ΔV
BOOT_CAP
--------------------------------------
Q
GATE
Q
G1
PVCC
V
GS1
------------------------------------
N
Q1
=
(EQ. 1)
50nC
20nC
FIGURE 2. BOOTSTRAP CAPACITANCE vs BOOT RIPPLE
VOLTAGE
ΔV
BOOT (V)
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
0.3
0.0
0.1
0.2
0.4
0.5
0.6
0.9
0.7
0.8
1.0
QGATE = 100nC
1.8
2.0
P
Qg_TOT
2P
Qg_Q1
P
Qg_Q2
+
()
I
Q
VCC
+
=
(EQ. 2)
P
Qg_Q1
Q
G1
PVCC2
V
GS1
---------------------------------------
F
SW
N
Q1
=
P
Qg_Q2
Q
G2
PVCC2
V
GS2
---------------------------------------
F
SW
N
Q2
=
I
DR
2
Q
G1
N
Q1
V
GS1
------------------------------
Q
G2
N
Q2
V
GS2
------------------------------
+
⎝⎠
⎜⎟
⎛⎞
F
SW
I
Q
+
=
(EQ. 3)
P
DR
2P
DR_UP
P
DR_LOW
+
()
I
Q
VCC
+
=
(EQ. 4)
P
DR_UP
R
HI1
R
HI1
R
EXT1
+
--------------------------------------
R
LO1
R
LO1
R
EXT1
+
----------------------------------------
+
⎝⎠
⎜⎟
⎛⎞ P
Qg_Q1
2
---------------------
=
P
DR_LOW
R
HI2
R
HI2
R
EXT2
+
--------------------------------------
R
LO2
R
LO2
R
EXT2
+
----------------------------------------
+
⎝⎠
⎜⎟
⎛⎞ P
Qg_Q2
2
---------------------
=
R
EXT2
R
G1
R
GI1
N
Q1
-------------
+
=
R
EXT2
R
G2
R
GI2
N
Q2
-------------
+
=
ISL6597


Similar Part No. - ISL6597

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6597 INTERSIL-ISL6597 Datasheet
102Kb / 2P
   ISL6597 Integrated Power Stage
logo
Renesas Technology Corp
ISL6597 RENESAS-ISL6597 Datasheet
564Kb / 10P
   Dual Synchronous Rectified MOSFET Drivers
ISL6597CRZ RENESAS-ISL6597CRZ Datasheet
564Kb / 10P
   Dual Synchronous Rectified MOSFET Drivers
More results

Similar Description - ISL6597

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6597 RENESAS-ISL6597 Datasheet
564Kb / 10P
   Dual Synchronous Rectified MOSFET Drivers
logo
Intersil Corporation
ISL6610CBZ INTERSIL-ISL6610CBZ Datasheet
278Kb / 11P
   Dual Synchronous Rectified MOSFET Drivers
November 22, 2006
ISL6610 INTERSIL-ISL6610 Datasheet
276Kb / 11P
   Dual Synchronous Rectified MOSFET Drivers
logo
Renesas Technology Corp
ISL6210 RENESAS-ISL6210 Datasheet
498Kb / 10P
   Dual Synchronous Rectified MOSFET Drivers
logo
Intersil Corporation
ISL6210 INTERSIL-ISL6210 Datasheet
249Kb / 10P
   Dual Synchronous Rectified MOSFET Drivers
logo
Renesas Technology Corp
ISL6610 RENESAS-ISL6610 Datasheet
281Kb / 11P
   Dual Synchronous Rectified MOSFET Drivers
November 22, 2006
logo
Intersil Corporation
HIP6601 INTERSIL-HIP6601 Datasheet
84Kb / 8P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Richtek Technology Corp...
RT9618 RICHTEK-RT9618_11 Datasheet
469Kb / 12P
   Synchronous-Rectified Buck MOSFET Drivers
RT9619 RICHTEK-RT9619_11 Datasheet
427Kb / 11P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
ISL6625ACRZ-T INTERSIL-ISL6625ACRZ-T Datasheet
412Kb / 10P
   Synchronous Rectified Buck MOSFET Drivers
September 19, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com