Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL6421A Datasheet(PDF) 4 Page - Intersil Corporation

Part No. ISL6421A
Description  Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6421A Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6421A_06 Datasheet HTML 1Page - Intersil Corporation ISL6421A_06 Datasheet HTML 2Page - Intersil Corporation ISL6421A_06 Datasheet HTML 3Page - Intersil Corporation ISL6421A_06 Datasheet HTML 4Page - Intersil Corporation ISL6421A_06 Datasheet HTML 5Page - Intersil Corporation ISL6421A_06 Datasheet HTML 6Page - Intersil Corporation ISL6421A_06 Datasheet HTML 7Page - Intersil Corporation ISL6421A_06 Datasheet HTML 8Page - Intersil Corporation ISL6421A_06 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
FN9167.3
March 9, 2006
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . 8.0V to 18.0V
Logic Input Voltage Range (SDA, SCL, ENT) . . . . . . . . -0.5V to 7V
Output Current . . . . . . . . . . . . . . . . . . . . Externally/Internally Limited
Thermal Resistance (Notes 1, 2)
θJA (°C/W) θJC (°C/W)
QFN Package. . . . . . . . . . . . . . . . . . . .
35
6
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -40°C to 150°C
For recommended soldering conditions, see Tech Brief TB389.
NOTE: The device junction temperature should be kept below
150°C. Thermal shut-down circuitry turns off the device if junction
temperature exceeds +150°C typically.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
2. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
VCC = 12V, TA = -20°C to +85°C, unless otherwise noted. Typical values are at TA = 25°C. EN = H, LLC = L,
ENT = L, DCL = L, DSQIN = L, Iout = 12mA, unless otherwise noted. See software description section for I2C
access to the system.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage Range
8
12
14
V
Standby Supply Current
EN = L
-
1.5
3.0
mA
Supply Current
IIN
EN = LLC = VSEL = ENT = H, No Load
-
4.0
8.0
mA
UNDERVOLTAGE LOCKOUT
Start Threshold
7.5
-
7.95
V
Stop Threshold
7.0
-
7.55
V
Start to Stop Hysteresis
350
400
500
mV
SOFT-START
COMP Rise Time (Note 3)
(Note 5)
-
1024
-
Cycles
OUTPUT VOLTAGE
Output Voltage (Note 4)
VOUT
VSEL = L, LLC = L
12.74
13.0
13.26
V
VOUT
VSEL = L, LLC = H
13.72
14.0
14.28
V
VOUT
VSEL = H, LLC = L
17.64
18.0
18.36
V
VOOU
VSEL = H, LLC = H
18.62
19.0
19.38
V
Line Regulation
DVOUT
VIN = 8V to 14V; VOUT = 13V
-
4.0
40.0
mV
VIN = 8V to 14V; VOUT = 18V
-
4.0
60.0
mV
Load Regulation
DVOUT
IO = 12mA to 450mA
-
50
80
mV
Dynamic Output Current Limiting
IMAX
DCL = L
500
-
625
mA
Dynamic Overload Protection Off Time
TOFF
DCL = L, Output Shorted (Note 5)
-
900
-
ms
Dynamic Overload Protection On Time
TON
-20-
ms
Output Backward Current
IOBK
EN = 0; VOBK = 24V
-
2.0
3.0
mA
22kHz TONE
Tone Frequency
ftone
ENT = H
20.0
22.0
24.0
kHz
Tone Amplitude
Vtone
ENT = H
500
680
900
mV
Tone Duty Cycle
dctone
ENT = H
405060
%
Tone Rise or Fall Time
Tr, Tf
ENT = H
5
8
14
µs
ISL6421A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn