Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X40431S14Z-B Datasheet(PDF) 11 Page - Intersil Corporation

Part # X40431S14Z-B
Description  Triple Voltage Monitor with Integrated CPU Supervisor
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X40431S14Z-B Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X40431S14Z-B Datasheet HTML 7Page - Intersil Corporation X40431S14Z-B Datasheet HTML 8Page - Intersil Corporation X40431S14Z-B Datasheet HTML 9Page - Intersil Corporation X40431S14Z-B Datasheet HTML 10Page - Intersil Corporation X40431S14Z-B Datasheet HTML 11Page - Intersil Corporation X40431S14Z-B Datasheet HTML 12Page - Intersil Corporation X40431S14Z-B Datasheet HTML 13Page - Intersil Corporation X40431S14Z-B Datasheet HTML 14Page - Intersil Corporation X40431S14Z-B Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
11
FN8251.1
May 24, 2006
Once set, WEL remains set until either it is reset to 0
(by writing a “0” to the WEL bit and zeroes to the other
bits of the control register) or until the part powers up
again. Writes to the WEL bit do not cause a high volt-
age write cycle, so the device is ready for the next
operation immediately after the stop condition.
BP: Block Protect Bits (Nonvolatile)
The Block Protect Bit BP, determines which blocks of
the array are write protected. A write to a protected
block of memory is ignored. The block protect bit will
prevent write operations to half or none of the array.
PUP1, PUP0: Power-up Bits (Nonvolatile)
The Power-up bits, PUP1 and PUP0, determine the
tPURST time delay. The nominal power-up times are
shown in the following table.
WD1, WD0: Watchdog Timer Bits (Nonvolatile)
The bits WD1 and WD0 control the period of the
Watchdog Timer. The options are shown below.
Writing to the Control Registers
Changing any of the nonvolatile bits of the control and
trickle registers requires the following steps:
– Write a 02H to the Control Register to set the Write
Enable Latch (WEL). This is a volatile operation, so
there is no delay after the write. (Operation pre-
ceded by a start and ended with a stop).
– Write a 06H to the Control Register to set the
Register Write Enable Latch (RWEL) and the WEL
bit. This is also a volatile cycle. The zeros in the data
byte are required. (Operation proceeded by a start
and ended with a stop).
– Write one byte value to the Control Register that has
all the control bits set to the desired state. The Control
register can be represented as qxys 001r in binary,
where xy are the WD bits, s is the BP bit and qr are the
power-up bits. This operation proceeded by a start and
ended with a stop bit. Since this is a nonvolatile write
cycle it will take up to 10ms (max.) to complete. The
RWEL bit is reset by this cycle and the sequence must
be repeated to change the nonvolatile bits again. If bit
2 is set to ‘1’ in this third step (qxys 011r) then the
RWEL bit is set, but the WD1, WD0, PUP1, PUP0, and
BP bits remain unchanged. Writing a second byte to
the control register is not allowed. Doing so aborts the
write operation and returns a NACK.
– A read operation occurring between any of the previ-
ous operations will not interrupt the register write
operation.
– The RWEL bit cannot be reset without writing to the
nonvolatile control bits in the control register, power
cycling the device or attempting a write to a write
protected block.
To illustrate, a sequence of writes to the device con-
sisting of [02H, 06H, 02H] will reset all of the nonvola-
tile bits in the Control Register to 0. A sequence of
[02H, 06H, 06H] will leave the nonvolatile bits
unchanged and the RWEL bit remains set.
Notes: 1. tPURST is set to 200ms as factory default.
2. Watch Dog Timer bits are shipped disabled.
FAULT DETECTION REGISTER
The Fault Detection Register (FDR) provides the user
the status of what causes the system reset active. The
Manual Reset Fail, Watchdog Timer Fail and Three
Low Voltage Fail bits are volatile
The FDR is accessed with a special preamble in the
slave byte (1011) and is located at address 0FFh. It
can only be modified by performing a byte write opera-
tion directly to the address of the register and only one
data byte is allowed for each register write operation.
There is no need to set the WEL or RWEL in the
control register to access this FDR.
BP
Protected Addresses
(Size)
Memory Array
Lock
0
None
None
1
100h – 1FFh (256 bytes)
Upper Half of
Memory Array
PUP1 PUP0
Power-on Reset Delay (tPURST)
0
0
50ms
0
1
200ms (factory setting)
1
0
400ms
1
1
800ms
WD1
WD0
Watchdog Time Out Period
0
0
1.4 seconds
0
1
200 milliseconds
1
0
25 milliseconds
1
1
disabled (factory setting)
7
6543
2
1
0
LV1F LV2F LV3F WDF MRF
0
0
0
X40430, X40431, X40434, X40435


Similar Part No. - X40431S14Z-B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40431S14-A INTERSIL-X40431S14-A Datasheet
381Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Xicor Inc.
X40431S14-A XICOR-X40431S14-A Datasheet
419Kb / 24P
   4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40431S14-B INTERSIL-X40431S14-B Datasheet
381Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Xicor Inc.
X40431S14-B XICOR-X40431S14-B Datasheet
419Kb / 24P
   4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40431S14-C INTERSIL-X40431S14-C Datasheet
381Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
More results

Similar Description - X40431S14Z-B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X40030 RENESAS-X40030 Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40430 INTERSIL-X40430 Datasheet
381Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_13 Datasheet
344Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_06 Datasheet
354Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40430 RENESAS-X40430 Datasheet
1,014Kb / 26P
   4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
logo
Xicor Inc.
X40430 XICOR-X40430 Datasheet
419Kb / 24P
   4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40030 INTERSIL-X40030 Datasheet
322Kb / 21P
   Triple Voltage Monitor with Intergrated CPU Supervisor
logo
Renesas Technology Corp
X40010 RENESAS-X40010 Datasheet
933Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Xicor Inc.
X40010 XICOR-X40010 Datasheet
124Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com