Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6844 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6844
Description  Improved Industry Standard Single-Ended Current Mode PWM Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6844 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6844 Datasheet HTML 4Page - Intersil Corporation ISL6844 Datasheet HTML 5Page - Intersil Corporation ISL6844 Datasheet HTML 6Page - Intersil Corporation ISL6844 Datasheet HTML 7Page - Intersil Corporation ISL6844 Datasheet HTML 8Page - Intersil Corporation ISL6844 Datasheet HTML 9Page - Intersil Corporation ISL6844 Datasheet HTML 10Page - Intersil Corporation ISL6844 Datasheet HTML 11Page - Intersil Corporation ISL6844 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
FN9124.8
April 16, 2007
average output current. Knowing the operating frequency, f,
and the MOSFET gate charge, Qg, the average output
current can be calculated in Equation 5:
To optimize noise immunity, bypass VDD to GND with a
ceramic capacitor as close to the VDD and GND pins as
possible.
VREF - The 5.00V reference voltage output. +1.0/-1.5%
tolerance over line, load and operating temperature. Bypass
to GND with a 0.1
μF to 3.3μF capacitor to filter this output as
needed.
Functional Description
Features
The ISL684x current mode PWMs make an ideal choice for
low-cost flyback and forward topology applications. With its
greatly improved performance over industry standard parts,
it is the obvious choice for new designs or existing designs
which require updating.
Oscillator
The ISL684x controllers have a sawtooth oscillator with a
programmable frequency range to 2MHz, which can be
programmed with a resistor from VREF and a capacitor to
GND on the RTCT pin. (Please refer to Figure 4 for the
resistor and capacitance required for a given frequency.)
Soft-Start Operation
Soft-start must be implemented externally. One method,
illustrated below, clamps the voltage on COMP.
Gate Drive
The ISL684x are capable of sourcing and sinking 1A peak
current. To limit the peak current through the IC, an optional
external resistor may be placed between the totem-pole
output of the IC (OUT pin) and the gate of the MOSFET. This
small series resistor also damps any oscillations caused by
the resonant tank of the parasitic inductances in the traces of
the board and the FET’s input capacitance.
Slope Compensation
For applications where the maximum duty cycle is less than
50%, slope compensation may be used to improve noise
immunity, particularly at lighter loads. The amount of slope
compensation required for noise immunity is determined
empirically, but is generally about 10% of the full scale
current feedback signal. For applications where the duty
cycle is greater than 50%, slope compensation is required to
prevent instability. The minimum amount of slope
compensation required corresponds to 1/2 the inductor
downslope. Adding excessive slope compensation,
however, results in a control loop that behaves more as a
voltage mode controller than as current mode controller.
Slope compensation may added to the CS signal in the
following manner.
Fault Conditions
A Fault condition occurs if VREF falls below 4.65V. When a
Fault is detected OUT is disabled. When VREF exceeds
4.80V, the Fault condition clears, and OUT is enabled.
Ground Plane Requirements
Careful layout is essential for satisfactory operation of the
device. A good ground plane must be employed. A unique
section of the ground plane must be designated for high di/dt
currents associated with the output stage. VDD should be
bypassed directly to GND with good high frequency
capacitors.
(EQ. 5)
I
OUT
Qg
f
×
=
FIGURE 5. SOFT-START
VREF
COMP
GND
TIME
DOWNSLOPE
CURRENT SENSE SIGNAL
FIGURE 6. CURRENT SENSE DOWNSLOPE
FIGURE 7. SLOPE COMPENSATION
VREF
RTCT
CS
ISL6840, ISL6841, ISL6842, ISL6843, ISL6844, ISL6845


Similar Part No. - ISL6844

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6844 INTERSIL-ISL6844 Datasheet
264Kb / 9P
   Improved Industry Standard Single Ended Current Mode PWM Controller
ISL6844 INTERSIL-ISL6844 Datasheet
287Kb / 12P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6844 INTERSIL-ISL6844 Datasheet
531Kb / 10P
   ISL6844 Reference Design: ISL6844EVAL3Z
ISL6844 INTERSIL-ISL6844 Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6844 INTERSIL-ISL6844 Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended
More results

Similar Description - ISL6844

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6840IRZ-T INTERSIL-ISL6840IRZ-T Datasheet
372Kb / 14P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
September 29, 2015
ISL6843CBZ-T INTERSIL-ISL6843CBZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6843IBZ-T INTERSIL-ISL6843IBZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6842 INTERSIL-ISL6842 Datasheet
264Kb / 9P
   Improved Industry Standard Single Ended Current Mode PWM Controller
ISL78215 INTERSIL-ISL78215 Datasheet
231Kb / 11P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6840 INTERSIL-ISL6840 Datasheet
287Kb / 12P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
logo
Renesas Technology Corp
ISL6840 RENESAS-ISL6840 Datasheet
683Kb / 14P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
logo
Intersil Corporation
ISL6843IUZ-T INTERSIL-ISL6843IUZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6840IUZ-T INTERSIL-ISL6840IUZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
February 23, 2012
logo
Renesas Technology Corp
ISL78215 RENESAS-ISL78215 Datasheet
578Kb / 11P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com