Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6612CBZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6612CBZ
Description  Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6612CBZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6612CBZ Datasheet HTML 2Page - Intersil Corporation ISL6612CBZ Datasheet HTML 3Page - Intersil Corporation ISL6612CBZ Datasheet HTML 4Page - Intersil Corporation ISL6612CBZ Datasheet HTML 5Page - Intersil Corporation ISL6612CBZ Datasheet HTML 6Page - Intersil Corporation ISL6612CBZ Datasheet HTML 7Page - Intersil Corporation ISL6612CBZ Datasheet HTML 8Page - Intersil Corporation ISL6612CBZ Datasheet HTML 9Page - Intersil Corporation ISL6612CBZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
FN9153.8
February 26, 2007
UGATE Rise Time
tRU
VPVCC = 12V, 3nF Load, 10% to 90%
-
26
-
ns
LGATE Rise Time
tRL
VPVCC = 12V, 3nF Load, 10% to 90%
-
18
-
ns
UGATE Fall Time
tFU
VPVCC = 12V, 3nF Load, 90% to 10%
-
18
-
ns
LGATE Fall Time
tFL
VPVCC = 12V, 3nF Load, 90% to 10%
-
12
-
ns
UGATE Turn-On Propagation Delay (Note 4)
tPDHU
VPVCC = 12V, 3nF Load, Adaptive
-
10
-
ns
LGATE Turn-On Propagation Delay (Note 4)
tPDHL
VPVCC = 12V, 3nF Load, Adaptive
-
10
-
ns
UGATE Turn-Off Propagation Delay (Note 4)
tPDLU
VPVCC = 12V, 3nF Load
-
10
-
ns
LGATE Turn-Off Propagation Delay (Note 4)
tPDLL
VPVCC = 12V, 3nF Load
-
10
-
ns
LG/UG Three-State Propagation Delay (Note 4)
tPDTS
VPVCC = 12V, 3nF Load
-
10
-
ns
OUTPUT (Note 4)
Upper Drive Source Current
IU_SOURCE VPVCC = 12V, 3nF Load
-
1.25
-
A
Upper Drive Source Impedance
RU_SOURCE 150mA Source Current
1.25
2.0
3.0
Ω
Upper Drive Sink Current
IU_SINK
VPVCC = 12V, 3nF Load
-
2
-
A
Upper Drive Transition Sink Impedance
RU_SINK_TR 70ns with Respect to PWM Falling
-
1.3
2.2
Ω
Upper Drive DC Sink Impedance
RU_SINK_DC 150mA Source Current
0.9
1.65
3.0
Ω
Lower Drive Source Current
IL_SOURCE VPVCC = 12V, 3nF Load
-
2
-
A
Lower Drive Source Impedance
RL_SOURCE 150mA Source Current
0.85
1.25
2.2
Ω
Lower Drive Sink Current
IL_SINK
VPVCC = 12V, 3nF Load
-
3
-
A
Lower Drive Sink Impedance
RL_SINK
150mA Sink Current
0.60
0.80
1.35
Ω
OVER TEMPERATURE SHUTDOWN
Thermal Shutdown Setpoint
-
150
-
°C
Thermal Recovery Setpoint
-
108
-
°C
NOTE:
4. Guaranteed by design. Not 100% tested in production.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Functional Pin Description
PACKAGE PIN #
PIN
SYMBOL
FUNCTION
SOIC
DFN
1
1
UGATE
Upper gate drive output. Connect to gate of high-side power N-Channel MOSFET.
2
2
BOOT
Floating bootstrap supply pin for the upper gate drive. Connect the bootstrap capacitor between this pin and the
PHASE pin. The bootstrap capacitor provides the charge to turn on the upper MOSFET. See “Internal Bootstrap
Device” on page 8 for guidance in choosing the capacitor value.
-
3, 8
N/C
No Connection.
3
4
PWM
The PWM signal is the control input for the driver. The PWM signal can enter three distinct states during operation;
see “Three-State PWM Input” on page 7 for further details. Connect this pin to the PWM output of the controller.
4
5
GND
Bias and reference ground. All signals are referenced to this node. It is also the power ground return of the driver.
5
6
LGATE
Lower gate drive output. Connect to gate of the low-side power N-Channel MOSFET.
6
7
VCC
Connect this pin to a +12V bias supply. Place a high quality low ESR ceramic capacitor from this pin to GND.
7
9
PVCC
This pin supplies power to both upper and lower gate drives in ISL6613; only the lower gate drive in ISL6612. Its
operating range is +5V to 12V. Place a high quality low ESR ceramic capacitor from this pin to GND.
8
10
PHASE
Connect this pin to the SOURCE of the upper MOSFET and the DRAIN of the lower MOSFET. This pin provides
a return path for the upper gate drive.
9
11
PAD
Connect this pad to the power ground plane (GND) via thermally enhanced connection.
ISL6612, ISL6613


Similar Part No. - ISL6612CBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6612CBZ INTERSIL-ISL6612CBZ Datasheet
322Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6612CBZ RENESAS-ISL6612CBZ Datasheet
601Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Intersil Corporation
ISL6612CBZ(Note2) INTERSIL-ISL6612CBZ(Note2) Datasheet
363Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
June 15, 2010
ISL6612CBZ-T INTERSIL-ISL6612CBZ-T Datasheet
322Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6612CBZ-T RENESAS-ISL6612CBZ-T Datasheet
601Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
More results

Similar Description - ISL6612CBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
PX3511A INTERSIL-PX3511A Datasheet
229Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6612CBZ(Note2) INTERSIL-ISL6612CBZ(Note2) Datasheet
363Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
June 15, 2010
ISL6594A INTERSIL-ISL6594A_06 Datasheet
247Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594A INTERSIL-ISL6594A Datasheet
242Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6612 RENESAS-ISL6612 Datasheet
601Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594A RENESAS-ISL6594A Datasheet
656Kb / 11P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Intersil Corporation
ISL6612 INTERSIL-ISL6612 Datasheet
322Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594D INTERSIL-ISL6594D Datasheet
264Kb / 11P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6594D RENESAS-ISL6594D Datasheet
639Kb / 11P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Intersil Corporation
ISL6594DCBZ INTERSIL-ISL6594DCBZ Datasheet
299Kb / 11P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
December 3, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com