Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6594A Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6594A
Description  Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6594A Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6594A_06 Datasheet HTML 2Page - Intersil Corporation ISL6594A_06 Datasheet HTML 3Page - Intersil Corporation ISL6594A_06 Datasheet HTML 4Page - Intersil Corporation ISL6594A_06 Datasheet HTML 5Page - Intersil Corporation ISL6594A_06 Datasheet HTML 6Page - Intersil Corporation ISL6594A_06 Datasheet HTML 7Page - Intersil Corporation ISL6594A_06 Datasheet HTML 8Page - Intersil Corporation ISL6594A_06 Datasheet HTML 9Page - Intersil Corporation ISL6594A_06 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
FN9157.3
July 31, 2006
driver current can be estimated with Equations 2 and 3,
respectively,
where the gate charge (QG1 and QG2) is defined at a
particular gate to source voltage (VGS1and VGS2) in the
corresponding MOSFET datasheet; IQ is the driver’s total
quiescent current with no load at both drive outputs; NQ1
and NQ2 are number of upper and lower MOSFETs,
respectively; UVCC and LVCC are the drive voltages for
both upper and lower FETs, respectively. The IQ*VCC
product is the quiescent power of the driver without
capacitive load and is typically 116mW at 300kHz.
The total gate drive power losses are dissipated among the
resistive components along the transition path. The drive
resistance dissipates a portion of the total gate drive power
losses, the rest will be dissipated by the external gate
resistors (RG1 and RG2) and the internal gate resistors
(RGI1 and RGI2) of MOSFETs. Figures 3 and 4 show the
typical upper and lower gate drives turn-on transition path.
The power dissipation on the driver can be roughly
estimated as:
Layout Considerations
For heat spreading, place copper underneath the IC whether
it has an exposed pad or not. The copper area can be
extended beyond the bottom area of the IC and/or
connected to buried copper plane(s) with thermal vias. This
combination of vias for vertical heat escape, extended
copper plane, and buried planes for heat spreading allows
the IC to achieve its full thermal potential.
Place each channel power component as close to each
other as possible to reduce PCB copper losses and PCB
parasitics: shortest distance between DRAINs of upper FETs
and SOURCEs of lower FETs; shortest distance between
DRAINs of lower FETs and the power ground. Thus, smaller
amplitudes of positive and negative ringing are on the
switching edges of the PHASE node. However, some space
in between the power components is required for good
airflow. The traces from the drivers to the FETs should be
kept short and wide to reduce the inductance of the traces
and to promote clean drive signals.
P
Qg_TOT
P
Qg_Q1
P
Qg_Q2
I
Q
VCC
++
=
(EQ. 2)
P
Qg_Q1
Q
G1
UVCC2
V
GS1
---------------------------------------
F
SW
N
Q1
=
P
Qg_Q2
Q
G2
LVCC2
V
GS2
--------------------------------------
F
SW
N
Q2
=
I
DR
Q
G1
UVCC
N
Q1
V
GS1
------------------------------------------------------
Q
G2
LVCC
N
Q2
V
GS2
-----------------------------------------------------
+
⎝⎠
⎜⎟
⎛⎞
F
SW
I
Q
+
=
(EQ. 3)
P
DR
P
DR_UP
P
DR_LOW
I
Q
VCC
++
=
(EQ. 4)
P
DR_UP
R
HI1
R
HI1
R
EXT1
+
--------------------------------------
R
LO1
R
LO1
R
EXT1
+
----------------------------------------
+
⎝⎠
⎜⎟
⎛⎞ PQg_Q1
2
---------------------
=
P
DR_LOW
R
HI2
R
HI2
R
EXT2
+
--------------------------------------
R
LO2
R
LO2
R
EXT2
+
----------------------------------------
+
⎝⎠
⎜⎟
⎛⎞ PQg_Q2
2
---------------------
=
R
EXT1
R
G1
R
GI1
N
Q1
-------------
+
=
R
EXT2
R
G2
R
GI2
N
Q2
-------------
+
=
FIGURE 3. TYPICAL UPPER-GATE DRIVE TURN-ON PATH
FIGURE 4. TYPICAL LOWER-GATE DRIVE TURN-ON PATH
Q1
D
S
G
RGI1
RG1
BOOT
RHI1
CDS
CGS
CGD
RLO1
PHASE
UVCC
LVCC
Q2
D
S
G
RGI2
RG2
RHI2
CDS
CGS
CGD
RLO2
ISL6594A, ISL6594B


Similar Part No. - ISL6594A_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6594ACB INTERSIL-ISL6594ACB Datasheet
242Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594ACBZ INTERSIL-ISL6594ACBZ Datasheet
242Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594ACR INTERSIL-ISL6594ACR Datasheet
242Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594ACRZ INTERSIL-ISL6594ACRZ Datasheet
242Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6594ACRZ RENESAS-ISL6594ACRZ Datasheet
656Kb / 11P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
More results

Similar Description - ISL6594A_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
PX3511A INTERSIL-PX3511A Datasheet
229Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6612CBZ(Note2) INTERSIL-ISL6612CBZ(Note2) Datasheet
363Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
June 15, 2010
ISL6594A INTERSIL-ISL6594A Datasheet
242Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6612 RENESAS-ISL6612 Datasheet
601Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594A RENESAS-ISL6594A Datasheet
656Kb / 11P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Intersil Corporation
ISL6612 INTERSIL-ISL6612_07 Datasheet
250Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6612 INTERSIL-ISL6612 Datasheet
322Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594D INTERSIL-ISL6594D Datasheet
264Kb / 11P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6594D RENESAS-ISL6594D Datasheet
639Kb / 11P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Intersil Corporation
ISL6594DCBZ INTERSIL-ISL6594DCBZ Datasheet
299Kb / 11P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
December 3, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com