Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6209 Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6209
Description  High Voltage Synchronous Rectified Buck MOSFET Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6209 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6209_07 Datasheet HTML 2Page - Intersil Corporation ISL6209_07 Datasheet HTML 3Page - Intersil Corporation ISL6209_07 Datasheet HTML 4Page - Intersil Corporation ISL6209_07 Datasheet HTML 5Page - Intersil Corporation ISL6209_07 Datasheet HTML 6Page - Intersil Corporation ISL6209_07 Datasheet HTML 7Page - Intersil Corporation ISL6209_07 Datasheet HTML 8Page - Intersil Corporation ISL6209_07 Datasheet HTML 9Page - Intersil Corporation ISL6209_07 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
ISL6209
Small Outline Plastic Packages (SOIC)
INDEX
AREA
E
D
N
12
3
-B-
0.25(0.010)
C A
M
BS
e
-A-
L
B
M
-C-
A1
A
SEATING PLANE
0.10(0.004)
h x 45°
C
H
0.25(0.010)
B
M
M
α
NOTES:
1. Symbols are defined in the “MO Series Symbol List” in Section 2.2 of
Publication Number 95.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Dimension “D” does not include mold flash, protrusions or gate burrs.
Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006
inch) per side.
4. Dimension “E” does not include interlead flash or protrusions. Inter-
lead flash and protrusions shall not exceed 0.25mm (0.010 inch) per
side.
5. The chamfer on the body is optional. If it is not present, a visual index
feature must be located within the crosshatched area.
6. “L” is the length of terminal for soldering to a substrate.
7. “N” is the number of terminal positions.
8. Terminal numbers are shown for reference only.
9. The lead width “B”, as measured 0.36mm (0.014 inch) or greater
above the seating plane, shall not exceed a maximum value of
0.61mm (0.024 inch).
10. Controlling dimension: MILLIMETER. Converted inch dimensions
are not necessarily exact.
M8.15 (JEDEC MS-012-AA ISSUE C)
8 LEAD NARROW BODY SMALL OUTLINE PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.0532
0.0688
1.35
1.75
-
A1
0.0040
0.0098
0.10
0.25
-
B
0.013
0.020
0.33
0.51
9
C
0.0075
0.0098
0.19
0.25
-
D
0.1890
0.1968
4.80
5.00
3
E
0.1497
0.1574
3.80
4.00
4
e
0.050 BSC
1.27 BSC
-
H
0.2284
0.2440
5.80
6.20
-
h
0.0099
0.0196
0.25
0.50
5
L
0.016
0.050
0.40
1.27
6
N8
8
7
α
-
Rev. 1 6/05


Similar Part No. - ISL6209_07

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6209CB INTERSIL-ISL6209CB Datasheet
347Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
logo
Renesas Technology Corp
ISL6209CB RENESAS-ISL6209CB Datasheet
1Mb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
logo
Intersil Corporation
ISL6209CB-T INTERSIL-ISL6209CB-T Datasheet
347Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6209CBZ INTERSIL-ISL6209CBZ Datasheet
347Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
logo
Renesas Technology Corp
ISL6209CBZ RENESAS-ISL6209CBZ Datasheet
1Mb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
More results

Similar Description - ISL6209_07

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6208 INTERSIL-ISL6208 Datasheet
1Mb / 11P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6206 INTERSIL-ISL6206 Datasheet
97Kb / 6P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL95808HRZ-T INTERSIL-ISL95808HRZ-T Datasheet
292Kb / 9P
   High Voltage Synchronous Rectified Buck MOSFET Driver
June 29, 2015
logo
Richtek Technology Corp...
RT9610C RICHTEK-RT9610C Datasheet
158Kb / 12P
   High Voltage Synchronous Rectified Buck MOSFET Driver
logo
Renesas Technology Corp
ISL6207 RENESAS-ISL6207 Datasheet
511Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208A RENESAS-ISL6208A Datasheet
555Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
February 15, 2006
logo
Intersil Corporation
ISL6205 INTERSIL-ISL6205 Datasheet
419Kb / 6P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208A INTERSIL-ISL6208A Datasheet
353Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208 INTERSIL-ISL6208_07 Datasheet
1Mb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6207 INTERSIL-ISL6207 Datasheet
292Kb / 9P
   High Voltage Synchronous Rectified Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com