Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6209F58AD Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6209F58AD
Description  High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6209F58AD Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6209F58AD Datasheet HTML 1Page - Torex Semiconductor XC6209F58AD Datasheet HTML 2Page - Torex Semiconductor XC6209F58AD Datasheet HTML 3Page - Torex Semiconductor XC6209F58AD Datasheet HTML 4Page - Torex Semiconductor XC6209F58AD Datasheet HTML 5Page - Torex Semiconductor XC6209F58AD Datasheet HTML 6Page - Torex Semiconductor XC6209F58AD Datasheet HTML 7Page - Torex Semiconductor XC6209F58AD Datasheet HTML 8Page - Torex Semiconductor XC6209F58AD Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2/25
XC6209/6212 Series
TYPE
CE
OPERATIONAL STATE
H
ON
A, B, E, F Series
L
OFF
H
OFF
C, D, G, H Series
L
ON
H=High Level
L=Low Level
PIN CONFIGURATION
[XC6209]
[XC6212]
*The dissipation pad for the USP-6B
package
should
be
solder-plated
in
recommended mount pattern and metal
masking so as to enhance mounting
strength and heat release.
VSS 5
NC 4
CE 6
1 VIN
2 NC
3 VOUT
USP-6B
(BOTTOM VIEW)
PIN NUMBER
XC6209
XC6212
SOT-25
SOT-89-5
USP-6B
SOT-25
PIN NAME
FUNCTION
1
4
1
3
VIN
Input
2
2
5
2
VSS
Ground
3
3
6
4
CE
ON/OFF Control
4
1
2,4
5
NC
No Connection
5
5
3
1
VOUT
Output
PIN ASSIGNMENT
FUNCTIONS


Similar Part No. - XC6209F58AD

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6209F122DL TOREX-XC6209F122DL Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6209F122DR TOREX-XC6209F122DR Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6209F122ML TOREX-XC6209F122ML Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6209F122MR TOREX-XC6209F122MR Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6209F122PL TOREX-XC6209F122PL Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
More results

Similar Description - XC6209F58AD

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
XC6205 TOREX-XC6205 Datasheet
205Kb / 13P
   Low ESR Cap. Compatible Output On/Off Control
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6221A252MR-G TOREX-XC6221A252MR-G Datasheet
472Kb / 28P
   Low ESR Caps Compatible High Speed LDO Voltage Regulator with ON/OFF Switch
logo
Zilog, Inc.
IXD1209 ZILOG-IXD1209 Datasheet
1Mb / 27P
   High Speed LDO Regulator with ON/OFF Control
logo
Torex Semiconductor
XC6204_004 TOREX-XC6204_004 Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com