Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6840 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6840
Description  Improved Industry Standard Single-Ended Current Mode PWM Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6840 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6840_07 Datasheet HTML 3Page - Intersil Corporation ISL6840_07 Datasheet HTML 4Page - Intersil Corporation ISL6840_07 Datasheet HTML 5Page - Intersil Corporation ISL6840_07 Datasheet HTML 6Page - Intersil Corporation ISL6840_07 Datasheet HTML 7Page - Intersil Corporation ISL6840_07 Datasheet HTML 8Page - Intersil Corporation ISL6840_07 Datasheet HTML 9Page - Intersil Corporation ISL6840_07 Datasheet HTML 10Page - Intersil Corporation ISL6840_07 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
FN9124.8
April 16, 2007
CURRENT SENSE
Input Bias Current
VCS = 1V
-1.0
-
1.0
μA
CS Offset Voltage
VCS = 0V (Note 6)
95
100
105
mV
COMP to PWM Comparator Offset Voltage
VCS = 0V (Note 6)
0.80
1.15
1.30
V
Input Signal, Maximum
0.91
0.97
1.03
V
Gain, ACS = ΔVCOMP/ΔVCS
0 < VCS < 910mV, VFB = 0V
(Note 6)
2.5
3.0
3.5
V/V
CS to OUT Delay
(Note 6)
-
25
40
ns
ERROR AMPLIFIER
Open Loop Voltage Gain
(Note 6)
60
90
-
dB
Unity Gain Bandwidth
(Note 6)
3.5
5
-
MHz
Reference Voltage
VFB = VCOMP
2.475
2.514
2.55
V
FB Input Bias Current
VFB = 0V
-1.0
-0.2
1.0
μA
COMP Sink Current
VCOMP = 1.5V, VFB = 2.7V
1.0
-
-
mA
COMP Source Current
VCOMP = 1.5V, VFB = 2.3V
-0.4
-
-
mA
COMP VOH
VFB = 2.3V
4.80
-
VREF
V
COMP VOL
VFB = 2.7V
0.4
-
1.0
V
PSRR
Frequency = 120Hz, VDD = 12V to
18V (Note 6)
60
80
-
dB
OSCILLATOR
Frequency Accuracy
Initial, TJ = +25°C
49
52
55
kHz
Frequency Variation with VDD
T = +25°C (f18V - f12V)/f12V
-0.2
1.0
%
Temperature Stability
(Note 6)
-
-
5
%
Amplitude, Peak to Peak
-
1.9
-
V
RTCT Discharge Voltage
-
0.7
-
V
Discharge Current
RTCT = 2.0V
7.2
8.4
9.5
mA
OUTPUT
Gate VOH
VDD to OUT, IOUT = -200mA
-
1.0
2.0
V
Gate VOL
OUT toGND, IOUT = 200mA
-
1.0
2.0
V
Peak Output Current
COUT = 1nF (Note 6)
-
1.0
-
A
Rise Time
COUT = 1nF (Note 6)
-
20
40
ns
Fall Time
COUT = 1nF (Note 6)
-
20
40
ns
PWM
Maximum Duty Cycle
ISL6840, ISL6842, ISL6843
94
96
-
%
ISL6841, ISL6844, ISL6845
47
48
-
%
Minimum Duty Cycle
ISL6840, ISL6842, ISL6843
-
-
0
%
ISL6841, ISL6844, ISL6845
-
-
0
%
NOTES:
4. Specifications at -40°C although guaranteed, are not 100% tested in production.
5. This is the VDD current consumed when the device is active but not switching. Does not include gate drive current.
6. These parameters, although guaranteed, are not 100% tested in production.
7. Adjust VDD above the start threshold and then lower to 15V.
Electrical Specifications
Recommended operating conditions unless otherwise noted. Refer to Block Diagram and Typical Application
schematic on page 3 and page 4. VDD = 15V (Note 7), Rt = 10kΩ, Ct = 3.3nF, TA = -40 to +105°C (Note 4),
Typical values are at TA = +25°C (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6840, ISL6841, ISL6842, ISL6843, ISL6844, ISL6845


Similar Part No. - ISL6840_07

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6840IB INTERSIL-ISL6840IB Datasheet
287Kb / 12P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6840IBZ INTERSIL-ISL6840IBZ Datasheet
287Kb / 12P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6840IBZ INTERSIL-ISL6840IBZ Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended
ISL6840IBZ INTERSIL-ISL6840IBZ Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6840IBZ INTERSIL-ISL6840IBZ Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
More results

Similar Description - ISL6840_07

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6840IRZ-T INTERSIL-ISL6840IRZ-T Datasheet
372Kb / 14P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
September 29, 2015
ISL6843CBZ-T INTERSIL-ISL6843CBZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6843IBZ-T INTERSIL-ISL6843IBZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6842 INTERSIL-ISL6842 Datasheet
264Kb / 9P
   Improved Industry Standard Single Ended Current Mode PWM Controller
ISL78215 INTERSIL-ISL78215 Datasheet
231Kb / 11P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6840 INTERSIL-ISL6840 Datasheet
287Kb / 12P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
logo
Renesas Technology Corp
ISL6840 RENESAS-ISL6840 Datasheet
683Kb / 14P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
logo
Intersil Corporation
ISL6843IUZ-T INTERSIL-ISL6843IUZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6840IUZ-T INTERSIL-ISL6840IUZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
February 23, 2012
logo
Renesas Technology Corp
ISL78215 RENESAS-ISL78215 Datasheet
578Kb / 11P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com