Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL6721 Datasheet(PDF) 2 Page - Intersil Corporation

Part No. ISL6721
Description  Flexible Single Ended Current Mode PWM Controller
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL6721 Datasheet(HTML) 2 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
FN9110.4
April 13, 2007
Functional Block Diagram
VREF
SS
12k
ON
ON
ON
30k
100k
5k
4.5k
20k
VCC
ISENSE
ISET
COMP
SS
OV
UV
GATE
SLOPE
VFB
PGND
VC
SYNC
RTCT
LGND
VREF
SOFT-START
CHARGE
CURRENT
FAULT
LATCH
PWM
COMPARATOR
SET DOMINANT
SS LOW
0.8
OVERCURRENT
SHUTDOWN
DELAY
SS CLAMP
2.5V
ENABLE
OC LATCH
SS LOW
COMPARATOR
VREF
UV COMPARATOR
4.65V
4.375V
1mA
4V
3.0V
1.5V
OSCILLATOR
COMPARATOR
70µA
3.0V
BLANKING
COMPARATOR
OC DETECT
SS CHARGED
+
-
START/STOP
UV COMPARATOR
VREF
5.00 V
1 %
+
-
BG
+
-
100mV
+
+
S
0.1
53µA
+
-
ERROR
AMPLIFIER
+
-
1/3
VREF
+
-
ON
VREF
+
-
VREF
15µA
+
-
25µA
S
R
Q
Q
+
-
270mV
S
R
Q
Q
+
-
OVERCURRENT
COMPARATOR
100nS
BLANKING
+
-
START
+
-
VREF
+
-
2.50V
1.45V
BG
+
-
36k
+
-
2V
Q
Q
50µs
RETRIGGERABLE
ONE SHOT
SYNC IN
SYNC OUT
EXT SYNC BLANKING
NO EXT SYNC
CLK OUT
BI-DIRECTIONAL
SYNCHRONIZATION
OSC IN
SS CHARGE
VOLTAGE CLAMP
THERMAL
PROTECTION
RESTART
DELAY
S
R
Q
Q
ISL6721


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn