Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6721 Datasheet(PDF) 13 Page - Intersil Corporation

Part # ISL6721
Description  Flexible Single Ended Current Mode PWM Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6721 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button ISL6721_07 Datasheet HTML 9Page - Intersil Corporation ISL6721_07 Datasheet HTML 10Page - Intersil Corporation ISL6721_07 Datasheet HTML 11Page - Intersil Corporation ISL6721_07 Datasheet HTML 12Page - Intersil Corporation ISL6721_07 Datasheet HTML 13Page - Intersil Corporation ISL6721_07 Datasheet HTML 14Page - Intersil Corporation ISL6721_07 Datasheet HTML 15Page - Intersil Corporation ISL6721_07 Datasheet HTML 16Page - Intersil Corporation ISL6721_07 Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13
FN9110.4
April 13, 2007
Peak Primary Current:
Maximum Primary Inductance:
Choose desired primary inductance to be 40
μH.
The core structure must be able to deliver a certain amount
of energy to the secondary on each switching cycle in order
to maintain the specified output power.
where
Δw is the amount of energy required to be transferred
each cycle and Vd is the drop across the output rectifier.
The capacity of a gapped ferrite core structure to store
energy is dependent on the volume of the airgap and can be
expressed as:
where Aeff is the effective cross sectional area of the core in
m2, lg is the length of the airgap in meters,
μ
o is the
permeability of free space (4
π • 10-7), and ΔB is the change
in flux density in Tesla.
A core structure having less airgap volume than calculated
will be incapable of providing the full output power over
some portion of its operating range. On the other hand, if the
length of the airgap becomes large, magnetic field fringing
around the gap occurs. This has the effect of increasing the
airgap volume. Some fringing is usually acceptable, but
excessive fringing can cause increased losses in the
windings around the gap resulting in excessive heating.
Once a suitable core and gap combination are found, the
iterative design cycle begins. A design is developed and
checked for ease of assembly and thermal performance. If
the core does not allow adequate space for the windings,
then a core with a larger window area is required. If the
transformer runs hot, it may be necessary to lower the flux
density (more primary turns, lower operating frequency),
select a less lossy core material, change the geometry of the
windings (winding order), use heavier gauge wire or multi-
filar windings, and/or change the type of wire used (Litz wire,
for example).
For simplicity, only the final design is further described.
An EPCOS EFD 20/10/7 core using N87 material gapped to
an AL value of 25nH/N
2 was chosen. It has more than the
required air gap volume to store the energy required, but
was needed for the window area it provides.
Aeff = 31
• 10-6 m2
lg = 1.56
• 10-3 m
The flux density
ΔB is only 0.069T or 690 gauss, a relatively
low value.
Since
the number of primary turns, Np, may be calculated. The
result is Np = 40 turns. The secondary turns may be
calculated as follows:
where Tr is the time required to reset the core. Since
discontinuous MMF mode operation is desired, the core
must completely reset during the off time. To maintain
discontinuous mode operation, the maximum time allowed to
reset the core is tsw - tON(MAX) where Tsw = 1/Fsw. The
minimum time is application dependent and at the designers
discretion knowing that the secondary winding RMS current
and ripple current stress in the output capacitors increases
with decreasing reset time. The calculation for maximum Ns
for the 3.3 V output using t = tsw - tON (MAX) = 2.75μS is 5.52
turns.
The determination of the number of secondary turns is also
dependent on the number of outputs and the required turns
ratios required to generate them. If schottky output rectifiers
are used and we assume a forward voltage drop of 0.45V,
the required turns ratio for the two output voltages, 3.3V and
1.8V, is 5:3.
With a turns ratio of 5:3 for the secondary windings, we will
use Ns1 = 5 turns and Ns2 = 3 turns. Checking the reset time
using these values for the number of secondary turns yields
a duration of Tr = 2.33
μs or about 47% of the switching
period, an acceptable result.
The bias winding turns may be calculated similarly, only a
diode forward drop of 0.7V is used. The rounded off result is
17 turns for a 12V bias.
The next step is to determine the wire gauge. The RMS
current in the primary winding may be calculated from:
The peak and RMS current values in the remaining windings
may be calculated from:
I
PPK
2I
AVG IN
()
F
sw
t
ON MAX
()
-------------------------------------------
1.87
==
A
(EQ. 9)
Lp max
()
V
IN MIN
() tON MAX
()
I
PPK
---------------------------------------------------------
43.3
==
μH
(EQ. 10)
ΔwP
OUT
V
OUT
Vd
+
〈〉
F
sw
V
OUT
------------------------------------
=
joules
(EQ. 11)
Vg
Aeff
lg
2
μ
o
Δw
ΔB
2
-----------------------------
==
m
3
(EQ. 12)
L
p
μ
o
N
p
2
Aeff
lg
----------------------------------------
=
μH
(EQ. 13)
N
s
Ig
Vout
Vd
+
〈〉 Tr
N
p
Ippk
μ
o
Aeff
---------------------------------------------------------
(EQ. 14)
I
PRMS
()
I
PPK
t
ON MAX
()
3Tsw
---------------------------
=
A
(EQ. 15)
I
SPK
2I
OUT
t
sw
Tr
-------------------------------------
=
A
(EQ. 16)
I
RMS
2I
OUT
t
sw
3Tr
---------------
=
A
(EQ. 17)
ISL6721


Similar Part No. - ISL6721_07

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6721A INTERSIL-ISL6721A Datasheet
673Kb / 24P
   Flexible Single-ended Current Mode PWM Controller
logo
Renesas Technology Corp
ISL6721A RENESAS-ISL6721A Datasheet
959Kb / 24P
   Flexible Single-ended Current Mode PWM Controller
ISL6721A RENESAS-ISL6721A Datasheet
1Mb / 36P
   Flexible Single-Ended Current Mode PWM Controller
Jul 24, 2018
logo
Intersil Corporation
ISL6721A INTERSIL-ISL6721A Datasheet
673Kb / 24P
   Flexible Single-ended Current Mode PWM Controller
August 23, 2011
ISL6721AARZ INTERSIL-ISL6721AARZ Datasheet
673Kb / 24P
   Flexible Single-ended Current Mode PWM Controller
More results

Similar Description - ISL6721_07

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6721ABZ-T INTERSIL-ISL6721ABZ-T Datasheet
386Kb / 22P
   Flexible Single-ended Current Mode PWM Controller
logo
Renesas Technology Corp
ISL6721A RENESAS-ISL6721A_V01 Datasheet
1Mb / 36P
   Flexible Single-Ended Current Mode PWM Controller
Jul 24, 2018
logo
Intersil Corporation
ISL6721AB INTERSIL-ISL6721AB Datasheet
383Kb / 22P
   Flexible Single-ended Current Mode PWM Controller
March 5, 2008
ISL6721AARZ INTERSIL-ISL6721AARZ Datasheet
673Kb / 24P
   Flexible Single-ended Current Mode PWM Controller
August 23, 2011
ISL6721 INTERSIL-ISL6721 Datasheet
393Kb / 22P
   Flexible Single-ended Current Mode PWM Controller
ISL6721A INTERSIL-ISL6721A Datasheet
673Kb / 24P
   Flexible Single-ended Current Mode PWM Controller
logo
Renesas Technology Corp
ISL6721 RENESAS-ISL6721 Datasheet
1,014Kb / 23P
   Flexible Single-Ended Current Mode PWM Controller
ISL6721A RENESAS-ISL6721A Datasheet
959Kb / 24P
   Flexible Single-ended Current Mode PWM Controller
logo
Intersil Corporation
ISL6722A INTERSIL-ISL6722A Datasheet
647Kb / 24P
   Flexible Single Ended Current Mode PWM
logo
Renesas Technology Corp
ISL6722A RENESAS-ISL6722A Datasheet
1Mb / 26P
   Flexible Single Ended Current Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com