Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS6366MSA28 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FMS6366MSA28
Description  Selectable YPbPr HD/SD 4:2:2 Video Filter Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6366MSA28 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FMS6366MSA28 Datasheet HTML 1Page - Fairchild Semiconductor FMS6366MSA28 Datasheet HTML 2Page - Fairchild Semiconductor FMS6366MSA28 Datasheet HTML 3Page - Fairchild Semiconductor FMS6366MSA28 Datasheet HTML 4Page - Fairchild Semiconductor FMS6366MSA28 Datasheet HTML 5Page - Fairchild Semiconductor FMS6366MSA28 Datasheet HTML 6Page - Fairchild Semiconductor FMS6366MSA28 Datasheet HTML 7Page - Fairchild Semiconductor FMS6366MSA28 Datasheet HTML 8Page - Fairchild Semiconductor FMS6366MSA28 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FMS6366 Rev. 2C
1
www.fairchildsemi.com
August 2005
©2005 Fairchild Semiconductor Corporation
FMS6366
Selectable YPbPr HD/SD 4:2:2 Video Filter Driver
with Y, C and Composite Outputs
Features
■ Pin-compatible version of the FMS6419 for 4:2:2 video
■ Requires external delay compensation
■ 6th order standard/high definition video filters
■ YPbPr 4:2:2 filters (8/30MHz : 4/15MHz : 4/15MHz)
■ YC standard definition filters (8MHz)
■ Composite summer output
■ DC-coupled inputs, AC-coupled outputs
■ Outputs provide 6dB gain to 150Ω AC-coupled loads
■ Dual multiplexed inputs
■ 0.3% differential gain with 0.1° differential phase
■ 5V only
■ Lead free (Pb-free) packaging
Applications
■ Cable set-top boxes
■ Satellite set-top boxes
■ DVD players
■ HDTV
■ Personal Video Recorders (PVR)
■ Video On Demand (VOD)
Description
The FMS6366 Filter Driver offers comprehensive filtering for set
top box or DVD applications. This part consists of triple 6th
order filters with selectable cutoffs for SD or HD. The filters are
in a 4:2:2 configuration such that Y1 switches between 8MHz
(SD) and 30MHz (HD). The Pb and Pr channels switch between
4MHz (SD) and 15MHz (HD). The required delay compensation
must be performed in the digital domain prior to filtering by the
FMS6366.
An additional S-video path is provided for SD signals. The Y2
and C signals are both filtered at 8MHz. A composite summer is
included to provide a composite output based on Y2 and C.
A 2:1 multiplexer is provided on each filter channel with separate
select lines for the YPbPr and YC signals.
All inputs accept DC-coupled ground referenced 1Vpp input signals.
The filter outputs include +6dB of gain resulting in a 2Vpp signal
into an AC-coupled dual video load (75Ω).
Block Diagram
Y1OUT
INA/N_INB
Y1INA
Y1INB
Pb
INA
PbOUT
PrINA
PrOUT
HD/N_SD
8MHz, 30MHz
4MHz, 15MHz
Pb
INB
PrINB
4MHz, 15MHz
6dB
6dB
6dB
YC/N_AUX
Y2
IN
Y2OUT
CIN
COUT
AUX
IN
0.5V
(Internal)
6dB
6dB
8MHz
CVOUT
8MHz


Similar Part No. - FMS6366MSA28

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6366MSA28 FAIRCHILD-FMS6366MSA28 Datasheet
517Kb / 7P
   Selectable YPbPr HD/SD 4:2:2 Video Filter Driver with Y, C and Composite Outputs
FMS6366MSA28X FAIRCHILD-FMS6366MSA28X Datasheet
517Kb / 7P
   Selectable YPbPr HD/SD 4:2:2 Video Filter Driver with Y, C and Composite Outputs
More results

Similar Description - FMS6366MSA28

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6366 FAIRCHILD-FMS6366 Datasheet
517Kb / 7P
   Selectable YPbPr HD/SD 4:2:2 Video Filter Driver with Y, C and Composite Outputs
FMS6418B FAIRCHILD-FMS6418B Datasheet
313Kb / 11P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB, YUV or YPbPr Signals
logo
SG Micro Corp
SGM9134 SGMICRO-SGM9134 Datasheet
330Kb / 12P
   4-Channel, Video Filter Driver for SD/HD
SGM9137 SGMICRO-SGM9137 Datasheet
332Kb / 12P
   4-Channel, Video Filter Driver for SD/HD
logo
ON Semiconductor
NCS2566 ONSEMI-NCS2566 Datasheet
220Kb / 13P
   Six-Channel Video Driver with Triple SD & Triple Selectable SD/HD Filters
September, 2009 ??Rev. 2
logo
Fairchild Semiconductor
FMS6403 FAIRCHILD-FMS6403_05 Datasheet
291Kb / 17P
   Triple Video Drivers with Selectable HD/PS/SD/ Bypass Filters for RGB and YPbPr Signals
logo
ON Semiconductor
NCS2564DTBGEVB ONSEMI-NCS2564DTBGEVB Datasheet
222Kb / 15P
   Four-Channel Video Driver with Selectable SD / HD Reconstruction Filters
April, 2011 ??Rev. 6
NCS2564 ONSEMI-NCS2564 Datasheet
220Kb / 15P
   Four-Channel Video Driver with Selectable SD / HD Reconstruction Filters
April, 2010 ??Rev. 5
logo
Fairchild Semiconductor
FMS6419 FAIRCHILD-FMS6419_05 Datasheet
125Kb / 10P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
FMS6419 FAIRCHILD-FMS6419 Datasheet
160Kb / 10P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com