Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6219ACAZ Datasheet(PDF) 14 Page - Intersil Corporation

Part # ISL6219ACAZ
Description  Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6219ACAZ Datasheet(HTML) 14 Page - Intersil Corporation

Back Button ISL6219ACAZ Datasheet HTML 9Page - Intersil Corporation ISL6219ACAZ Datasheet HTML 10Page - Intersil Corporation ISL6219ACAZ Datasheet HTML 11Page - Intersil Corporation ISL6219ACAZ Datasheet HTML 12Page - Intersil Corporation ISL6219ACAZ Datasheet HTML 13Page - Intersil Corporation ISL6219ACAZ Datasheet HTML 14Page - Intersil Corporation ISL6219ACAZ Datasheet HTML 15Page - Intersil Corporation ISL6219ACAZ Datasheet HTML 16Page - Intersil Corporation ISL6219ACAZ Datasheet HTML 17Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
14
FN9093.1
March 20, 2007
The feedback resistor, RFB, has already been chosen as out-
lined in Load-Line Regulation Resistor. Select a target band-
width for the compensated system, f0. The target bandwidth
must be large enough to assure adequate transient perfor-
mance, but smaller than 1/3 of the per-channel switching fre-
quency. The values of the compensation components
depend on the relationships of f0 to the L-C pole frequency
and the ESR zero frequency. For each of the three cases
defined in the following, there is a separate set of equations
for the compensation components
.
In Equations 17, L is the per-channel filter inductance divided
by the number of active channels; C is the sum total of all out-
put capacitors; ESR is the equivalent-series resistance of the
bulk output-filter capacitance; and VPP is the peak-to-peak
sawtooth signal amplitude as described in Figure 5 and
Electrical Specifications on page 5.
Once selected, the compensation values in Equations 17
assure a stable converter with reasonable transient perfor-
mance. In most cases, transient performance can be
improved by making adjustments to RC. Slowly increase the
value of RC while observing the transient performance on an
oscilloscope until no further improvement is noted. Normally,
CC will not need adjustment. Keep the value of CC from
Equations 17 unless some performance issue is noted.
The optional capacitor C2, is sometimes needed to bypass
noise away from the PWM comparator (see Figure 5). Keep
a position available for C2, and be prepared to install a high-
frequency capacitor of between 22pF and 150pF in case any
jitter problem is noted.
COMPENSATION WITHOUT LOAD-LINE REGULATION
The non load-line regulated converter is accurately modeled
as a voltage-mode regulator with two poles at the L-C
resonant frequency and a zero at the ESR frequency. A type
III controller, as shown in Figure 12, provides the necessary
compensation.
The first step is to choose the desired bandwidth, f0, of the
compensated system. Choose a frequency high enough to
assure adequate transient performance but not higher than
1/3 of the switching frequency. The type-III compensator has
an extra high-frequency pole, fHF. This pole can be used for
added noise rejection or to assure adequate attenuation at
the error-amplifier high-order pole and zero frequencies. A
good general rule is to chose fHF =10 f0, but it can be higher
if desired. Choosing fHF to be lower than 10 f0 can cause
problems with too much phase shift below the system band-
width.
In the solutions to the compensation equations, there is a sin-
gle degree of freedom. For the solutions presented in Equa-
tions 18, RFB is selected arbitrarily. The remaining
compensation components are then selected according to
Equation 18.
FIGURE 11. COMPENSATION CONFIGURATION FOR
LOAD-LINE REGULATED ISL6219A CIRCUIT
COMP
CC
RC
RFB
FB
VSEN
-
+
VDROOP
C2 (OPTIONAL)
1
2
π LC
-------------------
f
0
>
R
C
R
FB
2
πf
0Vpp LC
0.75V
IN
------------------------------------
=
C
C
0.75V
IN
2
πV
PPRFBf0
------------------------------------
=
Case 1:
1
2
π LC
-------------------
f
0
1
2
πCESR
()
------------------------------
<
R
C
R
FB
V
PP 2 π
()2 f
0
2
LC
0.75 V
IN
--------------------------------------------
=
C
C
0.75V
IN
2
π
()2 f
0
2 V
PPRFB LC
-------------------------------------------------------------
=
Case 2:
(EQ. 17)
f
0
1
2
πCESR
()
------------------------------
>
R
C
R
FB
2
π f
0VppL
0.75 V
IN ESR
()
------------------------------------------
=
C
C
0.75V
IN ESR
() C
2
πV
PPRFBf0 L
-------------------------------------------------
=
Case 3:
FIGURE 12. COMPENSATION CIRCUIT FOR ISL6219A BASED
CONVERTER WITHOUT LOAD-LINE
REGULATION.
COMP
CC
RC
RFB
FB
VSEN
-
+
VDROOP
C2
C1
R1
ISL6219A


Similar Part No. - ISL6219ACAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6219ACAZ RENESAS-ISL6219ACAZ Datasheet
841Kb / 16P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
More results

Similar Description - ISL6219ACAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6219A INTERSIL-ISL6219A Datasheet
408Kb / 17P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
ISL6219 INTERSIL-ISL6219 Datasheet
476Kb / 17P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
logo
Renesas Technology Corp
ISL6219A RENESAS-ISL6219A Datasheet
841Kb / 16P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
logo
Intersil Corporation
ISL6223 INTERSIL-ISL6223 Datasheet
402Kb / 15P
   Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
ISL6223 RENESAS-ISL6223 Datasheet
737Kb / 15P
   Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Intersil Corporation
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
HIP6311A RENESAS-HIP6311A Datasheet
778Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552 RENESAS-ISL6552 Datasheet
863Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6304 RENESAS-HIP6304 Datasheet
756Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
logo
Intersil Corporation
HIP6304 INTERSIL-HIP6304 Datasheet
176Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com