Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6406IR Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6406IR
Description  Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6406IR Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6406IR Datasheet HTML 3Page - Intersil Corporation ISL6406IR Datasheet HTML 4Page - Intersil Corporation ISL6406IR Datasheet HTML 5Page - Intersil Corporation ISL6406IR Datasheet HTML 6Page - Intersil Corporation ISL6406IR Datasheet HTML 7Page - Intersil Corporation ISL6406IR Datasheet HTML 8Page - Intersil Corporation ISL6406IR Datasheet HTML 9Page - Intersil Corporation ISL6406IR Datasheet HTML 10Page - Intersil Corporation ISL6406IR Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
FN9073.7
January 16, 2007
Pin Descriptions
CPVOUT - This pin represents the output of the charge
pump. The voltage at this pin is the bias voltage for the IC.
Connect a decoupling capacitor from this pin to ground. The
value of the decoupling capacitor should be at least 10x the
value of the charge pump capacitor. This pin may be tied to
the bootstrap circuit as the source for creating the BOOT
voltage.
CT1 and CT2 - These pins are the connections for the
external charge pump capacitor. A minimum of a 0.1
μF
ceramic capacitor is recommended for proper operation of
the IC.
OCSET - Connect a resistor (ROCSET) from this pin to the
drain of the upper MOSFET (VIN). ROCSET, an internal 20μA
current source (IOCSET), and the upper MOSFET
on-resistance (rDS(ON)) set the converter overcurrent (OC)
trip point according to Equation 1:
An overcurrent trip cycles the soft-start function.
VOUT - This pin provides the external switcher output
voltage to the IC as feedback for the 1.8V fixed output
voltage option. Leave this pin open on the ISL6406 for the
adjustable output voltage option.
VCC - This pin provides bias supply for the ISL6406.
Connect a well-coupled 3.3V supply to this pin.
PHASE - Connect this pin to the upper MOSFET’s source.
This pin is used to monitor the voltage drop across the upper
MOSFET for overcurrent protection.
RT - Connect an external resistor from this pin to ground for
frequency selection. Refer to RT vs Frequency curve of
Figure 3.
BOOT - This pin provides ground referenced bias voltage to
the upper MOSFET driver. A bootstrap circuit is used to
create a voltage suitable to drive a logic-level N-Channel
MOSFET. A large (~1M
Ω) resistor should be connected from
this pin to GND. The purpose of this resistor is to discharge
the BOOT pin during a shutdown condition, SYNC/EN =
LOW so that the gate drivers are quickly powered off by this
bleed resistor.
UGATE - Connect this pin to the upper MOSFET’s gate. This
pin provides the PWM-controlled gate drive for the upper
MOSFET. This pin is also monitored by the adaptive shoot-
through protection circuitry to determine when the upper
MOSFET has turned off.
GND - This pin represents the signal and power ground for
the IC. Tie this pin to the ground island/plane through the
lowest impedance connection available.
LGATE - Connect this pin to the lower MOSFET’s gate. This
pin provides the PWM-controlled gate drive for the lower
MOSFET. This pin is also monitored by the adaptive shoot-
through protection circuitry to determine when the lower
MOSFET has turned off.
COMP and FB - COMP and FB are the available external
pins of the error amplifier. The FB pin is the inverting input of
the internal error amplifier and the COMP pin is the error
amplifier output. These pins are used to compensate the
control feedback loop of the converter.
CPGND - This pin represents the signal and power ground
for the charge pump. Tie this pin to the ground island/plane
through the lowest impedance connection available.
SYNC/EN - This is a dual-function pin. To synchronize with
an external clock, apply a clock with a frequency 1.1 to 2.0
times higher than the part’s natural frequency to this pin. The
device may be disabled by tying this pin to ground. In this
shutdown mode, all functions are disabled and the device
will draw <50
μA supply current.
I
PEAK
I
OCSET
() R
OCSET
()
r
DS ON
()
--------------------------------------------------------
=
(EQ. 1)
ISL6406


Similar Part No. - ISL6406IR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6406IRZ INTERSIL-ISL6406IRZ Datasheet
357Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
logo
Renesas Technology Corp
ISL6406IRZ RENESAS-ISL6406IRZ Datasheet
986Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Oct 21, 2015
More results

Similar Description - ISL6406IR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6520A INTERSIL-ISL6520A Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520 INTERSIL-ISL6520_07 Datasheet
323Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6406 RENESAS-ISL6406 Datasheet
986Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Oct 21, 2015
logo
Intersil Corporation
ISL6406 INTERSIL-ISL6406 Datasheet
357Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520ACB-T INTERSIL-ISL6520ACB-T Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6527 INTERSIL-ISL6527 Datasheet
329Kb / 16P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6526 INTERSIL-ISL6526 Datasheet
330Kb / 15P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
logo
Renesas Technology Corp
ISL6520A RENESAS-ISL6520A Datasheet
674Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6520B RENESAS-ISL6520B Datasheet
632Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6527 RENESAS-ISL6527 Datasheet
841Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6520 INTERSIL-ISL6520 Datasheet
402Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com