Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS6363_0512 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FMS6363_0512
Description  Low Cost Three Channel 6th Order High Definition Video Filter Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6363_0512 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FMS6363_0512 Datasheet HTML 1Page - Fairchild Semiconductor FMS6363_0512 Datasheet HTML 2Page - Fairchild Semiconductor FMS6363_0512 Datasheet HTML 3Page - Fairchild Semiconductor FMS6363_0512 Datasheet HTML 4Page - Fairchild Semiconductor FMS6363_0512 Datasheet HTML 5Page - Fairchild Semiconductor FMS6363_0512 Datasheet HTML 6Page - Fairchild Semiconductor FMS6363_0512 Datasheet HTML 7Page - Fairchild Semiconductor FMS6363_0512 Datasheet HTML 8Page - Fairchild Semiconductor FMS6363_0512 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
FMS6363 Rev. 1B
3
www.fairchildsemi.com
DC Electrical Characteristics
Tc = 25˚C, Vcc = 5V, Rsource = 37.5Ω, inputs AC coupled with 0.1uF, all outputs AC coupled with 220uF into
150Ω loads, referenced to 400kHz; unless otherwise noted.
AC Electrical Characteristics
Tc = 25˚C, Vin = 1Vpp, Vcc = 5V, Rsource = 37.5Ω, all inputs AC coupled with 0.1uF, all outputs AC coupled
with 220uF into 150Ω loads, referenced to 400kHz; unless otherwise noted.
Notes:
1. 100% tested at 25˚C
2. SNR = 20 * log (714mV/rms noise)
3. 1.4Vpp active video
Symbol
Parameter
Conditions
Min.
Typ.
Max
Units
ICC
Supply Current1
no load
22
30
mA
Vin
Video Input Voltage Range
Referenced to GND, if DC-coupled
1.4
Vpp
Symbol
Parameter
Conditions
Min.
Typ.
Max
Units
AV
Channel Gain1
All Channels
5.4
6.0
6.6
dB
f1dB
-1dB Bandwidth1
All Channels
23
30
MHz
fc
-3dB Bandwidth
All Channels
33
MHz
fSB1
Attenuation(stopband reject)
All Channels at f = 37.125MHz
6.5
dB
fSB2
All Channels at f = 44.25MHz
14.5
dB
fSB3
All Channels at f = 74.25MHz1
32
36
dB
THD1
Output Distortion3
(all channels)
VOUT = 1.4Vpp, 10MHz
0.2
%
THD2
VOUT = 1.4Vpp, 15MHz
0.4
%
THD3
VOUT = 1.4Vpp, 22MHz
1.2
%
XTALK
Crosstalk (ch-to-ch)
at 1MHz
-60
dB
SNR1
SNR2
Signal-to-Noise Ratio2
(all channels)
unweighted; 30MHz lowpass, 100kHz to
30MHz
65
dB
tpd
Propagation Delay
Delay from input to output
20
ns


Similar Part No. - FMS6363_0512

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6363 FAIRCHILD-FMS6363_08 Datasheet
475Kb / 9P
   Low-Cost, Three-Channel, 6th-Order, High-Definition, Video Filter Driver
More results

Similar Description - FMS6363_0512

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6363 FAIRCHILD-FMS6363 Datasheet
35Kb / 1P
   Low Cost Three Channel 6th Order High Definition Video Filter Driver
FMS6363 FAIRCHILD-FMS6363_08 Datasheet
475Kb / 9P
   Low-Cost, Three-Channel, 6th-Order, High-Definition, Video Filter Driver
logo
ON Semiconductor
FMS6363 ONSEMI-FMS6363 Datasheet
693Kb / 12P
   Low-Cost, Three-Channel, 6th-Order, High-Definition, Video Filter Driver
July 2009 Rev. 1.0.4
logo
Fairchild Semiconductor
FMS6143A FAIRCHILD-FMS6143A Datasheet
400Kb / 13P
   Low-Cost Three-Channel 6th-Order Standard Definition Video Filter Driver
logo
ON Semiconductor
FMS6143A ONSEMI-FMS6143A Datasheet
527Kb / 15P
   Three-Channel 6th-Order Standard-Definition VoltagePlus Video Filter Driver
August 2011 Rev. 1.0.1
logo
Fairchild Semiconductor
FMS6143 FAIRCHILD-FMS6143 Datasheet
47Kb / 1P
   Low Cost Three Channel 4th Order Standard Definition Video Filter Driver
FMS6144A FAIRCHILD-FMS6144A Datasheet
411Kb / 13P
   Low-Cost, Four-Channel, 6th-Order SD Video Filter Driver
FMS6363ACSX FAIRCHILD-FMS6363ACSX Datasheet
330Kb / 10P
   Three-Channel 7th-Order High-Definition VoltagePlus??Video Filter Driver
FMS6145 FAIRCHILD-FMS6145 Datasheet
63Kb / 1P
   Low Cost Five Channel 4th Order Standard Definition Video Filter Driver
FMS6146 FAIRCHILD-FMS6146 Datasheet
44Kb / 1P
   Low Cost Six Channel 4th Order Standard Definition Video Filter Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com