Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6219A Datasheet(PDF) 12 Page - Intersil Corporation

Part # ISL6219A
Description  Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6219A Datasheet(HTML) 12 Page - Intersil Corporation

Back Button ISL6219A_07 Datasheet HTML 8Page - Intersil Corporation ISL6219A_07 Datasheet HTML 9Page - Intersil Corporation ISL6219A_07 Datasheet HTML 10Page - Intersil Corporation ISL6219A_07 Datasheet HTML 11Page - Intersil Corporation ISL6219A_07 Datasheet HTML 12Page - Intersil Corporation ISL6219A_07 Datasheet HTML 13Page - Intersil Corporation ISL6219A_07 Datasheet HTML 14Page - Intersil Corporation ISL6219A_07 Datasheet HTML 15Page - Intersil Corporation ISL6219A_07 Datasheet HTML 16Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12
FN9093.1
March 20, 2007
.
General Design Guide
This design guide is intended to provide a high-level
explanation of the steps necessary to create a multi-phase
power converter. It is assumed that the reader is familiar with
many of the basic skills and techniques referenced below. In
addition to this guide, Intersil provides complete reference
designs that include schematics, bills of materials, and
example board layouts for all common microprocessor
applications.
Power Stages
The first step in designing a multi-phase converter is to
determine the number of phases. This determination
depends heavily on the cost analysis which in turn depends
on system constraints that differ from one design to the next.
Principally, the designer will be concerned with whether
components can be mounted on both sides of the circuit
board; whether through-hole components are permitted on
either side; and the total board space available for power-
supply circuitry. Generally speaking, the most economical
solutions will be for each phase to handle between 15 and
20A. All-surface-mount designs will tend toward the lower
end of this current range and, if through-hole MOSFETs can
be used, higher per-phase currents are possible. In cases
where board space is the limiting constraint, current can be
pushed as high as 30A per phase, but these designs require
heat sinks and forced air to cool the MOSFETs.
MOSFETs
The choice of MOSFETs depends on the current each
MOSFET will be required to conduct; the switching frequency;
the capability of the MOSFETs to dissipate heat; and the
availability and nature of heat sinking and air flow.
LOWER MOSFET POWER CALCULATION
The calculation for heat dissipated in the lower MOSFET is
simple, since virtually all of the heat loss in the lower
MOSFET is due to current conducted through the channel
resistance (rDS(ON)). In Equation 7, IM is the maximum
continuous output current; IL,PP is the peak-to-peak inductor
current (see Equation 1); d is the duty cycle (VOUT/VIN); and
L is the per-channel inductance.
An additional term can be added to the lower-MOSFET loss
equation to account for additional loss accrued during the
dead time when inductor current is flowing through the
lower-MOSFET body diode. This term is dependent on the
diode forward voltage at IM, VD(ON); the switching
frequency, fS; and the length of dead times, td1 and td2, at
the beginning and the end of the lower-MOSFET conduction
interval respectively.
Thus the total power dissipated in each lower MOSFET is
approximated by the summation of PL and PD.
UPPER MOSFET POWER CALCULATION
In addition to rDS(ON) losses, a large portion of the upper-
MOSFET losses are due to currents conducted across the
input voltage (VIN) during switching. Since a substantially
higher portion of the upper-MOSFET losses are dependant
on switching frequency, the power calculation is somewhat
more complex. Upper MOSFET losses can be divided into
separate components involving the upper-MOSFET
switching times; the lower-MOSFET body-diode reverse-
recovery charge, Qrr; and the upper MOSFET rDS(ON)
conduction loss.
When the upper MOSFET turns off, the lower MOSFET does
not conduct any portion of the inductor current until the
voltage at the phase node falls below ground. Once the
lower MOSFET begins conducting, the current in the upper
MOSFET falls to zero as the current in the lower MOSFET
ramps up to assume the full inductor current. In Equation 9,
the required time for this commutation is t1and the
associated power loss is PUP,1.
Similarly, the upper MOSFET begins conducting as soon as
it begins turning on. In Equation 10, this transition occurs
over a time t2, and the approximate the power loss is PUP,2.
FIGURE 10. DYNAMIC-VID WAVEFORMS FOR 500KHz
ISL6219A BASED MULTI-PHASE BUCK
CONVERTER
5
μs/div
VREF, 100mV/div
VOUT, 100mV/div
1.5V
VID, 5V/div
01110
00110
1.5V
VID CHANGE OCCURS
ANYWHERE HERE
1
f
S
-----
2V
Δ
ID
0.025
-----------------
1
⎝⎠
⎜⎟
⎛⎞
t
DV
1
f
S
-----
2V
Δ
ID
0.025
-----------------
⎝⎠
⎜⎟
⎛⎞
<
(EQ. 6)
P
LOW 1
,
r
DS ON
()
I
M
N
------
⎝⎠
⎜⎟
⎛⎞ 2
1d
()
IL PP
,
2
1d
()
12
-------------------------------
+
=
(EQ. 7)
P
LOW 2
,
V
DON
() fS
I
M
N
------
IPP
2
---------
+
⎝⎠
⎜⎟
⎛⎞
t
d1
I
M
N
------
I
PP
2
---------
⎝⎠
⎜⎟
⎛⎞
t
d2
+
=
(EQ. 8)
P
UP 1
,
V
IN
IM
N
------
IL PP
,
2
-------------
+
⎝⎠
⎜⎟
⎛⎞ t
1
2
----
⎝⎠
⎜⎟
⎛⎞
f
S
(EQ. 9)
ISL6219A


Similar Part No. - ISL6219A_07

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6219ACA INTERSIL-ISL6219ACA Datasheet
408Kb / 17P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
logo
Renesas Technology Corp
ISL6219ACA RENESAS-ISL6219ACA Datasheet
841Kb / 16P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
logo
Intersil Corporation
ISL6219ACA-T INTERSIL-ISL6219ACA-T Datasheet
408Kb / 17P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
logo
Renesas Technology Corp
ISL6219ACAZ RENESAS-ISL6219ACAZ Datasheet
841Kb / 16P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
More results

Similar Description - ISL6219A_07

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6219A INTERSIL-ISL6219A Datasheet
408Kb / 17P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
ISL6219 INTERSIL-ISL6219 Datasheet
476Kb / 17P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
logo
Renesas Technology Corp
ISL6219A RENESAS-ISL6219A Datasheet
841Kb / 16P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
logo
Intersil Corporation
ISL6223 INTERSIL-ISL6223 Datasheet
402Kb / 15P
   Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
ISL6223 RENESAS-ISL6223 Datasheet
737Kb / 15P
   Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Intersil Corporation
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
HIP6311A RENESAS-HIP6311A Datasheet
778Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552 RENESAS-ISL6552 Datasheet
863Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6304 RENESAS-HIP6304 Datasheet
756Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
logo
Intersil Corporation
HIP6304 INTERSIL-HIP6304 Datasheet
176Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com