Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS6246MTC20 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FMS6246MTC20
Description  Six Channel, 6th Order SD/PS Video Filter Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6246MTC20 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FMS6246MTC20 Datasheet HTML 1Page - Fairchild Semiconductor FMS6246MTC20 Datasheet HTML 2Page - Fairchild Semiconductor FMS6246MTC20 Datasheet HTML 3Page - Fairchild Semiconductor FMS6246MTC20 Datasheet HTML 4Page - Fairchild Semiconductor FMS6246MTC20 Datasheet HTML 5Page - Fairchild Semiconductor FMS6246MTC20 Datasheet HTML 6Page - Fairchild Semiconductor FMS6246MTC20 Datasheet HTML 7Page - Fairchild Semiconductor FMS6246MTC20 Datasheet HTML 8Page - Fairchild Semiconductor FMS6246MTC20 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
FMS6246 Rev. 1B
3
www.fairchildsemi.com
DC Electrical Characteristics
Tc = 25˚C, Vcc = 5V, Rsource = 37.5Ω, inputs AC coupled with 0.1µF, all outputs AC coupled with 220µF into
150Ω loads, referenced to 400kHz; unless otherwise noted.
Standard Definition Electrical Characteristics
Tc = 25˚C, Vin = 1Vpp, Vcc = 5V, Rsource = 37.5Ω, all inputs AC coupled with 0.1µF, all outputs AC coupled
with 220µF into 150Ω loads, referenced to 400kHz; unless otherwise noted.
Progressive Scan Electrical Characteristics
Tc = 25˚C, Vin = 1Vpp, Vcc = 5V, Rsource = 37.5Ω, FcSEL = 0, all inputs AC coupled with 0.1µF, all outputs AC
coupled with 220µF into 150Ω loads, referenced to 400kHz; unless otherwise noted.
Notes:
1. 100% tested at 25˚C
2. SNR = 20 * log (714mV/rms noise)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ICC
Supply Current1
no load
60
80
mA
Vin
Video Input Voltage Range
Referenced to GND, if DC-coupled
1.4
Vpp
Vil
Digital Input Low1
FcSEL
0
0.8
V
Vih
Digital Input High1
FcSEL
2.4
Vcc
V
Symbol
Parameter
Conditions
Min
Typ
Max
Units
AVSD
Channel Gain1
All SD Channels
5.6
6.0
6.4
dB
f1dBSD
-1dB Bandwidth1
All SD Channels
5.2
7.15
MHz
fcSD
-3dB Bandwidth1
All SD Channels
6.5
8.0
MHz
fSBSD
Attenuation(stopband reject)1 All SD Channels at f = 27MHz
43
50
dB
DG
Differential Gain
All SD Channels
0.7
%
DP
Differential Phase
All SD Channels
1.0
˚
THD
Output Distortion
VOUT = 1.4Vpp, 3.58MHz
0.35
%
XTALKSD
Crosstalk (ch-to-ch)
at 1MHz
-54
dB
SNR
Signal-to-Noise Ratio2
NTC-7 weighting, 100kHz to 4.2MHz
72
dB
tpdSD
Propagation Delay
Delay from input to output, 4.5MHz
90
ns
Symbol
Parameter
Conditions
Min
Typ
Max
Units
AVPS
Channel Gain1
All PS Channels
5.6
6.0
6.4
dB
f1dBSPS
-1dB Bandwidth1
All PS Channels
12
14
MHz
fcPS
-3dB Bandwidth1
All PS Channels
13
16
MHz
fSBPS
Attenuation(stopband reject)1 All PS Channels at f = 54MHz
37
45
dB
THD
Output Distortion (All PS
channels)
VOUT = 1.4Vpp, 7MHz
0.35
%
XTALKPS
Crosstalk (ch-to-ch)
at 1MHz
-53
dB
SNR
Signal-to-Noise Ratio2
unweighted; 100kHz to 15MHz
66
dB
tpdPS
Propagation Delay
Delay from input to output
47
ns


Similar Part No. - FMS6246MTC20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6246MTC20 FAIRCHILD-FMS6246MTC20 Datasheet
92Kb / 10P
   Six Channel, 6th Order SD/PS Video Filter Driver
FMS6246MTC209 FAIRCHILD-FMS6246MTC209 Datasheet
92Kb / 10P
   Six Channel, 6th Order SD/PS Video Filter Driver
More results

Similar Description - FMS6246MTC20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6246 FAIRCHILD-FMS6246 Datasheet
92Kb / 10P
   Six Channel, 6th Order SD/PS Video Filter Driver
FMS6690 FAIRCHILD-FMS6690 Datasheet
96Kb / 10P
   Six Channel, 6th Order SD/PS/HD Video Filter Driver
FMS6690 FAIRCHILD-FMS6690_06 Datasheet
317Kb / 12P
   Six Channel, 6th Order SD/PS/HD Video Filter Driver
logo
ON Semiconductor
FMS6690 ONSEMI-FMS6690 Datasheet
573Kb / 15P
   Six Channel, 6th Order, SD/PS/HD Video Filter Driver
August 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
FMS6346 FAIRCHILD-FMS6346_06 Datasheet
267Kb / 11P
   Six Channel, 6th Order SD/HD Video Filter Driver
FMS6346 FAIRCHILD-FMS6346 Datasheet
92Kb / 10P
   Six Channel, 6th Order SD/HD Video Filter Driver
logo
ON Semiconductor
FMS6346 ONSEMI-FMS6346 Datasheet
1Mb / 12P
   Six Channel, 6th-Order SD/HD Video Filter Driver
October 2009 Rev. 1.0.5
logo
Fairchild Semiconductor
FMS6346 FAIRCHILD-FMS6346_08 Datasheet
886Kb / 10P
   Six Channel, 6th-Order SD/HD Video Filter Driver
logo
ON Semiconductor
FMS6144A ONSEMI-FMS6144A Datasheet
572Kb / 15P
   Four-Channel, 6th-Order SD VoltagePlus Video Filter Driver
August 2011 Rev. 1.0.2
logo
Fairchild Semiconductor
FMS6144A FAIRCHILD-FMS6144A Datasheet
411Kb / 13P
   Low-Cost, Four-Channel, 6th-Order SD Video Filter Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com