Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS3115KRC Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FMS3115KRC
Description  Triple Video D/A Converters 3 x 10 bit, 150 Ms/s
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS3115KRC Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FMS3115KRC Datasheet HTML 2Page - Fairchild Semiconductor FMS3115KRC Datasheet HTML 3Page - Fairchild Semiconductor FMS3115KRC Datasheet HTML 4Page - Fairchild Semiconductor FMS3115KRC Datasheet HTML 5Page - Fairchild Semiconductor FMS3115KRC Datasheet HTML 6Page - Fairchild Semiconductor FMS3115KRC Datasheet HTML 7Page - Fairchild Semiconductor FMS3115KRC Datasheet HTML 8Page - Fairchild Semiconductor FMS3115KRC Datasheet HTML 9Page - Fairchild Semiconductor FMS3115KRC Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
FMS3110/3115
DATA SHEET
6
REV. 1.07 12/8/04
Equivalent Circuits (continued)
Figure 4. Equivalent Analog Input Circuit
Absolute Maximum Ratings (beyond which the device may be damaged)1
Notes:
1. Functional operation under any of these conditions is NOT implied. Performance and reliability are guaranteed only if
Operating Conditions are not exceeded.
2. Applied voltage must be current limited to specified range.
3. Forcing voltage must be limited to specified range.
4. Current is specified as conventional current flowing into the device.
Parameter
Min
Typ
Max
Unit
Power Supply Voltage
VDD (Measured to GND)
-0.5
7.0
V
Inputs
Applied Voltage (measured to GND)2
-0.5
VDD + 0.5
V
Forced Current3,4
-10.0
10.0
mA
Outputs
Applied Voltage (measured to GND)2
-0.5
VDD + 0.5
V
Forced Current3,4
-60.0
60.0
mA
Short Circuit Duration (single output in HIGH state to ground)
Infinite
second
Temperature
Operating, Ambient
-20
110
°C
Junction
150
°C
Lead Soldering (10 seconds)
300
°C
Vapor Phase Soldering (1 minute)
220
°C
Storage
-65
150
°C
p
GND
27012B
RREF
VREF
VDD
p


Similar Part No. - FMS3115KRC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS3115KRC FAIRCHILD-FMS3115KRC Datasheet
170Kb / 11P
   Triple Video D/A Converters 3 x 10 bit, 150 Ms/s
More results

Similar Description - FMS3115KRC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS3110 FAIRCHILD-FMS3110 Datasheet
170Kb / 11P
   Triple Video D/A Converters 3 x 10 bit, 150 Ms/s
FMS3810 FAIRCHILD-FMS3810 Datasheet
168Kb / 11P
   Triple Video D/A Converters 3 x 8 bit, 150 Ms/s
FMS3818 FAIRCHILD-FMS3818_04 Datasheet
484Kb / 13P
   Triple Video D/A Converters 3 x 8 bit, 180 Ms/s
FMS3818 FAIRCHILD-FMS3818 Datasheet
178Kb / 13P
   Triple Video D/A Converter 3 x 8 bit, 180 Ms/s
logo
Mitsubishi Electric Sem...
M65530FP MITSUBISHI-M65530FP Datasheet
1Mb / 7P
   TRIPLE 10-BIT VIDEO D-A CONVERTER
M65533FP MITSUBISHI-M65533FP Datasheet
119Kb / 16P
   TRIPLE 10-BIT VIDEO D-A CONVERTER
logo
Fairchild Semiconductor
FMS9884A FAIRCHILD-FMS9884A Datasheet
238Kb / 29P
   3x8-Bit, 108/140/175 Ms/s Triple Video A/D Converter with Clamps
logo
Cadeka Microcircuits LL...
TMC3003 CADEKA-TMC3003 Datasheet
200Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Fairchild Semiconductor
TMC3033 FAIRCHILD-TMC3033 Datasheet
119Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Cadeka Microcircuits LL...
TMC3033 CADEKA-TMC3033 Datasheet
216Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com