Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS3110KRC_NL Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FMS3110KRC_NL
Description  Triple Video D/A Converters 3 x 10 bit, 150 Ms/s
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS3110KRC_NL Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FMS3110KRC_NL Datasheet HTML 3Page - Fairchild Semiconductor FMS3110KRC_NL Datasheet HTML 4Page - Fairchild Semiconductor FMS3110KRC_NL Datasheet HTML 5Page - Fairchild Semiconductor FMS3110KRC_NL Datasheet HTML 6Page - Fairchild Semiconductor FMS3110KRC_NL Datasheet HTML 7Page - Fairchild Semiconductor FMS3110KRC_NL Datasheet HTML 8Page - Fairchild Semiconductor FMS3110KRC_NL Datasheet HTML 9Page - Fairchild Semiconductor FMS3110KRC_NL Datasheet HTML 10Page - Fairchild Semiconductor FMS3110KRC_NL Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
FMS3110/3115
DATA SHEET
8
Rev. 1.07 12/8/04
Switching Characteristics
Notes:
1. Values shown in Typ column are typical for VDD = +5V and TA = 25°C.
2. VREF = 1.235V, RLOAD = 37.5
Ω, RREF = 590Ω.
System Performance Characteristics
Notes:
1. Values shown in Typ column are typical for VDD = +5V and TA = 25°C.
2. VREF = 1.235V, RLOAD = 37.5
Ω, RREF = 590Ω.
Timing Diagram
Parameter
Conditions2
Min
Typ1
Max
Units
tD
Clock to Output Delay
VDD = Min
10
15
ns
tSKEW
Output Skew
1
2
ns
tR
Output Risetime
10% to 90% of Full Scale
3
ns
tF
Output Falltime
90% to 10% of Full Scale
3
ns
Parameter
Conditions2
Min
Typ
1
Max
Units
ELI
Integral Linearity Error
VDD, VREF = Nom
±0.1
±0.25
%/FS
ELD
Differential Linearity Error
VDD, VREF = Nom
±0.1
±0.25
%/FS
EDM
DAC to DAC Matching
VDD, VREF = Nom
3
10
%
PSR
Power Supply Rejection Ratio
0.05
%/%
CLK
PIXEL DATA
& CONTROLS
OUTPUT
DataN
DataN+1
DataN+2
tPWL
tS
tH
50%
3%/FS
90%
10%
tD
tSET
tF
tR
tPWH
1/fS


Similar Part No. - FMS3110KRC_NL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS3110KRC FAIRCHILD-FMS3110KRC Datasheet
170Kb / 11P
   Triple Video D/A Converters 3 x 10 bit, 150 Ms/s
More results

Similar Description - FMS3110KRC_NL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS3110 FAIRCHILD-FMS3110 Datasheet
170Kb / 11P
   Triple Video D/A Converters 3 x 10 bit, 150 Ms/s
FMS3810 FAIRCHILD-FMS3810 Datasheet
168Kb / 11P
   Triple Video D/A Converters 3 x 8 bit, 150 Ms/s
FMS3818 FAIRCHILD-FMS3818_04 Datasheet
484Kb / 13P
   Triple Video D/A Converters 3 x 8 bit, 180 Ms/s
FMS3818 FAIRCHILD-FMS3818 Datasheet
178Kb / 13P
   Triple Video D/A Converter 3 x 8 bit, 180 Ms/s
logo
Mitsubishi Electric Sem...
M65530FP MITSUBISHI-M65530FP Datasheet
1Mb / 7P
   TRIPLE 10-BIT VIDEO D-A CONVERTER
M65533FP MITSUBISHI-M65533FP Datasheet
119Kb / 16P
   TRIPLE 10-BIT VIDEO D-A CONVERTER
logo
Fairchild Semiconductor
FMS9884A FAIRCHILD-FMS9884A Datasheet
238Kb / 29P
   3x8-Bit, 108/140/175 Ms/s Triple Video A/D Converter with Clamps
logo
Cadeka Microcircuits LL...
TMC3003 CADEKA-TMC3003 Datasheet
200Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Fairchild Semiconductor
TMC3033 FAIRCHILD-TMC3033 Datasheet
119Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Cadeka Microcircuits LL...
TMC3033 CADEKA-TMC3033 Datasheet
216Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com