Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS3110KRC Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FMS3110KRC
Description  Triple Video D/A Converters 3 x 10 bit, 150 Ms/s
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS3110KRC Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FMS3110KRC Datasheet HTML 3Page - Fairchild Semiconductor FMS3110KRC Datasheet HTML 4Page - Fairchild Semiconductor FMS3110KRC Datasheet HTML 5Page - Fairchild Semiconductor FMS3110KRC Datasheet HTML 6Page - Fairchild Semiconductor FMS3110KRC Datasheet HTML 7Page - Fairchild Semiconductor FMS3110KRC Datasheet HTML 8Page - Fairchild Semiconductor FMS3110KRC Datasheet HTML 9Page - Fairchild Semiconductor FMS3110KRC Datasheet HTML 10Page - Fairchild Semiconductor FMS3110KRC Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DATA SHEET
FMS3110/3115
Rev. 1.07 12/8/04
7
Operating Conditions
Electrical Characteristics
Notes:
1. Values shown in Typ column are typical for VDD = +5V and TA = 25°C.
2. Minimum/Maximum values with VDD = Max and TA = Min.
3. VREF = 1.235V, RLOAD = 37.5
Ω, RREF = 540Ω
Parameter
Min
Nom
Max
Units
VDD
Power Supply Voltage
4.75
5.0
5.25
V
fS
Conversion Rate
FMS3110
100
Msps
FMS3115
150
Msps
tPWH
CLK Pulsewidth, HIGH
FMS3110
3.1
ns
FMS3115
2.5
ns
tPWL
CLK Pulsewidth, LOW
FMS3110
3.1
ns
FMS3115
2.5
ns
tW
CLK Pulsewidth
FMS3110
10
ns
FMS3115
6.6
ns
tS
Input Data Setup Time
1.7
ns
th
Input Date Hold Time
0
ns
VREF
Reference Voltage, External
1.0
1.235
1.5
V
CC
Compensation Capacitor
0.1
µF
RL
Output Load
37.5
VIH
Input Voltage, Logic HIGH
2.0
VDD
V
VIL
Input Voltage, Logic LOW
GND
0.8
V
TA
Ambient Temperature, Still Air
0
70
°C
Parameter
Conditions3
Min
Typ1
Max
Units
IDD
Power Supply Current2
VDD = Max
125
mA
PD
Total Power Dissipation2
VDD = Max
655
mW
RO
Output Resistance
100
k
CO
Output Capacitance
IOUT = 0mA
30
pF
IIH
Input Current, HIGH
VDD = Max, VIN = 2.4V
-5
µA
IIL
Input Current, LOW
VDD = Max, VIN = 0.4V
5
µA
IREF
VREF Input Bias Current
0
±100
µA
VREF
Reference Voltage Output
1.235
V
VOC
Output Compliance
Referred to VDD
-0.4
0
+1.5
V
CDI
Digital Input Capacitance
4
10
pF


Similar Part No. - FMS3110KRC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS3110KRC FAIRCHILD-FMS3110KRC Datasheet
170Kb / 11P
   Triple Video D/A Converters 3 x 10 bit, 150 Ms/s
More results

Similar Description - FMS3110KRC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS3110 FAIRCHILD-FMS3110 Datasheet
170Kb / 11P
   Triple Video D/A Converters 3 x 10 bit, 150 Ms/s
FMS3810 FAIRCHILD-FMS3810 Datasheet
168Kb / 11P
   Triple Video D/A Converters 3 x 8 bit, 150 Ms/s
FMS3818 FAIRCHILD-FMS3818_04 Datasheet
484Kb / 13P
   Triple Video D/A Converters 3 x 8 bit, 180 Ms/s
FMS3818 FAIRCHILD-FMS3818 Datasheet
178Kb / 13P
   Triple Video D/A Converter 3 x 8 bit, 180 Ms/s
logo
Mitsubishi Electric Sem...
M65530FP MITSUBISHI-M65530FP Datasheet
1Mb / 7P
   TRIPLE 10-BIT VIDEO D-A CONVERTER
M65533FP MITSUBISHI-M65533FP Datasheet
119Kb / 16P
   TRIPLE 10-BIT VIDEO D-A CONVERTER
logo
Fairchild Semiconductor
FMS9884A FAIRCHILD-FMS9884A Datasheet
238Kb / 29P
   3x8-Bit, 108/140/175 Ms/s Triple Video A/D Converter with Clamps
logo
Cadeka Microcircuits LL...
TMC3003 CADEKA-TMC3003 Datasheet
200Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Fairchild Semiconductor
TMC3033 FAIRCHILD-TMC3033 Datasheet
119Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Cadeka Microcircuits LL...
TMC3033 CADEKA-TMC3033 Datasheet
216Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com