Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS3818 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FMS3818
Description  Triple Video D/A Converters 3 x 8 bit, 180 Ms/s
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS3818 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FMS3818_04 Datasheet HTML 1Page - Fairchild Semiconductor FMS3818_04 Datasheet HTML 2Page - Fairchild Semiconductor FMS3818_04 Datasheet HTML 3Page - Fairchild Semiconductor FMS3818_04 Datasheet HTML 4Page - Fairchild Semiconductor FMS3818_04 Datasheet HTML 5Page - Fairchild Semiconductor FMS3818_04 Datasheet HTML 6Page - Fairchild Semiconductor FMS3818_04 Datasheet HTML 7Page - Fairchild Semiconductor FMS3818_04 Datasheet HTML 8Page - Fairchild Semiconductor FMS3818_04 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
FMS3818
DATA SHEET
2
REV. 1.2.3 December 2004
Functional Description
Within the FMS3818 are three identical 8-bit D/A
converters, each with a current source output. External loads
are required to convert these currents to voltage outputs.
Data inputs RGB7-0 are overridden by the BLANK input.
SYNC = H activates sync current from IOS for sync-on-
green video signals.
Figure 1. FMS3818 Current Source Structure
Digital Inputs
Incoming GBR data is registered on the rising edge of the
clock input, CLK. Analog outputs follow the rising edge of
CLK after a delay, tDO.
SYNC and BLANK
SYNC and BLANK inputs control the output level (Figure 1
and Table 1) of the D/A converters during CRT retrace
intervals. BLANK forces the D/A outputs to the blanking
level while SYNC = L turns off a current source, IOS that is
connected to the green D/A converter. SYNC = H adds a
112/256 fraction of full-scale current to the green output.
SYNC = L extinguishes the sync current during the sync tip.
Figure 2. Nominal Output Levels
BLANK gates the D/A inputs. If BLANK = H, the D/A
inputs control the output currents to be added to the output
blanking level. If BLANK = L, data inputs and the pedestal
are disabled.
D/A Outputs
Each D/A output is a current source from the VDDA supply.
Expressed in current units, the GBR transformation from
data to current is as
follows:
G = G7-0 & BLANK + SYNC * 112
B = B7-0 & BLANK
R = R7-0 & BLANK
Typical LSB current step is 73.2 µA.
To obtain a voltage output, a resistor must be connected to
ground. Output voltage depends upon this external resistor,
the reference voltage, and the value of the gain-setting resis-
tor connected between RREF and GND.
To implement a doubly-terminated 75
Ω transmission line, a
shunt 75
Ω resistor should be placed adjacent to the analog
output pin. With a terminated 75
Ω line connected to the
analog output, the load on the FMS3818 current source is
37.5
Ω.
The FMS3818 may also be operated with a single 75 Ohm
terminating resistor. To lower the output voltage swing to the
desired range, the nominal value of the RREF resistor should
be doubled.
Voltage Reference
Full scale current is a multiple of the current ISET through an
external resistor, RSET connected between the RREF pin and
GND. Voltage across RSET is the reference voltage, VREF,
which can be derived from either the 1.25 volt internal
bandgap reference or an external voltage reference
connected to VREF. To minimize noise, a 0.1µF capacitor
should be connected between VREF and ground.
ISET is mirrored to each of the GBR output current sources.
To minimize noise, a 0.1µF capacitor should be connected
between the COMP pin and the analog supply voltage VDDA.
Power and Ground
Required power is a single +3.3 Volt supply. To minimize
power supply induced noise, analog +3.3V should be
connected to VDDD and VDDA pins with 0.1 and 0.01 µF
decoupling capacitors placed adjacent to each VDD pin or
pin pair.
High slew-rate digital data makes capacitive coupling to the
outputs of any D/A converter a potential problem. Since the
digital signals contain high-frequency components of the
CLK signal, as well as the video output signal, the resulting
data feedthrough often looks like harmonic distortion or
reduced signal-to-noise performance. All ground pins should
be connected to a common solid ground plane for best
performance.
VDDA
SYNC
VDDA
VDDA
G7-0
B7-0
VDDA
R7-0
IOS
data: 700 mV max.
sync: 307 mV


Similar Part No. - FMS3818_04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS3818KRC FAIRCHILD-FMS3818KRC Datasheet
178Kb / 13P
   Triple Video D/A Converter 3 x 8 bit, 180 Ms/s
More results

Similar Description - FMS3818_04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS3818 FAIRCHILD-FMS3818 Datasheet
178Kb / 13P
   Triple Video D/A Converter 3 x 8 bit, 180 Ms/s
FMS3810 FAIRCHILD-FMS3810 Datasheet
168Kb / 11P
   Triple Video D/A Converters 3 x 8 bit, 150 Ms/s
FMS3110 FAIRCHILD-FMS3110_04 Datasheet
478Kb / 11P
   Triple Video D/A Converters 3 x 10 bit, 150 Ms/s
FMS3110 FAIRCHILD-FMS3110 Datasheet
170Kb / 11P
   Triple Video D/A Converters 3 x 10 bit, 150 Ms/s
FMS9884A FAIRCHILD-FMS9884A Datasheet
238Kb / 29P
   3x8-Bit, 108/140/175 Ms/s Triple Video A/D Converter with Clamps
logo
Cadeka Microcircuits LL...
TMC1203 CADEKA-TMC1203 Datasheet
193Kb / 16P
   Triple Video A/D Converter 8-Bit, 50Msps
logo
Texas Instruments
THS8134 TI1-THS8134_14 Datasheet
408Kb / 26P
[Old version datasheet]   TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
logo
Sanyo Semicon Device
LC89066 SANYO-LC89066 Datasheet
51Kb / 4P
   6-Bit Video A/D Converters
LC89060 SANYO-LC89060 Datasheet
94Kb / 5P
   6-Bit Video D/A Converters
logo
Fairchild Semiconductor
TMC1103X50 FAIRCHILD-TMC1103X50 Datasheet
87Kb / 16P
   Triple Video A/D Converter with Clamps 8-Bit, 50Msps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com