Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6444CA Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6444CA
Description  Dual PWM Controller with DDR Memory Option for Gateway Applications
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6444CA Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6444CA Datasheet HTML 5Page - Intersil Corporation ISL6444CA Datasheet HTML 6Page - Intersil Corporation ISL6444CA Datasheet HTML 7Page - Intersil Corporation ISL6444CA Datasheet HTML 8Page - Intersil Corporation ISL6444CA Datasheet HTML 9Page - Intersil Corporation ISL6444CA Datasheet HTML 10Page - Intersil Corporation ISL6444CA Datasheet HTML 11Page - Intersil Corporation ISL6444CA Datasheet HTML 12Page - Intersil Corporation ISL6444CA Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
FN9069.3
April 12, 2007
synchronous MOSFET compared to a Shottky diode. In
contrast, continuous-conduction operation in load currents
lower than the inductor critical value results in lower
efficiency. In this case, during a fraction of a switching cycle,
the direction of the inductor current changes to the opposite
actively discharging the output filter capacitor.
To maintain the output voltage in regulation, the discharged
energy should be restored during the consequent cycle of
operation by the cost of increased circulating current and
losses associated with it.
The critical value of the inductor current can be estimated by
the following expression.
To improve converter efficiency in loads lower than critical,
the switch-over to variable frequency hysteretic operation
with diode emulation is implemented into the PWM scheme.
The switch-over is provided automatically by the mode
control circuit that constantly monitors the inductor current
and alters the way the PWM signal is generated.
The voltage across the synchronous MOSFET at the
moment of time just before the upper-MOSFET turns on is
monitored for purposes of mode change. When the
converter operates in currents higher than critical, this
voltage is always positive as shown in Figure 3 and 4. In
currents lower than critical, the voltage is always negative.
The mode control circuit uses a sign of voltage across the
synchronous devices to determine if the load current is
higher or lower than the critical value.
To prevent chatter between operating modes, the circuit
looks for eight sequential matching sign signals before it
makes its decision to perform a mode change. The same
algorithm is true for both CCM-hysteretic and hysteretic-
CCM transitions.
Hysteretic Operation
When the critical inductor current is detected, the converter
enters hysteretic mode. The PWM comparator and the error
amplifier that provided control in the CCM mode are inhibited
and the hysteretic comparator is now activated. A change is
also made to the gate logic. In hysteretic mode the
synchronous rectifier MOSFET is controlled in diode
emulation mode, hence conduction in the second quadrant
is prohibited.
The hysteretic comparator initiates the PWM signal when the
output voltage gets below the lower threshold and
terminates the PWM signal when the output voltage rises
over the upper threshold. A spread or hysteresis between
these two thresholds determines the switching frequency
and the peak value of the inductor current. A transition to a
constant frequency CCM mode will happen when the load
current gets to a level higher than the critical:
Where,
ΔVhys= 15mV, is a hysteretic comparator window,
ESR is the equivalent series resistance of the output
capacitor.
Because of different control mechanisms, the value of the
load current where transition into CCM operation takes place
FIGURE 2. OUTPUT VOLTAGE PROGRAM
R2
R1
UGATE
LGATE
ISL6444
L1
Q1
Q2
C1
VOUT
VSEN
Vin
RCS
ISEN
OCSET
ROC
Cz
I
HYS
V
IN
V
O
() V
O
2F
SW
L
O
V
IN
--------------------------------------------------
=
(EQ. 4)
FIGURE 3. CCM -- HYSTERETIC TRANSITION
PWM
Hysteretic
1 2 3 4 5
6 7 8
VOUT
IIND
PHASE
OPERATION
MODE
OF
t
t
t
t
COMP
FIGURE 4. HYSTERETIC -- CCM TRANSITION
PWM
Hysteretic
1
2 3 4 5
6 7
8
VOUT
IIND
PHASE
COMP
OPERATION
MODE
OF
t
t
t
t
I
CCM
ΔV
hys
2
ESR
----------------------
(EQ. 5)
ISL6444


Similar Part No. - ISL6444CA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6444CA INTERSIL-ISL6444CA Datasheet
440Kb / 18P
   Dual PWM Controller with DDR Memory Option for Gateway Applications
logo
Renesas Technology Corp
ISL6444CA RENESAS-ISL6444CA Datasheet
944Kb / 19P
   Dual PWM Controller with DDR Memory Option for Gateway Applications
logo
Intersil Corporation
ISL6444CA-T INTERSIL-ISL6444CA-T Datasheet
440Kb / 18P
   Dual PWM Controller with DDR Memory Option for Gateway Applications
logo
Renesas Technology Corp
ISL6444CAZ RENESAS-ISL6444CAZ Datasheet
944Kb / 19P
   Dual PWM Controller with DDR Memory Option for Gateway Applications
More results

Similar Description - ISL6444CA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6444 RENESAS-ISL6444 Datasheet
944Kb / 19P
   Dual PWM Controller with DDR Memory Option for Gateway Applications
logo
Intersil Corporation
ISL6444 INTERSIL-ISL6444 Datasheet
440Kb / 18P
   Dual PWM Controller with DDR Memory Option for Gateway Applications
ISL6225 INTERSIL-ISL6225 Datasheet
522Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
logo
Renesas Technology Corp
ISL6225 RENESAS-ISL6225 Datasheet
851Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227 INTERSIL-ISL6227_07 Datasheet
861Kb / 28P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227 INTERSIL-ISL6227 Datasheet
840Kb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Renesas Technology Corp
ISL6227 RENESAS-ISL6227 Datasheet
1Mb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Intersil Corporation
ISL6539 INTERSIL-ISL6539 Datasheet
510Kb / 20P
   Wide Input Range Dual PWM Controller with DDR Option
logo
Renesas Technology Corp
ISL6539 RENESAS-ISL6539 Datasheet
933Kb / 20P
   Wide Input Range Dual PWM Controller with DDR Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com