Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS3110 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FMS3110
Description  Triple Video D/A Converters 3 x 10 bit, 150 Ms/s
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS3110 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FMS3110_04 Datasheet HTML 1Page - Fairchild Semiconductor FMS3110_04 Datasheet HTML 2Page - Fairchild Semiconductor FMS3110_04 Datasheet HTML 3Page - Fairchild Semiconductor FMS3110_04 Datasheet HTML 4Page - Fairchild Semiconductor FMS3110_04 Datasheet HTML 5Page - Fairchild Semiconductor FMS3110_04 Datasheet HTML 6Page - Fairchild Semiconductor FMS3110_04 Datasheet HTML 7Page - Fairchild Semiconductor FMS3110_04 Datasheet HTML 8Page - Fairchild Semiconductor FMS3110_04 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
FMS3110/3115
DATA SHEET
2
REV. 1.07 12/8/04
Functional Description
Within the FMS3110/3115 are three identical 10-bit D/A
converters, each with a current source output. External loads
are required to convert the current to voltage outputs. Data
inputs RGB7-0 are overridden by the BLANK input. SYNC
= H activates, sync current from IOS for sync-on-green video
signals.
Digital Inputs
All digital inputs are TTL-compatible. Data is registered on
the rising edge of the CLK signal. Following one stage of
pipeline delay, the analog output changes tDO after the rising
edge of CLK.
SYNC and BLANK
SYNC and BLANK inputs control the output level (Figure 1
and Table 1) of the D/A converters during CRT retrace
intervals. BLANK forces the D/A outputs to the blanking
level while SYNC = L turns off a current source that is
connected to the green D/A converter. SYNC = H adds a 40
IRE sync pulse to the green output, SYNC = L sets the green
output to 0.0 Volts during the sync tip. SYNC and BLANK
are registered on the rising edge of CLK.
BLANK gates the D/A inputs and sets the pedestal voltage.
If BLANK = HIGH, the D/A inputs are added to a pedestal
which offsets the current output. If BLANK = Low, data
inputs and the pedestal are disabled.
Figure 1. Nominal Output Levels
D/A Outputs
Each D/A output is a current source. To obtain a voltage
output, a resistor must be connected to ground. Output
voltage depends upon this external resistor, the reference
voltage, and the value of the gain-setting resistor connected
between RREF and GND.
Normally, a source termination resistor of 75 Ohms is
connected between the D/A current output pin and GND
near the D/A converter. A 75 Ohm line may then be
connected with another 75 Ohm termination resistor at the
far end of the cable. This “double termination” presents the
D/A converter with a net resistive load of 37.5 Ohms.
The FMS3110/3115 may also be operated with a single 75
Ohm terminating resistor. To lower the output voltage swing
to the desired range, the nominal value of the resistor on
RREF should be doubled.
Voltage Reference
All three D/A converters are supplied with a common
voltage reference. Internal bandgap voltage reference voltage
is +1.235 Volts with a 3K
Ω source resistance. An external
voltage reference may be connected to the VREF pin,
overriding the internal voltage reference.
A 0.1µF capacitor must be connected between the COMP
pin and VDD to stabilize internal bias circuitry and ensure
low-noise operation.
Power and Ground
Required power is a single +5.0 Volt supply. To minimize
power supply induced noise, analog +5V should be connected
to VDD pins with 0.1 and 0.01 µF decoupling capacitors
placed adjacent to each VDD pin or pin pair.
The high slew-rate of digital data makes capacitive coupling
to the outputs of any D/A converter a potential problem.
Since the digital signals contain high-frequency components
of the CLK signal, as well as the video output signal, the
resulting data feedthrough often looks like harmonic
distortion or reduced signal-to-noise performance. All
ground pins should be connected to a common solid ground
plane for best performance.
data: 660 mV max.
pedestal: 54 mV
sync: 286 mV


Similar Part No. - FMS3110_04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS3110KRC FAIRCHILD-FMS3110KRC Datasheet
170Kb / 11P
   Triple Video D/A Converters 3 x 10 bit, 150 Ms/s
More results

Similar Description - FMS3110_04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS3110 FAIRCHILD-FMS3110 Datasheet
170Kb / 11P
   Triple Video D/A Converters 3 x 10 bit, 150 Ms/s
FMS3810 FAIRCHILD-FMS3810 Datasheet
168Kb / 11P
   Triple Video D/A Converters 3 x 8 bit, 150 Ms/s
FMS3818 FAIRCHILD-FMS3818_04 Datasheet
484Kb / 13P
   Triple Video D/A Converters 3 x 8 bit, 180 Ms/s
FMS3818 FAIRCHILD-FMS3818 Datasheet
178Kb / 13P
   Triple Video D/A Converter 3 x 8 bit, 180 Ms/s
logo
Mitsubishi Electric Sem...
M65530FP MITSUBISHI-M65530FP Datasheet
1Mb / 7P
   TRIPLE 10-BIT VIDEO D-A CONVERTER
M65533FP MITSUBISHI-M65533FP Datasheet
119Kb / 16P
   TRIPLE 10-BIT VIDEO D-A CONVERTER
logo
Fairchild Semiconductor
FMS9884A FAIRCHILD-FMS9884A Datasheet
238Kb / 29P
   3x8-Bit, 108/140/175 Ms/s Triple Video A/D Converter with Clamps
logo
Cadeka Microcircuits LL...
TMC3003 CADEKA-TMC3003 Datasheet
200Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Fairchild Semiconductor
TMC3033 FAIRCHILD-TMC3033 Datasheet
119Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Cadeka Microcircuits LL...
TMC3033 CADEKA-TMC3033 Datasheet
216Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com