Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMMT549 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FMMT549
Description  PNP Low Saturation Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMMT549 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FMMT549_06 Datasheet HTML 1Page - Fairchild Semiconductor FMMT549_06 Datasheet HTML 2Page - Fairchild Semiconductor FMMT549_06 Datasheet HTML 3Page - Fairchild Semiconductor FMMT549_06 Datasheet HTML 4Page - Fairchild Semiconductor FMMT549_06 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FMMT549 Rev. C
tm
August 2006
FMMT549
PNP Low Saturation Transistor
Features
• ThIs device is designed with high current gain and low saturation voltage
with collector currents up to 2A continous.
• Sourced from process PB.
Absolute Maximum Ratings * T
a = 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations
Thermal Characteristics *
* Device mounted on FR-4 PCB 4.5” X 5”, mounting pad 0.02 in2 of 2 oz copper.
Symbol
Parameter
Value
Unit
VCEO
Collector-Emitter Voltage
-30
V
VCBO
Collector-Base Voltage
-35
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current - Continuous
- Peak Pulse Current
-1
-2
A
A
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature Range
- 55 ~ 150
°C
Symbol
Parameter
Value
Unit
PD
Total Device Dissipation, by RθJA
Derate above 25
°C
500
4
mW
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient
250
°C/W
1. Base 2. Emitter 3. Collector
SOT-23
1
2
3


Similar Part No. - FMMT549_06

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT549A ZETEX-FMMT549A Datasheet
122Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Guangdong Kexin Industr...
FMMT549A KEXIN-FMMT549A Datasheet
36Kb / 2P
   Medium Power Transistor
logo
Diodes Incorporated
FMMT549A DIODES-FMMT549A Datasheet
131Kb / 2P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
FMMT549A DIODES-FMMT549A Datasheet
225Kb / 5P
   30V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT23
FMMT549ATA DIODES-FMMT549ATA Datasheet
225Kb / 5P
   30V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT23
More results

Similar Description - FMMT549_06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSB660 FAIRCHILD-FSB660 Datasheet
223Kb / 7P
   PNP Low Saturation Transistor
FZT749 FAIRCHILD-FZT749 Datasheet
27Kb / 2P
   PNP Low Saturation Transistor
FSB660 FAIRCHILD-FSB660_01 Datasheet
54Kb / 4P
   PNP Low Saturation Transistor
logo
ON Semiconductor
FZT790A ONSEMI-FZT790A Datasheet
279Kb / 7P
   PNP Low Saturation Transistor
February 2015 Rev. 3.1
FSB749 ONSEMI-FSB749 Datasheet
267Kb / 6P
   PNP Low Saturation Transistor
January 2014 Rev. 1.1.0
logo
Fairchild Semiconductor
FMBS549 FAIRCHILD-FMBS549 Datasheet
204Kb / 6P
   PNP Low Saturation Transistor
FMBS549 FAIRCHILD-FMBS549_06 Datasheet
178Kb / 5P
   PNP Low Saturation Transistor
FPN660 FAIRCHILD-FPN660 Datasheet
57Kb / 5P
   PNP Low Saturation Transistor
ZTX749A FAIRCHILD-ZTX749A Datasheet
40Kb / 3P
   PNP Low Saturation Transistor
NZT660 FAIRCHILD-NZT660 Datasheet
200Kb / 7P
   PNP Low Saturation Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com