Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6526CB Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6526CB
Description  Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6526CB Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6526CB Datasheet HTML 3Page - Intersil Corporation ISL6526CB Datasheet HTML 4Page - Intersil Corporation ISL6526CB Datasheet HTML 5Page - Intersil Corporation ISL6526CB Datasheet HTML 6Page - Intersil Corporation ISL6526CB Datasheet HTML 7Page - Intersil Corporation ISL6526CB Datasheet HTML 8Page - Intersil Corporation ISL6526CB Datasheet HTML 9Page - Intersil Corporation ISL6526CB Datasheet HTML 10Page - Intersil Corporation ISL6526CB Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
FN9055.8
March 20, 2007
ENABLE
This pin is the open-collector enable pin. Pulling this pin to a
level below 0.8V will disable the controller. Disabling the
ISL6526, ISL6526A cause the oscillator to stop, the LGATE
and UGATE outputs to be held low, and the soft-start circuitry
to re-arm.
CT1 and CT2
These pins are the connections for the external charge
pump capacitor. A minimum of a 0.1
μF ceramic capacitor is
recommended for proper operation of the IC.
CPVOUT
This pin represents the output of the charge pump. The
voltage at this pin is the bias voltage for the IC. Connect a
decoupling capacitor from this pin to ground. The value of
the decoupling capacitor should be at least 10x the value of
the charge pump capacitor. This pin may be tied to the
bootstrap circuit as the source for creating the BOOT
voltage.
CPGND
This pin represents the signal and power ground for the
charge pump. Tie this pin to the ground island/plane through
the lowest impedance connection available.
Functional Description
Initialization
The ISL6526, ISL6526A automatically initialize upon receipt
of power. Special sequencing of the input supplies is not
necessary. The Power-On Reset (POR) function continually
monitors the output voltage of the charge pump. During
POR, the charge pump operates on a free running oscillator.
Once the POR level is reached, the charge pump oscillator
is synched to the PWM oscillator. The POR function also
initiates the soft-start operation after the charge pump output
voltage exceeds its POR threshold.
Soft-Start
The POR function initiates the digital soft-start sequence.
The PWM error amplifier reference is clamped to a level
proportional to the soft-start voltage. As the soft-start voltage
slews up, the PWM comparator generates PHASE pulses of
increasing width that charge the output capacitor(s). This
method provides a rapid and controlled output voltage rise.
The soft-start sequence typically takes about 6.5ms.
Figure 1 shows the soft-start sequence for a typical application.
At t0, the +3.3V VCC voltage starts to ramp. At time t1, the
Charge Pump begins operation and the +5V CPVOUT IC bias
voltage starts to ramp up. Once the voltage on CPVOUT
crosses the POR threshold at time t2, the output begins the
soft-start sequence. The triangle waveform from the PWM
oscillator is compared to the rising error amplifier output
voltage. As the error amplifier voltage increases, the pulse-
width on the UGATE pin increases to reach the steady-state
duty cycle at time t3.
Shoot-Through Protection
A shoot-through condition occurs when both the upper
MOSFET and lower MOSFET are turned on simultaneously,
effectively shorting the input voltage to ground. To protect
the regulator from a shoot-through condition, the ISL6526,
ISL6526A incorporate specialized circuitry which insures
that the complementary MOSFETs are not ON
simultaneously.
The adaptive shoot-through protection utilized by the
ISL6526, ISL6526A look at the lower gate drive pin, LGATE,
and the upper gate drive pin, UGATE, to determine whether
a MOSFET is ON or OFF. If the voltage from UGATE or from
LGATE to GND is less than 0.8V, then the respective
MOSFET is defined as being OFF and the complementary
MOSFET is turned ON. This method of shoot-through
protection allows the regulator to sink or source current.
Since the voltage of the lower MOSFET gate and the upper
MOSFET gate are being measured to determine the state of
the MOSFET, the designer is encouraged to consider the
repercussions of introducing external components between
the gate drivers and their respective MOSFET gates before
actually implementing such measures. Doing so may
interfere with the shoot-through protection.
Output Voltage Selection
The output voltage can be programmed to any level between
VIN and the internal reference, 0.8V. An external resistor
divider is used to scale the output voltage relative to the
reference voltage and feed it back to the inverting input of
the error amplifier, see Figure 2. However, since the value of
R1 affects the values of the rest of the compensation
components, it is advisable to keep its value less than 5k
Ω.
R4 can be calculated based on the following equation:
FIGURE 1. SOFT-START INTERVAL
0V
TIME
T2
T3
T0
CPVOUT (5V)
VCC (3.3V)
VOUT (2.50V)
(1V/DIV)
T1
R4
R1
0.8V
×
V
OUT1
0.8V
--------------------------------------
=
(EQ. 2)
ISL6526, ISL6526A


Similar Part No. - ISL6526CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6526CBZ INTERSIL-ISL6526CBZ Datasheet
330Kb / 15P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
logo
Renesas Technology Corp
ISL6526CBZ RENESAS-ISL6526CBZ Datasheet
874Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6526CBZ INTERSIL-ISL6526CBZ Datasheet
447Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
September 30, 2015
ISL6526CBZ-T INTERSIL-ISL6526CBZ-T Datasheet
330Kb / 15P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
logo
Renesas Technology Corp
ISL6526CBZ-T RENESAS-ISL6526CBZ-T Datasheet
874Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results

Similar Description - ISL6526CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6520A INTERSIL-ISL6520A Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520 INTERSIL-ISL6520_07 Datasheet
323Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6406 RENESAS-ISL6406 Datasheet
986Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Oct 21, 2015
logo
Intersil Corporation
ISL6406 INTERSIL-ISL6406 Datasheet
357Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520ACB-T INTERSIL-ISL6520ACB-T Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6527 INTERSIL-ISL6527 Datasheet
329Kb / 16P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6526 INTERSIL-ISL6526 Datasheet
330Kb / 15P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
logo
Renesas Technology Corp
ISL6520A RENESAS-ISL6520A Datasheet
674Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6520B RENESAS-ISL6520B Datasheet
632Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6527 RENESAS-ISL6527 Datasheet
841Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6520 INTERSIL-ISL6520 Datasheet
402Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com