Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL6412 Datasheet(PDF) 6 Page - Intersil Corporation

Part No. ISL6412
Description  Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL6412 Datasheet(HTML) 6 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
FN9067.1
March 20, 2007
FIGURE 3. SHUTDOWN, FAULT, and RESET OPERATION
FIGURE 4. LDO1 TRANSIENT RESPONSE (10mA to 330mA)
FIGURE 5. LDO2 TRANSIENT RESPONSE (10mA to 200mA)
FIGURE 6. LDO3 TRANSIENT RESPONSE (10mA to 100mA)
FIGURE 7. RESET DELAY DURING START-UP (CT = 0.01µF)
FIGURE 8. RESET DELAY DURING START-UP (CT = 0.1µF)
Typical Performance Curves
The test conditions for the Typical Operating Performance are: VIN = 3.3V, TA = +25°C,
Unless Otherwise Noted (Continued)
SHDN
2V/DIV
VOUT1
2V/DIV
RESET
2V/DIV
FAULT
2V/DIV
20ms/DIV
VOUT1
50mV/DIV
IOUT1
200mA/DIV
1ms/DIV
VOUT2
100mV/DIV
IOUT2
100mA/DIV
1ms/DIV
VOUT3
100mV/DIV
IOUT3
50mA/DIV
1ms/DIV
RESET
0.5V/DIV
CT
0.5V/DIV
VIN
0.5V/DIV
20ms/DIV
CT
0.5V/DIV
RESET
0.5V/DIV
VIN
0.5V/DIV
100ms/DIV
ISL6412


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn